Part Number Hot Search : 
UNR32A6 2SK439 1SS351 74150 2SC3171 M95080B 15200 1330A
Product Description
Full Text Search
 

To Download BYV29F-400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV29F Series
PRV : 300 - 400 Volts Io : 8 Ampere
FEATURES :
* Ideally suited for free wheeling diode power factor correction applications * Soft recovery characteristics * Excellent high temperature switching * Glass passivated chip junction * Pb / RoHS Free
Dual Ultrafast Plastic Rectifiers
ITO-220AB
0.134(3.4)DIA. 0.113(3.0)DIA. 0.112(2.85) 0.100(2.55) 0.406(10.3)MAX. 0.185(4.70)Max. 0.124(3.16)Max. 0.272(6.9) 0.248(6.3) 0.603(15.5) 0.573(14.8) 1 0.543(13.8) 0.512(13.2) 23 0.161(4.1)Max. 0.055(1.4)Max. 0.110(2.8) 0.098(2.5)
0.035(0.9)Max.
MECHANICAL DATA :
* Case : Epoxy, Molded * Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Polarity: As marked * Mounting Position: Any * Weight : 2.24 grams (Approximately)
0.030(0.76)Max. 0.100(2.55) PIN 1 PIN 2 PIN 3
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Tc =25C unless otherwise specified.)
RATING
Maximum Repetitive Peak Reverse Voltage Maximum Working Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current, Tc = 100C Maximum Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage per Leg at IF = 8 A, Tj = 25C IF = 8 A, Tj = 150C IF = 20 A, Tj = 25C Maximum Reverse Current per Leg at Working Peak Reverse Voltage Maximum Reverse Recovery Time per Leg (IF = 0.5A, IR = 1.0A, Irr = 0.25A ) Maximum Thermal Resistance, Junction to Case Operating storage and temperature range Page 1 of 2 IR IR(H) Trr RJC TJ, TSTG VF 1.25 1.03 1.40 10 (Tc = 25C) 350 (Tc = 100C) 35 5.5 - 40 to + 150 A A ns C/W C Rev. 02 : March 25, 2005 V IFSM 110 A
SYMBOL
VRRM VRWM VRMS VDC IF(AV)
BYV29F-300
300 300 210 300 8.0
BYV29F-400
400 400 280 400
UNIT
V V V V A
RATING AND CHARACTERISTIC CURVES ( BYV29F Series )
FIG.1 - MAXIMUM FORWARD CURRENT DERATING CURRENT
12 150 Resistive or Inductive Load 10
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Tj =150 C
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
125
8.3ms SINGLE HALF SINE-WAVE (JEDEC) Method
8
100
6
75
4
50
2
25
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
1000
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ = 100 C 100
10
1
10 TJ = 25 C 1
0.1
TJ = 25 C
Pulse Width = 300 s 1% Duty Cycle
0.01 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE, pF
100
10 TJ = 25C f = 1.0 MHz Vsig = 50 mVp-p
0 0.1
1
10
100
REVERSE VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of BYV29F-400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X