Part Number Hot Search : 
00TTS MMBZ5240 LH4002 MHW1345N SS133 AK2360A FOD07 BAV20
Product Description
Full Text Search
 

To Download BP5048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BP5048 / BP5048-15 / BP5048-24
Power Module
AC / DC Converter
BP5048 / BP5048-15 / BP5048-24
The BP5048, BP5048-15 and BP5048-24 are AC / DC converters which can be used to supply DC output from a commercial power supply (200 to 220 V AC). Using these modules enable simple, easy drive of microcomputers, LEDs, and other electronic components without using a transformer. They also allow set PCBs to be kept compact and lightweight, with extremely few attachments. These products can accommodate the 200V AC power supplies used as household power supplies in Asia and Europe, as well as in buildings and facilities in Japan.
!Applications Power supply circuits for vacuum cleaners, refrigerators, washing machines, air conditioners, irons, electric carpets, cordless telephones, air purifiers, humidifiers, dehumidifiers, home bakery devices, electric crock pots and rice cookers, illumination devices and other small household appliances, as well as power supply circuits for gas leakage sensors, and other industrial products
!Features 1) Elimination of a transformer enables compact, lightweight power supply boards. 2) Wide input voltage range.(249 to 358V DC for DC voltage conversion) 3) DC power supplies can be easily configured, with few attachments. 4) Because no transformer is used, the power supply board is less vulnerable to splitting or cracking from impact or shock. 5) Allow easy assemblage of components.
!List of the BP5048 series
BP5048 Power supply voltage Output voltage Output current 249~358 12 300 BP5048-15 249~358 15 200 BP5048-24 249~358 24 200 Unit V V
mA
!Absolute maximum ratings (Ta=25C)
Parameter Power supply voltage Operating temperature range Storage temperature range Symbol VIN Topr Tstg Limits 358 -20~+80 -25~+105 Unit V
C C
!Recommended operating conditions (Ta=25C)
Parameter Power supply voltage Symbol VIN Min. 249 Typ. 311 Max. 358 Unit V(DC)
BP5048 / BP5048-15 / BP5048-24
Power Module
!Block diagram
5 12 Switching circuit
3 Current detector 1
Drive circuit
Voltage detector
7
Note : Connect coil externally
!Pin descriptions
Pin No. 1 3 5 7 10 12 Pin name VOUT COIL COIL COMMON NC VIN
Pins 2, 4, 6, 8, 9,11 are removed
!Electrical characteristics (Unless otherwise noted, Ta=25C) BP5048
Parameter Input voltage Output voltage Output current Line regulation Load regulation Output ripple voltage Conversion efficiency Symbol VIN VO IO Vr Vl Vp Min. 249 11.0 0 -0.20 -0.20 - 65 Typ. 311 12.0 - 0.05 0.05 0.07 78 Max. 358 13.0 300 +0.20 +0.20 0.15 - Unit V V mA V V VPP % DC VIN=311V, Io=100mA VIN=311V VIN=249~358V, Io=100mA VIN=311V, Io=0~100mA VIN=311V, Io=100mA VIN=311V, Io=300mA
2
Conditions
1
1 Maximum output current varies depending on ambient temperature ; please refer to derating curve. 2 Spike noise is not included in output ripple voltage.
BP5048 / BP5048-15 / BP5048-24
Power Module
BP5048-15
Parameter Input voltage Output voltage Output current Line regulation Load regulation Output ripple voltage Conversion efficiency Symbol VIN VO IO Vr Vl Vp Min. 249 13.9 0 -0.20 -0.20 - 60 Typ. 311 15.0 - 0.05 0.05 0.07 75 Max. 358 16.1 200 +0.20 +0.20 0.15 - Unit V V mA V V VPP % DC VIN=311V, Io=100mA VIN=311V VIN=249~358V, Io=100mA VIN=311V, Io=0~100mA VIN=311V, Io=100mA VIN=311V, Io=200mA
2
Conditions
1
1 Maximum output current varies depending on ambient temperature ; please refer to derating curve. 2 Spike noise is not included in output ripple voltage.
BP5048-24
Parameter Input voltage Output voltage Output current Line regulation Load regulation Output ripple voltage Conversion efficiency Symbol VIN VO IO Vr Vl Vp Min. 249 23.0 0 -0.20 -0.20 - 65 Typ. 311 24.0 - 0.05 0.05 0.07 78 Max. 358 25.8 200 +0.20 +0.20 0.15 - Unit V V mA V V VPP % DC VIN=311V, Io=100mA VIN=311V VIN=249~358V, Io=100mA VIN=311V, Io=0~100mA VIN=311V, Io=100mA VIN=311V, Io=200mA
2
Conditions
1
1 Maximum output current varies depending on ambient temperature ; please refer to derating curve. 2 Spike noise is not included in output ripple voltage.
Spike noise
Ripple
!Measurement circuits BP5048 / BP5048-15
BP5048 / BP5048-15
12 10
7
5
3
1
A
1mH (C13-FR MITSUMI) VIN 33F/450V 220F/50V
V
Use a low-impedance product for the output capacitor.
Fig.1
BP5048 / BP5048-15 / BP5048-24
Power Module
BP5048-24
BP5048-24
12 10
7
5
3
1
A
1.5mH (C13-FR MITSUMI) VIN 33F/450V 220F/50V
V
Use a low-impedance product for the output capacitor.
Fig.2
!Application example Half wave rectifier circuit
BP5048 / BP5048-15 / BP5048-24 12 7 5 3 1 +
Full wave rectifier circuit
BP5048 / BP5048-15 / BP5048-24 12 7 5 3 1
OUTPUT
OUTPUT
-
Fig.3
!Operation notes (1) Output current should be reduced with increasing ambient temperature. (2) Over current and shorted circuit The overcurrent protection circuit limits the current to about 330mA (BP5048), 240mA (BP5048-15), 230mA (BP5048-24) with drooping model. If there is any danger of the load being shorted or overcurrent being produced, always use a protective device such as a fuse. (3) Insulation These products are not insulated on the primary side, and there is a danger of electrical shock if they are touched. (4) Avoid subjecting these products to strong impact. (5) Lead pins should be securely connected. If lead pins are not securely connected, irregular voltages could be produced, causing breakdowns and damage.
BP5048 / BP5048-15 / BP5048-24
Power Module
!Electrical characteristic curves BP5048
0.35 0.3
OUTPUT CURRENT : IO (A)
OUTPUT VOLTAGE : VO (V)
13 12.8 12.6 12.4 12.2 12 11.8 11.6 11.4
TEMPERATURE RISING : T (K)
35 30 25 20 15 10 5 0 0
0.25 0.2 0.15 0.1 0.05 0 -20 -10 0
11.2
10 20 30 40 50 60 70 80
11 0
50
100
150
200
250
300
50
100
150
200
250
300
AMBIENT TEMPERATURE : Ta (C)
OUTPUT CURRENT : IO (mA)
OUTPUT CURRENT : IO (mA)
Fig.4 Derating curve
Fig.5 Load regulation
Fig.6 Surface temperature rise
100
CONVERSION EFFICIENCY : (%)
90 80 70 60 50 40 30 20 10 0 0 50 100 150 200 250 300
OUTPUT CURRENT : IO (mA)
Fig.7 Conversion efficiency
BP5048-15
0.25
16.1 15.9
OUTPUT CURRENT : IO (A)
35
OUTPUT VOLTAGE : VO (V)
0.2
15.7 15.5 15.3 15.1 14.9 14.7 14.5 14.3 14.1
TEMPERATURE RISING : T (K)
30 25 20 15 10 5 0 0
0.15
0.1
0.05
0 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE : Ta (C)
13.9 0
50
100
150
200
50
100
150
200
OUTPUT CURRENT : IO (mA)
OUTPUT CURRENT : IO (mA)
Fig.8 Derating curve
Fig.9 Load regulation
Fig.10 Surface temperature rise
BP5048 / BP5048-15 / BP5048-24
Power Module
100
CONVERSION EFFICIENCY : (%)
90 80 70 60 50 40 30 20 10 0 0 50 100 150 200
OUTPUT CURRENT : IO (mA)
Fig.11 Conversion efficiency
BP5048-24
0.25
25.8 25.6 25.4 25.2 25 24.8 24.6 24.4 24.2 24 23.8 23.6 23.4 23.2 23 0
45 40 35 30 25 20 15 10 5
0.15
0.1
0.05
0 -20 -10 0
OUTPUT VOLTAGE : VO (V)
0.2
TEMPERATURE RISING : T (K)
OUTPUT CURRENT : IO (A)
10 20 30 40 50 60 70 80
50
100
150
200
0 0
50
100
150
200
AMBIENT TEMPERATURE : Ta (C)
OUTPUT CURRENT : IO (mA)
OUTPUT CURRENT : IO (mA)
Fig.12 Derating curve
Fig.13 Load regulation
Fig.14 Surface temperature rise
100
CONVERSION EFFICIENCY : (%)
90 80 70 60 50 40 30 20 10 0 0 50 100 150 200
OUTPUT CURRENT : IO (mA)
Fig.15 Conversion efficiency
BP5048 / BP5048-15 / BP5048-24
Power Module
!External dimensions (Units : mm)
35.0Max. ROHM BP5048 9822S
9.2Max.
BP5048 / 5048-15 / 5048-24
41
1 5.08
3
5
7
10
12 1.30.2 4.35Max. 0.250.05 4.85Max.
0.50.1 27.94Typ.
3.6Max.
SIP12
Marked side
22.0Max.
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of BP5048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X