Part Number Hot Search : 
C1455 MV5453 R7004404 TN5D51 5684F3 72000 4S1073 SIHFP
Product Description
Full Text Search
 

To Download BCX68 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCX68
NPN Silicon AF Transistors For general AF applications High collector current High current gain Low collector-emitter saturation voltage Complementary type: BCX69 (PNP)
1 2 3
Thermal Resistance
1For calculation of R thJA please refer to Application Note Thermal Resistance
1

2
VPS05162
Type BCX68 BCX68-10 BCX68-16 BCX68-25 Maximum Ratings Parameter
Marking CA CB CC CD 1=B 1=B 1=B 1=B
Pin Configuration 2=C 2=C 2=C 2=C 3=E 3=E 3=E 3=E
Package SOT89 SOT89 SOT89 SOT89
Symbol VCEO VCBO VEBO
Values 20 25 5 1 2 100 200 1 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage
DC collector current Peak collector current Base current Peak base current Total power dissipation, TS = 130 C Junction temperature Storage temperature
IC ICM IB IBM Ptot Tj Tstg
A mA W C
Junction - soldering point 1)
RthJS
20
K/W
Jun-29-2001
BCX68
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. Characteristics Collector-emitter breakdown voltage IC = 30 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IB = 0 Emitter-base breakdown voltage IE = 1 A, IC = 0 Collector cutoff current VCB = 25 V, IE = 0 Collector cutoff current VCB = 25 V, IE = 0 , TA = 150 C DC current gain 1) IC = 5 mA, VCE = 10 V DC current gain 1) IC = 500 mA, VCE = 1 V BCX68 BCX68-10 BCX68-16 BCX68-25 DC current gain 1) IC = 1 A, VCE = 1 V Collector-emitter saturation voltage1) IC = 1 A, IB = 100 mA Base-emitter voltage 1) IC = 5 mA, VCE = 10 V IC = 1 A, VCE = 1 V VBE(ON) 0.6 1 VCEsat 0.5 hFE hFE 85 85 100 160 60 100 160 250 375 160 250 375 hFE 50 ICBO 100 ICBO 100 V(BR)EBO 5 V(BR)CBO 25 V(BR)CEO 20 typ. max.
Unit
V
nA A -
V
AC Characteristics Transition frequency IC = 100 mA, VCE = 5 V, f = 20 MHz fT 100 MHz
1) Pulse test: t =300s, D = 2%
2
Jun-29-2001
BCX68
Total power dissipation Ptot = f(TS)
Collector current I C = f (VBE)
VCE = 1V
10 4 mA
BCX 68 EHP00461
1.1
W
0.9 0.8
C
10 3 5 100 C 25 C -50 C
Ptot
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0
10 2 5
10 5
1
10 0
15 30 45 60 75 90 105 120
C 150 TS
0
0.2
0.4
0.6
0.8
1.0 V 1.2 VBE
Permissible pulse load
Ptotmax / PtotDC = f (tp )
10 3 Ptot max 5 Ptot DC
BCX 68 EHP00462
Transition frequency fT = f (IC)
VCE = 5V
10 3 MHz
T
BCX 68 EHP00463
tp D= T
tp
fT
5
10 2 5
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 2
5
10 0 10 -6
10 -5
10 -4
10 -3
10 -2
s tp
10 0
10 1 10 0
5 10 1
5
10 2
mA
10 3
C
3
Jun-29-2001
BCX68
DC current gain hFE = f (IC )
VCE = 1V
10 3 5
BCX 68 EHP00464
Collector-emitter saturation voltage
IC = f (VCEsat), h FE = 10
4 BCX 68 EHP00465
10 mA
h FE
100 C 10 2 5 25 C -50 C
C
10 5 100 C 25 C -50 C
3
10 5
2
10 1 5
10 5
1
10 0 10 0
10
0
5 10 1
5 10 2
5 10 3
mA 10 4
0
0.2
0.4
0.6
V
0.8
C
VCE sat
Collector cutoff current ICBO = f (TA)
VCB = 25V
10 5 nA
BCX 68 EHP00466
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
10 4 mA
BCX 68 EHP00467
CB0
10 4 5 10 5 10 2 5 10 5 10 0
1 3
max
C
10 3 5 100 C 25 C -50 C
10 2
typ
5
10 5
1
0
50
100
C TA
150
10 0
0
0.2
0.4
0.6
0.8
1.0 V 1.2 VBE sat
4
Jun-29-2001


▲Up To Search▲   

 
Price & Availability of BCX68

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X