Part Number Hot Search : 
C124GC XR2206M MN101 PDF246 C33840 C4072D Z15L102 AD8574AR
Product Description
Full Text Search
 

To Download BB201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D088
BB201 Low-voltage variable capacitance double diode
Product specification 2001 Oct 12
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
FEATURES * Excellent linearity * C1: 95 pF; C7.5: 27.6 pF * C1 to C7.5 ratio: min. 3.1 * Very low series resistance * Small plastic SMD package. APPLICATIONS * Electronic tuning in FM-radio * Voltage Controlled Oscillators (VCO). DESCRIPTION The BB201 is a variable capacitance double diode with a common cathode, fabricated in silicon planar technology and encapsulated in the SOT23 small plastic SMD package. MARKING TYPE NUMBER BB201 MARKING CODE SCp
handbook, halfpage
BB201
PINNING PIN 1 2 3 anode (a1) anode (a2) common cathode DESCRIPTION
3 3 1 2
1
2
MAM169
Fig.1 Simplified outline (SOT23) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL Per diode VR IF Tstg Tj continuous reverse voltage continuous forward current storage temperature range operating junction temperature - - -55 -55 15 20 +125 +125 V mA C C PARAMETER MIN. MAX. UNIT
2001 Oct 12
2
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL Per diode IR rS Cd reverse current diode series resistance diode capacitance VR = 15 V VR = 15 V; Tj = 85 C f = 100 MHz; VR = 3 V VR = 1 V; f = 1 MHz VR = 3 V; f = 1 MHz VR = 7.5 V; f = 1 MHz VR = 8 V; f = 1 MHz C d ( 1V ) ------------------C d ( 7.5V ) capacitance ratio f = 1 MHz - - - 89 - 25.5 - 3.1 - - 0.25 95 60 27.6 25.5 - 10 200 0.5 102 - 29.7 - 3.8 PARAMETER CONDITIONS MIN. TYP. MAX.
BB201
UNIT
nA nA pF pF pF pF
GRAPHICAL DATA
handbook, full pagewidth
140 Cd (pF) 120
MGU477
100
80
60
40
20
0 10-1
1
10
VR (V)
102
Fig.2 Diode capacitance as a function of reverse voltage; typical values.
2001 Oct 12
3
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
BB201
103 handbook, halfpage IR (nA)
MGU478
10-3 handbook, halfpage TCd (K-1)
MGU479
102 10-4
10
1
0
20
40
60
80 Tj (C)
100
10-5 10-1
1
10 VR (V)
102
Fig.4 Fig.3 Reverse current as a function of junction temperature; maximum values.
Temperature coefficient of diode capacitance as a function of reverse voltage; typical values.
2001 Oct 12
4
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
PACKAGE OUTLINE Plastic surface mounted package; 3 leads
BB201
SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC TO-236AB EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
2001 Oct 12
5
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
BB201
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2001 Oct 12
6
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
NOTES
BB201
2001 Oct 12
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/01/pp8
Date of release: 2001
Oct 12
Document order number:
9397 750 08684


▲Up To Search▲   

 
Price & Availability of BB201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X