|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMICONDUCTOR TECHNICAL SPECIFICATION RECTRON SMALL SIGNAL DIODE BAV19WS BAV20WS BAV21WS VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere FEATURES * Fast Switching Speed * Surface Mount Package Ideally Suited for Automatic Insertion * For General Purpose Switching Applications SOD-323 MECHANICAL DATA * * * * * .014(.35) .010(.25) Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.004 grams .071(1.80) .063(1.60) .055(1.40) .047(1.20) .106(2.70) .098(2.50) .006(.15) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. .003(.08) MAX.039(1.00) REF .019(0.46) .004(.10) .000(.00) Dimensions in inches and (millimeters) MAXIMUM RATINGS (@T A =25 OC unless otherwise noted) RATINGS Non-Repetitive Peak Reverse Voltage Maximum Repetitive Peak Reverse Voltage Maximum Working Peak reverse Voltage Maximum DC Blocking Voltage RMS Reverse Voltage Forward Comtinuous Current Average Rectified Output Current Peak Forward Surge Current Repetitive Peak Forward Current Reverse Recovery Time(I F=I R=30mA I rr =0.1XI R,R L=100W) Capacitance between terminals (V R=0V,f=1MHz) Power Dissipation Storage Temperature Range ELECTRICAL CHARACTERISTICS (@T A =25 OC unless otherwise noted) CHARACTERISTICS Forward Voltage @IF=0.1A @IF=0.2A @VR=100V (BAV19WS) @t<1.0mS @t<1.0S SYMBOL VRM VRRM VRWM VR VRMS IFM IO IFSM IFRM Trr CT PD TSTG BAV19WS 120 100 71 BAV20WS 200 150 106 400 200 2.5 0.5 BAV21WS 250 200 141 UNITS Volts Volts Volts mAmps mAmps Amps mAmps nS pF mW O 625 50 5 200 -65 to + 150 C SYMBOL VF BAV19WS BAV20WS 1.0 1.25 BAV21WS UNITS Volts Reverse Current @VR=150V (BAV20WS) @VR=200V (BAV21WS) IR 0.1 uAmps Note 1: "Fully ROHS compliant", "100% Sn plating (Pb-free)". 2007-1 RATING AND CHARACTERISTICS CURVES ( BAV19WS/BAV20WS/BAV21WS ) IF, INSTANTANEOUS FORWARD CURRENT(A) 300 Pd, POWER DISSIPATION(mW) 1 250 200 150 100 50 0 0.1 TA =-40 OC 0.01 TA = 75 OC T A = 0 OC TA = 25 OC TA = 75 OC TA = 125 OC 0 25 50 75 100 O 125 150 0.001 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 TA, AMBIENT TEMPERATURE( C) VF, INSTANTANEOUS FORWARD VOLTAGE(V) Figure1 Power Derating Curve IR, INSTANTANEOUS REVERSE CURRENT(mA) Figure2 Typical Foward Characteristics 4.0 CT,TOTAL CAPACITANCE(pF) 100 10 1 0.1 0.01 0.001 0.0001 0 50 100 TA = 150 OC TA = 125 OC TA = 75 OC TA = 25 C O 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 10 20 f= 1.0MHz T A = 0 OC TA = -40 OC 150 200 250 30 40 VR,INSTANTANEOUS REVERSE VOLTAGE(V) VR, REVERSE VOLTAGE(V) Figure3 Typical Reverse Characteristics Figure4 Typical Capacitance vs Reverse Voltage RECTRON DISCLAIMER NOTICE Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures. RECTRON |
Price & Availability of BAV21WS |