Part Number Hot Search : 
AM188 PAA150F GBJ15005 05001 FMMT5551 L6232 MSB55CA PL354
Product Description
Full Text Search
 

To Download AV9012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
AV9012 TO-92 Plastic-Encapsulate Transistors
AV9012 TRANSISTOR PNP
FEATURES Power dissipation PCM : 0.625 WTamb=25 Collector current ICM : -0.5 A Collector-base voltage V(BR)CBO : -40 V Operating and storage junction temperature range TJTstg: -55 to +150
TO--92
1. EMITTER 2. BASE 3.COLLECTOR
1
23
ELECTRICAL CHARACTERISTICSTamb=25 unless otherwise specified
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO HFE1 DC current gain HFE2 Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter voltage VCE(sat) VBE(sat) VEB VCE= -1V, IC =-500 mA IC=-500 mA, IB=-50 mA IC=-500mA,IB=-50 mA IE=-100mA VCE=- 6 V, IC= -20 mA 40 -0.6 -1.2 -1.4 V V V Test conditions Ic= -100A IE=0 Ic= -0. 1 mA IB=0 IE= -100A IC=0 VCB=-40 V IE=0 VCE=- 20 V IB=0 VEB= - 5 V IC=0 VCE= -1 V, IC= -50 mA 64 MIN -40 -25 -5 -0.1 -0.2 -0.1 300 MAX UNIT V V V
A A A
Transition frequency
fT
f =30MHz
150
MHz
CLASSIFICATION OF HFE(1)
Rank
Range
D 64-91
E 78-112
F 96-135
G 112-166
H 144-202
I 190-300
Copyright (c) Avic Electronics Corp.
1
Website: http://www.avictek.com
@vic
Typical Characteristics
-50 IB=-300A IB=-250A IB=-200A -30 -20 -10 0 0 -10 -20 -30 -40 -50 IB=-150A IB=-100A IB=-50A 1000
AV9012
VCE = -1V
IC[mA], Collector Current
-40
hFE, DC Current Gain
100
10 -10 -100 -1000
VCE[V], Collector-Emitter Voltage Figure 1. Static Characteristic
IC[mA], Collector Current Figure 2. DC current Gain
fT[MHz], Current Gain-Bandwidth Product
1000 VBE(sat)
1000
VCE = -6V
VBE(sat), VCE(sat)[V], Saturation Voltage
100
100
VCE(sat)
10
10 -10 -100
IC=10IB -1000
1 -1 -10 -100 -1000 -10000
IC[mA], Collector Current Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
IC[mA], Collector Current Figure 4. Current Gain Bandwidth Product
Copyright (c) Avic Electronics Corp.
2
Website: http://www.avictek.com


▲Up To Search▲   

 
Price & Availability of AV9012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X