|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PHOTO-INTERRUPTER ATIR0611S Features !Ultra-small !Minimal influence from stray light !Low collector-emitter saturation voltage Package Dimensions Applications !Optical control equipment. !Cameras. !Floppy disk drives. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice. Absolute Maximum Ratings (T==25C) Par am et er Forward current Input Reverse voltage Power dissipation Collector-emitter voltage Output Emitter-collector voltage Collector current Collector power dissipation Operating temperature Storage temperature Soldering temperature (1/16 inch from body for 5 seconds) Sy m b o l IF VR P V C EO V EC O IC PC Topr Tstg Tsol Rat in g 50 5 75 30 5 20 75 -25~+85 -40~+100 260 Un it mA V mW V V mA mW C C C SPEC NO: CDA0600 APPROVED: J.Lu REV NO: V.1 CHECKED : Digitally signed by wyne chiu cn=wyne chiu, c=CN Date: 2001.11.06 11:29:37 +08'00' Reason: DATE: NOV/05/2001 DRAWN: X.H.FU PAGE: 1 OF3 Electro-optical Characteristics (Ta=25C) Par am et er Forward voltage Input Reverse current Output Collector dark current Collector-emitter saturation voltage Transfer characteristics Current transfer ratio Rise time Response time Fall time tf IR I C EO VCE(sat) CTR tr VR=5V VCE=20V I C=1mA I F=40mA VCE=5V I F=20mA VCE=2V I C=2mA R L=100 _ _ _ _ _ _ _ _ _ 14 5 4 10 10 0 0.4 _ 25 20 A nA V % sec sec Sy m b o l VF Co n d it io n s I F=20mA Min . _ Ty p . 1.2 Max . 1.5 Un it V Fig.1 Forward Current vs. Forward Voltage Fig.2 Collector Current vs. Forward Current Fig.3 Collector Current vs. Collector-emitter Voltage SPEC NO: CDA0600 APPROVED: J.Lu REV NO: V.1 CHECKED : Digitally signed by wyne chiu cn=wyne chiu, c=CN Date: 2001.11.06 11:29:57 +08'00' Reason: DATE: N0V/05/2001 DRAWN: X.H.FU PAGE: 2 OF3 Fig.4 Collector Current vs. Ambient Temperature Fig.5 Collector-emitter Saturation Voltage vs. Ambient Temperature Fig.6 Relative Collector Current vs. Shield Distance(1) Fig.7 Relative Collector Current vs. Shield Distance(2) Fig.8 Response Time vs. Load Resistance Test Circuit for Response Time SPEC NO: CDA0600 APPROVED: J.Lu REV NO: V.1 CHECKED : Digitally signed by wyne chiu cn=wyne chiu, c=CN Date: 2001.11.06 11:30:14 +08'00' Reason: DATE: NOV/05/2001 DRAWN: X.H.FU PAGE: 3 OF3 |
Price & Availability of ATIR0611S |