Part Number Hot Search : 
1100S G914B EPM7032A Z5259B MRF904 LU1T125H 34404 M41T6010
Product Description
Full Text Search
 

To Download ASI10701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VFT5-28
VHF POWER MOSFET
N-Channel Enhancement Mode
DESCRIPTION:
The ASI VFT5-28 is a N-Channel Enhancement-Mode RF Power MOSFET Designed for AM and FM Power Amplifier Applications up to 250 MHz.
PACKAGE STYLE .380 4L FLG
B .112 x 45 A
FEATURES INCLUDE:
* PG = 14 dB Typical at 175 MHz * 30:1 Load VSWR Capability * OmnigoldTM Metalization System
S G
C D F E
D S
O.125 NOM. FULL R J .125
I GH
MAXIMUM RATINGS
ID VDSS VGS PDISS TJ T STG JC
O
1.0 A 60 V 40 V 17.5 W @ TC = 25 C -65 C to +200 C -65 OC to +150 OC 10 OC/W
O O
DIM A B C D E F G H I J
MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .785 / 19.94 .720 / 18.29 .970 / 24.64 .004 / 0.10 .085 / 2.16 .160 / 4.06 .240 / 6.10
.230 / 5.84 .730 / 18.54 .980 / 24.89 .385 / 9.78 .006 / 0.15 .105 / 2.67 .180 / 4.57 .280 / 7.11 .255 / 6.48
ASI ORDER CODE: ASI10701
NONE
CHARACTERISTICS
SYMBOL
BV DSS IDSS IGSS VGS(th) gfs Ciss Coss Crss PG D
TC = 25 OC
TEST CONDITIONS
ID = 5 mA VDS = 28 V VDS = 0 V ID = 25 mA ID = 250 mA VDS = 28 V VDD = 50 V F = 175 MHz VGS = 0 V VGS = 20 V VDS = 10 V VDS = 10 V VGS = 0 V IDQ = 50 mA f = 1.0 MHz Pout = 5.0 W
MINIMUM
60
TYPICAL MAXIMUM UNITS
1.0 1.0 6.0 V mA A V mS pF dB %
1.0 80 9.0 7.0 1.0 13 50 14 60
VSWR = 30:1 AT ALL PHASE ANGLES
NO DEGRADATION IN OUTPUT POWER
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X