Part Number Hot Search : 
TLE4278G 2N7372 BD985 MK53732A G510102 MTE1300N TLE4278G CT4A07
Product Description
Full Text Search
 

To Download ARF1505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S
D
S
ARF1505
D G S
ARF1505
BeO 1525-xx
RF POWER MOSFET
N - CHANNEL ENHANCEMENT MODE * Specified 300 Volt, 27.12 MHz Characteristics: * Output Power = 750 Watts. * Gain = 17dB (Class C) * Efficiency > 75%
MAXIMUM RATINGS
Symbol VDSS ID VGS PD TJ,TSTG TL Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Gate-Source Voltage Total Device Dissipation @ TC = 25C Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
S
G
S
300V
750W
40MHz
The ARF1505 is an RF power transistor designed for off-line 300V operation in very high power scientific, commercial, medical and industrial RF power generator and amplifier applications up to 40 MHz.
* High Performance Power RF Package. * Very High Breakdown for Improved Ruggedness. * Low Thermal Resistance. * Nitride Passivated Die for Improved Reliability.
All Ratings: TC = 25C unless otherwise specified.
ARF1505 UNIT Volts Amps Volts Watts C
1200 25 30 1500 -55 to 200 300
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS VDS(ON) IDSS IGSS g fs V isolation VGS(TH) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250 A) On State Drain Voltage
1
MIN
TYP
MAX
UNIT Volts A nA mhos Volts
1200 8 9.5 100 1000 400 5.5 2500 3 5 6
(ID(ON) = 12.5A, VGS = 10V)
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Forward Transconductance (VDS = 25V, ID = 12.5A) RMS Voltage (60Hz Sinewave from terminals to mounting surface for 1 minute) Gate Threshold Voltage (VDS = VGS, ID = 50mA)
Volts
THERMAL CHARACTERISTICS
Symbol RJC RCS Characteristic (per package unless otherwise noted) Junction to Case Case to Sink (Use High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.) MIN TYP MAX UNIT
6-2005 050-4922 Rev C
0.12 0.09
C/W
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 200V f = 1 MHz VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 1.6 MIN TYP MAX
ARF1505
UNIT
5400 300 125 8 5 25 13
6500 400 160
pF
ns
FUNCTIONAL CHARACTERISTICS
Symbol GPS Characteristic Common Source Amplifier Power Gain Drain Efficiency Electrical Ruggedness VSWR 10:1 Test Conditions f = 27.12 MHz VGS = 0V VDD = 300V MIN TYP MAX UNIT dB %
15 70
17 75
Pout = 750W
No Degradation in Output Power
1 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%. APT Reserves the right to change, without notice, the specifications and information contained herein.
Per transistor section unless otherwise specified.
20,000 10,000 5000
CAPACITANCE (pf)
Ciss
1000 500 Coss Crss 100 .1 1 10 100 200 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 1, Typical Capacitance vs. Drain-to-Source Voltage
60
ID, DRAIN CURRENT (AMPERES)
100
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
DATA FOR BOTH SIDES IN PARALLEL
100us
40 30 20 10 0 TJ = +25C TJ = +125C 0
TJ = -55C
ID, DRAIN CURRENT (AMPERES)
50
50
OPERATION HERE LIMITED BY RDS (ON)
1ms 10 5 TC =+25C TJ =+200C SINGLE PULSE
6-2005
10ms
050-4922 Rev C
100ms
1 2 4 6 8 10 12 14 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) Figure 2, Typical Transfer Characteristics
1 5 10 50 100 1200 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 3, Typical Maximum Safe Operating Area
1.15
ID, DRAIN CURRENT (AMPERES)
35 VGS = 10 & 9V 30 25 20 15 10 5V 5 0 7V 8V
ARF1505
1.10
VGS(th), THRESHOLD VOLTAGE (NORMALIZED)
1.05 1.00 0.95 0.90 0.85 0.80 0.75 -50 -25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Figure 4, Typical Threshold Voltage vs Temperature 0.2 0.1
6V
0 5 10 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 5, Typical Output Characteristics
, THERMAL IMPEDANCE (C/W)
D=0.5 0.2 0.1
0.01
0.05 0.02 0.01 SINGLE PULSE Note:
PDM t1 t2 Peak TJ = PDM x ZJC + TC Duty Factor D = t1/t2
0.001
Z
JC
0.0001 10-5
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) Figure 6, Maximum Effective Transient Thermal Impedance, Junction-to-Case vs. Pulse Duration
10-4
10
F (MHz) TYPICAL LARGE SIGNAL INPUT - OUPUT IMPEDANCE CHARACTERISTICS 2.0 13.5 27 40
Zin () 5.4 - j 9.6 0.30 - j 1.2 0.26 + j .58 0.36 + j 1.6
Clamp
ZOL () 46 - j 10.5 16.4 - j 23 4.9 - j 14.6 2.3 - j 10.3
Zin - Gate shunted with 25 ZOL - Conjugate of optimum load for 750 Watts output IDQ = 100mA Vdd = 300V
1.065 .250
S
D
Thermal Considerations and Package Mounting: The rated 1500W power dissipation is only available when the package mounting surface is at 25C and the junction temperature is 200C. The thermal resistance between junctions and case mounting surface is 0.12 C/W. When installed, an additional thermal impedance of 0.1C/W between the package base and the mounting surface is typical. Insure that the mounting surface is smooth and flat. Thermal joint compound must be used to reduce the effects of small surface irregularities. The heatsink should incorporate a copper heat spreader to obtain best results. The package is designed to be clamped to a heatsink. A clamped joint maintains the required mounting pressure while allowing for thermal expansion of both the device and the heat sink. A simple clamp, and two 6-32 (M3.5) screws can provide the minimum 125 lb required mounting force. T = 12 in-lb.
S
.500
Heat Sink
ARF15-BeO 1525-xx
1.065
.045
S
G
S
.500
.005 .207 .375 .105 typ. .207
HAZARDOUS MATERIAL WARNING
D
G S
The ceramic portion of the device between leads and mounting surface is beryllium oxide, BeO. Beryllium oxide dust is toxic when inhaled. Care must be taken during handling and mounting to avoid damage to this area . These devices must never be thrown away with general industrial or domestic waste.
050-4922 Rev C
6-2005
A RF1505 -- 27.12 MHz Test Circ uit
L4 C7 C6 L1 C1 RF Input C2 C3 C 11 R2 L2 T L1 R1 R3 V bias C4 C 12 C5 C9 L3 C 8 C 10 300V Output C1, C7, C8, C11 .047mF 500V cerami disc C2, C12 Arco 465 75-380pF mica trimmer C3 2x 4700pF ATC 700B C4, C9-C10 8200pF 500V NPO ceramic C5 200pF ATC 100E C6 150pF ATC 700B L1 90nH 4t # 18 0.25"d .25"I L2 200nH - 3t # 8 1" dia 1"I L3 6H - 22t # 24 enam 0.5"dia L4 500nH 2t on 850 .5" bead R1-R3 1K 1/4W TL1 .112" x 1" (50) Stripline
B eO
ARF 1505
201
A RF 1500
135-05
J1
J2
27 MHz Amp ARF1505
R F 11-04
050-4922 Rev C
6-2005
27 MHz Amp ARF1505
R F 11-04


▲Up To Search▲   

 
Price & Availability of ARF1505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X