Part Number Hot Search : 
PT493F 11100 KSH1300 HD6803 24D15 05325 LTC680 SC4793
Product Description
Full Text Search
 

To Download APX9145EE-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APX9145
High Sensitivity Hall Effect Sensor IC with FG Output
Features
* * * * * * * On-chip Hall Sensor Build-in Output Zener Diodes to Clamp the Peak Output Voltage Build-in Frequency Generation Output High Output Sinking Capability up to 400mA High Sensitivilty Hall Effect Senser IC: 65G 4 pin TO-92M Package Lead Free Available (RoHS Compliant)
General Description
The APX9145 is an integrated Hall Effect Sensor IC wit h frequenc y generat ion out put for elec t ric commut ation of DC brushless motor applications. The AP X9145 is available in a low c os t TO-92M4 package.
Pin Outs
APX9145
Applications
*
Brushless DC Fan
Front View
1 : FG 2 : DO 3 : DOB 4 : GND
12 34
Ordering and Marking Information
APX9145
Lead Free Code Handling Code Temp. Range Package Code
APX 9145 XXXXX
Package Code E : TO - 92M4 Operating Ambient Temp. Range E : - 20 to 70 C Handling Code PB : Plastic Bag TB : Tape & Box TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
APX9145 E :
No te: ANPEC lea d-free prod ucts contain mo ld ing co mpo und s/d ie attach m ate ria ls an d 1 00% ma tte tin pla te te rmin atio n fi nish ; wh ich are full y compl iant with Ro HS and compa tibl e wi th both SnPb an d le ad-free sold ieri ng op era tio ns. AN PEC le ad-free produ cts me et or exceed th e l ead -free req uireme nts of IPC /JEDEC J STD -02 0C fo r MSL classi ficati on at lea d-fre e p eak re flo w temp era ture.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005 1 www.anpec.com.tw
APX9145
Block Diagram
APX9145
Temperature Compensated Current Amplifier Zener Diodes
Voltage Regulator
Hall Element
Latch Circuit
Output Buffer 1 Output Buffer 2 Zener Diodes
DO DOB
Rotation Frequency Detection
Hysteresis Control Sensitivity Control
Gnd
FG
Pin Description
PIN No. 1 2 3 4 Name FG DO DOB GND Coil output / Power input Coil output / Power input IC ground Description Open collector pin for rotation frequency detection
Absolute Maximum Ratings
Symbol VCC VOFF IFG IOUT PD TJ TSTG T SOL FG Pin Off Voltage FG Sink Current Output Current Maximum Power Dissipation Junction Temperature Range Storage Temperature Range Soldering Temperature (10 Sec.) Parameter Supply Voltage (DO/DOB Voltage)
(TA = 25C unless otherwise noted)
Rating 25 25 10 500 500 -20 to 150 -65 to 150 260
Unit V V mA mA mW C
Note 1: Stresses beyond the absolute maximum rating may damage the devic e and operating in the absolute maximum rating conditions may affect device reliability. Note 2: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD (max) = (TJ - TA) / JA ; TJ = 125C. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005 2 www.anpec.com.tw
APX9145
Recommended Operating Conditions
Symbol VC C I OUT I FG VOFF TJ TA Parameter Supply voltage (DO/DOB Voltage) Maximum Output Sink Current Maximum FG Sink Current Maximum FG Pin Off Voltage Operating Ambient Temperature Junction Temperature Range
(TA = 25C)
Rating 3.7 to 20 400 5 20 -20 to 70 -20 to 125
Unit V mA mA V C C
Electrical Characteristics
Symbol VSAT ICC IOFF VON Vclamp tr tf td Parameter Output Saturation Voltage Supply Current FG OFF Leakage Current FG ON Saturation Voltage Clamp Output Voltage Output Rise Time Output Fall Time Propagation Delay Time
(TA = 25C, VCC=12V unless otherwise noted)
Test Condition IOUT = 400mA
APX9145 Min. Typ. 700 11 Max. 900 15 1 0.4
Unit mV mA A V V S S S
IFG = 5mA
0.2 33
RL = 200, CL = 10pF RL = 200, CL = 10pF RL = 200, CL = 10pF
0.4 0.1 2
Magnetic Characteristics
Symbol Bop Brp Parameter Magnetic Operate Points Magnetic Release Points
(TA = 25C, VCC=12V unless otherwise noted)
Test Condition
APX9145 Min. 10 -65 Typ. Max. 65 -10
Unit Gauss Gauss
C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005
3
www.anpec.com.tw
APX9145
Test Circuit
V1 +B -B V2
IFG
A IOFF
A
ICC
VON V
V VCC
Note 1: Measure VCC, ICC when DO is off. Note 2: Measure VON, IFG when FG is on. Note 3: Measure IOFF when FG is off.
Application Circuit
Typical DC brushless fan applicat ion circuit
VFG VDD
APX9145
+B -B 1 234 L1 L2
C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005
4
www.anpec.com.tw
APX9145
Typical Characteristics
(TA = 25C, VCC=12V unless otherwise noted)
Supply Current vs. Supply Voltage
12
12
Supply Current vs. Temperature
10
11.5
Supply Current (mA)
Supply Current (mA)
8
11
6
10.5
4
10
2
9.5
0 0 5 10 15 20 25
9 -20
0
20
40
60
80
100
120
140
Supply Voltage (V)
Temperature (C)
Magnetic Switching Points vs. Supply Voltage
60
Magnetic Switching Points vs. Temperature
60
Magnetic Switching Points (G)
Magnetic Switching Points (G)
3 7 11 15 19 23
45 30 15 0 -15 -30 -45 -60
45 30 15 0 -15 -30 -45 -60 -20
0
20
40
60
80
100
120
140
Supply Voltage (V)
Temperature (C)
C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005
5
www.anpec.com.tw
APX9145
Typical Characteristics (Cont.)
Output Current vs. Output Saturation Voltage
400 350 300 250 200 150 100 50 0 0.15 0.3 0.45 0.6 0.75
FG Sink Current vs FG On Saturation Voltage
5
FG Sink Current (mA)
Output Current (mA)
4
3
2
1
0 0.1
0.15
0.2
0.25
Output Saturation Voltage (V)
FG On Saturation Voltage(V)
Power Dissipation vs. Temperature
600 500 400 300 200 100 0 0 25 50 75 100 125
Power Dissipation (mW)
Temperature (C)
C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005
6
www.anpec.com.tw
APX9145
Package Information
TO-92M4
Marking Surface S E L A L1 b1 e1 D J
1.35mm 1.75mm
IC chip
C
e
Sensitive Area (0.286x 0.286mm2) Position of Hall Sensor reference to the top-left of package x= 1.35 0.1mm y= 1.75 0.1mm
Dim A b1 C D e e1 E J L L1 S
Millimeters Min. 3.60 0.35 0.351 5.17 3.78 1.24 1.50 4.04 14.0 1.342 0.45 Max. 3.70 0.41 0.411 5.27 3.84 1.30 1.60 4.34 15.0 1.542 0.55 Min. 0.141 0.014 0.014 0.203 0.148 0.049 0.059 0.158 0.549 0.053 0.018
Inches Max. 0.145 0.016 0.016 0.207 0.150 0.051 0.063 0.170 0.588 0.060 0.022
C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005
7
www.anpec.com.tw
APX9145
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
(IR/Convection or VPR Reflow)
Reflow Condition
TP
tp Critical Zone T L to T P
Ramp-up
TL
Temperature
tL Tsmax
Tsmin Ramp-down ts Preheat
25
t 25 C to Peak
Time
Classificatin Reflow Profiles
Profile Feature Sn-Pb Eutectic Assembly Pb-Free Assembly Average ramp-up rate 3C/second max. 3C/second max. (TL to T P) Preheat 100C 150C - Temperature Min (Tsmin) C 150 200C - Temperature Max (Tsmax) 60-120 seconds 60-180 seconds - Time (min to max) (ts) Time maintained above: 183C 217C - Temperature (TL) 60-150 seconds 60-150 seconds - Time (t L) Peak/Classificatioon Temperature (Tp) See table 1 See table 2 Time within 5 C of actual 10-30 seconds 20-40 seconds Peak Temperature (tp) Ramp-down Rate 6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25 C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005 8 www.anpec.com.tw
APX9145
Classificatin Reflow Profiles (Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Temperatures 3 3 Package Thickness Volume mm Volume mm <350 350 <2.5 mm 240 +0/-5 C 225 +0/- 5 C 2.5 mm 225 +0/-5 C 225 +0/- 5 C
Table 2. Pb-free Process - Package Classification Reflow Temperatures 3 3 3 Package Thickness Volume mm Volume mm Volume mm <350 350 -2000 >2000 <1.6 mm 260 +0 C * 260 +0 C* 260 +0 C * 1.6 mm - 2.5 mm 260 +0 C * 250 +0 C* 245 +0 C * 2.5 mm 250 +0 C * 245 +0 C* 245 +0 C * *Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means Peak reflow temperature +0 C. For example 260 C+0 C) at the rated MSL level.
Reliability test program
Test item SOLDERABILITY HOLT PCT TST ESD Latch-Up Method MIL-STD-883D-2003 MIL-STD-883D-1005.7 JESD-22-B, A102 MIL-STD-883D-1011.9 MIL-STD-883D-3015.7 JESD 78 Description 245 C , 5 SEC 1000 Hrs Bias @ 125 C 168 Hrs, 100 % RH , 121 C -65 C ~ 150C, 200 Cycles VHBM > 2KV, VMM > 200V 10ms , Itr > 100mA
Carrier Tape & Reel Dimensions
t P P1 D
Po E
F W
Bo
Ao
Ko D1
C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005
9
www.anpec.com.tw
APX9145
Carrier Tape & Reel Dimensions (Cont.)
T2
J C A B
T1
Application
A0 3.18~12 C2 7.8
A1 901 D 4.00.2 H2A
A2 761 D1 0.36~0.53 H3
A3 301 D2 9.0 MAX H4
B0 901 F1=F2 2.5+0.2 -0.1 H5=H0+M 18.50.5 T3 15
B1 311 F1-F2 0.3 L 11.0 MAX T4 1.7
B2 761 M 2.50.5 L1 2.5 MIN W 18.00.2
C0 5.8 H 160.5 P 12.70.3 W1 6.00.2
C1 3.8 H1 90.5 P1 6.350.4 W2 1
TO-92
H2
0.5 MAX 0.5 MAX 27.0 MAX 20.0 MAX P2 T T1 T2
50.80.5 0.55 MAX 1.42 MAX 0.36~0.68
(mm)
Cover Tape Dimensions
Application TO-92 Carrier Width 17.5~19 Cover Tape Width 5.0~7.0 Devices Per Reel 2000 (mm)
Customer Service
Anpec Electronics Corp. Head Office : No.6, Dusing 1st Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
C opyright (c) ANPEC Electronics C orp. Rev. A.2 - Nov., 2005
10
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APX9145EE-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X