Part Number Hot Search : 
TLN102 HC404 AON6403L HN547 C3L03 TEW5498 29F002 A1716
Product Description
Full Text Search
 

To Download APW7061KC-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APW7061
Synchronous Buck PWM Controller
Features
* *
Fast Transient Response - 0~85% Duty Ratio Excellent Output Voltage Regulation - 0.8V Internal Reference - 1% Over Line Voltage and Temperature
General Description
The APW7061 is a voltage mode, synchronous PWM cont roller which drives dual N-c hannel MOSFETs . It integrates t he c ont rols, monitoring and protec tion funct ions into a single package, which provides one c ontrolled power output s wit h under-voltage and over-current protections. APW7061 provides excellent regulation for output load variation. An internal 0.8V temperature-compensated reference voltage is designed to meet the various low output voltage applications. A power-on-reset (POR) circuit limits the VCC minimum opearting s upply voltage to ass ure the c ontroller working well. Over current protec tion is achieved by monit oring t he volt age drop ac ros s the low s ide MOSFET, eliminating the need for a current sensing resistor and short circuit condition is detected through the FB pin. The over-current protection triggers the soft -start function until the fault events be removed, but Under-voltage protection will shutdown IC directly. Pull the COMP pin below 0.4V will shutdown t he controller, and both gate drive signals will be low.
* * * * * *
Internal Soft-Start - Typical 2mS Over Current Protection - Sense Low-side MOSFET's RDS(ON) Under Voltage Lockout Small Converter Size - 250kHz Free-running Oscillator 8-lead SOIC Package Lead Free Available (RoHS Compliant)
Applications
* * * * * Graphic Cards Memory Power Supplies DSL or Cable MODEMs Set Top Boxes Low-Voltage Distributed Power Supplies
Pinouts
VCC FB COMP GND 1 2 3 4 8 7 6 5 LGATE BOOT UGATE PHASE
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005 1 www.anpec.com.tw
APW7061
Ordering and Marking Information
APW7061
Lead Free Code Handling Code Temp. Range Package Code APW7061 K : APW7061 XXXXX Package Code K : SOP-8 Operating Junction Temp. Range C : 0 to 70 C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
No te : ANPEC lea d-fre e p ro ducts co ntain mo ld ing comp oun ds /di e attach m ate ri als and 100 % matte ti n p la te te rmin atio n fi nish ; wh ich are full y compl iant with Ro HS and compa tibl e wi th both SnPb an d le ad-free sold ieri ng op era tio ns. AN PEC le ad-free produ cts me et or exceed th e l ead -free req uireme nts of IPC /JEDEC J STD -02 0C fo r MSL classi ficati on at lea d-fre e p eak re flo w temp era ture.
Block Diagram
VCC GND
Power-On Reset
BOOT
Soft Start Gate Control
VCC IOCSET 250uA
UGATE
PHASE
50%VREF
U.V.P Comparator
:2
PWM Comparator
O.C.P Comparator
VCC
LGATE
Error Amp VREF Triangle Wave
FB
COMP
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
2
www.anpec.com.tw
APW7061
Application Circuit
12V L1 1uH R1 2R2 + C1 470uF 16V 25mR D1 1N4148 LGATE BOOT UGATE PHASE 8 7 6 5 8 7 6 5 4 C7 R4 620R C8 0.01uF 0.1uF L2 8 7 6 5 R6 0R 4 1 2 3 Q2 APM4220 2.2uH R5 100R D2 SR24 2A/40V R7 2.32KF 1% 1 2 3 2.5V Q1 APM4220 C2 4.7uF + C3 470uF 16V 25mR + C4 470uF 16V 25mR
/SHDN C5 1uF 1 2 3 4 R2 20K C6 56pF U1 APW7061 VCC FB COMP GND
R3 0R
+ C9 1000uF 6.3V 30mR
+ C10 1000uF 6.3V 30mR
C11 4.7uF
C12 0.1uF
R8 1.07KF 1%
Absolute Maximum Ratings
Symbol VCC, LGATE Parameter VCC to GND, LGATE to GND Rating 30 30 30 0~150 -65 ~ 150 300 2 Unit V V V
o o o
VBOOT, UGATE BOOT to GND, UGATE to GND PHASE to GND Operating Junction Temperature T STG TSDR VESD Storage Temperature Soldering Temperature (10 Seconds) Minimum ESD Rating
C C C
KV
Recommended Operating Conditions
Symbol VCC VBOOT Supply Voltage Boot Voltage Parameter Min. 7 Nom. 12 Max. 19 26 Unit V V
Thermal Characteristics
Symbol JA Parameter Junction to Ambient Resistance in free air (SOP-8)
3
Value 160
Unit
o
C/W
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
www.anpec.com.tw
APW7061
Electrical Characteristics
Unless otherswise specified, these specifications apply over VCC= 12V, VBOOT = 12V and TA = 0 ~ 70oC. Typlcal values are at TA = 25oC.
Symbol SUPPLY CURRENT ICC IBOOT
Parameter
Test Conditions
APW7061 Min Typ 2 2 7.0 6.6 7.2 6.8 250 3.0 1.3 1.7 0.80 -1 75 0 85 0.1 +1 7.4 7.0 280 Max
Unit
VCC Nominal Supply BOOT Nominal Supply Rising VCC Threshold Falling VCC Threshold
UGATE and LGATE Open UGATE Open
mA mA V V kHz V V VP-P V % dB % uA mA 8 8 mA nS % uA
POWER-ON-RESET
OSCILLATOR FOSC Free Running Frequency Ramp Upper Threshold Ramp Lower Threshold VOSC VREF Ramp Amplitude Reference Voltage Reference Voltage Tolerance ERROR AMPLIFIER DC Gain UGATE Duty Range FB Input Current GATE DRIVERS IUGATE RUGATE ILGATE RLGATE TD Upper Gate Source Upper Gate Sink Lower Gate Source Lower Gate Sink Dead Time FB Under Voltage Level OCSET source current SOFT START and SHUTDOWN TSS Internal Soft-Start Interval Shutdown Threshold Shutdown Hysteresis
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005 4
VCC=12V
220
REFERENCE
VBOOT=12V, VUGATE=6V IUGATE=0.3A VCC=12V, VLGATE =6V ILGATE=0.3A
650 550
800 4 700 4 30
PROTECTION FB Falling 50 250
2 COMP Falling 0.4 50
mS V mV
www.anpec.com.tw
APW7061
Functional Pin Description
VCC (Pin 1) This pin provides a supply voltage to the device, When VCC is rising above the threshold 4.2V, the device is turned on, and convers ely, when V CC drops below the falling threshold, the device is turned off. A 1uF decoupling capacitor to GND is recommended. FB (Pin 2) FB pin is the inverting input of the error amplifier, and it receives the feedback voltage from an external resistive divider across the output (V OUT). The output voltage is determined by: COMP (Pin 3) This pin is the output of the error amplifier. Add an ex ternal resist or and capacitor net work to provide the loop c ompensation for the P WM c onverter (s ee Applicat ion Informat ion). Pull this pin below 0.4V will shutdown t he controller, forcing the UGATE and LGATE signals to be 0V. A soft st art c ycle will be init iated upon the release of this pin. PHASE (Pin 5) A resistor (ROCSET) is connected between this pin and the drain of the low-side MOSFET will determine the over current limit. A n int ernally generated 250uA current source will flow through this resistor, creating a voltage drop. This voltage will be compared with the voltage across the low-side MOSFET. The threshold of the over current limit is therefore given by :
VOUT
R = 0.8V x 1 + OUT R GND
where ROUT is the resistor connected from VOUT to FB, and RGND is the resistor connected from FB to GND. When the FB voltage is under 50% VREF, it will cause the under voltage protection, and shutdown the device. Remove t he condit ion and restart the VCC voltage, will enable again the device. GND (Pin 4) Signal ground for the IC. UGATE (Pin 6) This pin provides gate drive for the high-side MOSFET. BOOT (Pin 7) This pin provides the supply voltage to the high side MOS FE T driver. For driving logic level N-channel MOSEFT, a boots trap circuit can be use to create a suitable driver' supply. s LGATE (Pin 8) This pin provides the gate drive signal for the low side MOSFET.
ILIMIT =
250 A x R OCSET R DS(ON)
An over current condit ion will cy cle the soft s tart funct ion unt il the over current condition is removed. Because of the comparator delay time, so the on time of the low-side MOSFET must be longer than 800ns to have the over current protection work.
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
5
www.anpec.com.tw
APW7061
Typical Characteristics
Power Up
Power Down
VCC(5V/div) VCC(5V/div)
VOUT(1V/div)
VOUT(1V/div)
Time (2ms/div)
Time (5ms/div)
Enable (COMP is left open)
Shutdown(COMP is pulled to GND)
COMP(1V/div)
COMP(1V/div)
VOUT(1V/div) VOUT(1V/div)
Time (2ms/div)
Time (5ms/div)
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
6
www.anpec.com.tw
APW7061
Typical Characteristics (Cont.)
UGATE Falling
VCC=12V, VIN=12V
UGATE Rising
VCC=12V, VIN=12V
LGATE(10V/div)
LGATE(10V/div)
PHASE(10V/div) PHASE(10V/div)
UGATE(10V/div)
UGATE(10V/div)
Time (50ns/div)
Time (50ns/div)
Over Current Protection Under Voltage Protection
VCC=12,VIN=12V VOUT=2.5V, L=2.2mH
VCC=12V,VIN=12V, VOUT=2.5V, ROCSET=1kW RDS(ON)=16mW, L=2.2mH, IOUT=15A
IL(10A/div)
IL(10A/div)
UGATE (20V/div)
UGATE (20V/div)
VOUT (1V/div)
VOUT (1V/div)
Time (10us/div)
Time (2us/div)
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
7
www.anpec.com.tw
APW7061
Typical Characteristics (Cont.)
Supply Current vs. Supply Voltage
4 3.5
PWM Load Transient
VCC=12V VIN=12V VOUT =3.3V COUT=470mFx2 ESR=22.5mW L=1.5mH f=400kHz
Supply Current (mA)
3 2.5 2 1.5 1 0.5 0 0 2 4
ICC
ICC(SHDN)
VOUT(100mV/div)
IOUT1(5A/div)
6
8
10
12
Supply Voltage (V)
Time (20us/div)
UGATE Source Current vs. UGATE Voltage
1.4
UGATE Sink Current vs. UGATE Voltage
1.2
UGATE Source Current (A)
1.2 1 0.8 0.6 0.4 0.2 0 0 2 4 6
VBOOT=12V
VBOOT=12V
UGATE Sink Current (A)
8 10 12
1 0.8 0.6 0.4 0.2 0 0 2 4 6 8 10 12
UGATE Voltage (V)
UGATE Voltage (V)
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
8
www.anpec.com.tw
APW7061
Typical Characteristics (Cont.)
LGATE Source Current vs. LGATE Voltage
1.4 1.2
VCC=12V
LGATE Sink Current vs. LGATE Voltage
1.2
VCC=12V
1
LGATE Source Current (A)
1 0.8 0.6 0.4 0.2 0 0 2 4 6 8 10 12
LGATE Sink Current (A)
0.8 0.6 0.4 0.2 0 0 2 4 6 8 10 12
LGATE Voltage (V)
LGATE Voltage (V)
Sink Current vs. Comp Voltage
150
VCC=12V
Source Current vs. Comp Voltage
150
VCC=12V
125
125
Source Current (A)
Sink Current (A)
100 75 50 25 0 0 0.5 1 1.5 2 2.5 3 3.5 4
100 75 50 25 0 1 1.5 2 2.5 3 3.5 4
Comp Voltage (V)
Comp Voltage (V)
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
9
www.anpec.com.tw
APW7061
Typical Characteristics (Cont.)
Reference Voltage vs. Junction Temperature
0.8
Reference Voltage (V)
0.798
0.796
0.794
0.792
0.79 -40
-20
0
20
40
60
80
100 120
Junction Temperature (C)
Application Information
Component Selection Guidelines
Output Capacitor Selection The s election of COU T is determined by the required effective series resist ance (ESR) and voltage rat ing rat her t han t he ac tual c apacit anc e requirement . Therefore select high performance low ESR capacitors that are intended for switching regulator applications. In some applications, multiple capacitors have to be paralled to achieve the desired ESR value. If tantalum capacitors are used, make sure they are surge tested by the manufactures. If in doubt, consult the capacitors manufac turer. Input Capacitor Selection The input capacitor is chos en based on the volt age rat ing and the RMS c urrent rat ing. For reliable operation, select the capacitor voltage rating to be at
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005 10
least 1.3 times higher than the maximum input voltage. The maximum RMS c urrent rating requirement is approximately IOUT/2 , where IOUT is the load current. During power up, the input capacitors have to handle large amount of surge current. If tantalum capacitors are us ed, make s ure they are surge t est ed by t he manufact ures . If in doubt, c onsult t he c apac it ors manufac turer. For high frequency decoupling, a ceramic capacitor between 0.1uF to 1uF can be connected between VCC and ground pin.
Inductor Selection The inductanc e of the inductor is determined by the output voltage requirement. The larger the inductance, the lower the inductor' current ripple. This will translate s
www.anpec.com.tw
APW7061
Application Information (Cont.)
Inductor Selection (Cont.) into lower output ripple voltage. The ripple current and ripple voltage can be approximated by: IRIPPLE = VIN - VOUT Fs x L x VOUT VIN FESR FLC The poles and zero of this transfer function are:
= =
1 2 x x L x COUT
1 2 x x ESR x COUT
VOUT = IRIPPLE x ESR where Fs is the switching frequency of the regulator. There is a tradeoff exists between the inductor' ripple s current and the regulator load transient response time A smaller inductor will give the regulator a faster load trans ient res ponse at the expens e of higher ripple current and vice versa. The maximum ripple current occurs at the maximum input voltage. A good starting point is to choose the ripple current to be approximately 30% of the maximum output current. Once the induct ance value has been chosen, s elect an inductor that is capable of carrying the required peak current without going into s aturation. In s ome ty pe of induc tors, es pec ially core that is make of ferrite, the ripple current will increase abruptly when it saturates. This will result in a larger output ripple voltage. Compensation The output LC filter introduces a double pole, which contributes wit h - 40dB/decade gain slope and 180 degrees phase shift in the control loop. A compensation network between COMP pin and ground should be added. The simplest loop compensation network is shown in Figure. 4. The out put LC filter consist s of the output induc tor and output capacitors. The transfer function of the LC filter is given by: GAINLC
The FLC is the double poles of the LC filter, and FESR is the zero introduced by the ESR of the output capacitor.
PHASE
L COUT ESR
Output
Figure 1. The Output LC Filter
FLC -40dB/dec FESR Gain -20dB/dec
Frequency
Figure 2. The Output LC Filter Gain & Frequency The PWM modulator is shown in Figure. 3. The input is the output of the error amplifier and the output is the P HA SE node. The trans fer func tion of t he PW M modulator is given by:
=
1 + s x ESR x COUT s x L x COUT + s x ESR + 1
2
GAINPWM =
VIN V OSC
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
11
www.anpec.com.tw
APW7061
Application Information (Cont.)
Compensation (Cont.)
VIN Driver PWM Comparator V OSC Output of Error Amplifier Driver PHASE
The c losed loop gain of the converter c an be written as: GAINLC x GAINPWM x
R2 R1+ R2
x GAINAMP
Figure 5 s hows t he converter gain and the following guidelines will help t o des ign the c ompens at ion network. 1.Select the desired zero crossover frequency FO: (1/5 ~ 1/10) x FS >FO>FZ Use the following equation to calculate R3:
Figure 3. The PWM Modulator The compens ation circuit is s hown in Figure 4. R3 and C1 introduce a zero and C2 introduces a pole to reduce the switc hing noise. The transfer function of error amplifier is given by:
R3 =
Where:
VOSC VIN
x
F ESR R1 + R2 FO x x 2 R2 gm FLC
gm = 900uA/V 2.Place the zero FZ before the LC filter double poles FLC: FZ = 0.75 x FLC Calculate the C1 by the equation:
1 1 // GAINAMP = gmx Zo = gm x R3 + sC1 sC2 1 s + R3 x C1 = gm x C1 + C2 sx s + x C2 R3 x C1 x C2
The poles and zero of the compensation network are: 1 FP = C1x C2 2 x x R3x C1+ C2 FZ
C1 =
1 2 x x R1x 0.75 x FLC
3. Set the pole at the half the switching frequency: FP = 0.5 x FS Calculate the C2 by the equation: C1 C2 = x R3 x C1 x F S - 1
FZ=0.75FLC
20log(gmR3)
=
V OUT
1
2 x x R3 x C1
FP=0.5FS
R1 FB
Error Amplifier COMP
Compensation Gain
Gain FLC
20 log VIN ? VOSC
FO FESR
Converter Gain
R2 V REF
+
R3 C2 C1
PWM & Filter Gain
Frequency
Figure 4. Compensation Network
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005 12
Figure 5. Converter Gain & Frequency
www.anpec.com.tw
APW7061
Application Information (Cont.)
MOSFET Selection The s election of the N-c hannel power MOSFETs are determined by the RDS(ON), reverse transfer capacitance (C RSS) and max imum out put c urrent requirement . The los ses in t he MOSFE Ts have two components: conduc tion loss and transition loss. For the upper and lower MOSFE T, the losses are approximately given by the following : PUPPER = Iout (1+ TC)(RDS(ON))D + (0.5)(Iout)(VIN)(tsw)FS
2
* Keep t he switching nodes (UGATE, LGATE and
PHA SE) away from s ensit ive small signal nodes since these nodes are fast moving signals. Therefore keep traces to these nodes as short as possible.
* The ground return of CIN must return to the combine
COUT (-) terminal.
* Capacitor CBOOT should be connected as close to
the BOOT and PHASE pins as possible.
VDS
PLOWER = Iout (1+ TC)(RDS(ON))(1-D)
2
where IOUT is the load current TC is the temperature dependency of RDS(ON) FS is the switching frequency tsw is the switching interval D is the duty cycle Note that both MOSFETs have conduction losses while the upper MOSFET include an additional transition loss. The switching internal, tsw, is a function of the reverse transfer capac it anc e CRSS. Figure 6 illustrat es t he switching waveform internal of the MOSFET. The (1+TC) term is to factor in the temperature dependency of the RDS(ON) and can be extracted from the "RDS(ON) vs Temperature" curve of the power MOSFET .
VIN
Voltage across drain and source of MOSFET
t sw
Time
Figure 6. Switching waveform across MOSFET
Layout Considerations In high power switching regulator, a correct layout is important to ensure proper operation of the regulator. In general, int erconnec ting impedanc es should be minimized by using short, wide printed circuit traces. Signal and power grounds are to be kept separate and finally combined using ground plane cons truction or single point grounding. Figure 8 illustrates the layout, wit h bold lines indic at ing high c urrent pat hs . Component s along the bold lines should be placed close together. Below is a checklist for your layout: Figure 7. Recommended Layout Diagram
13 www.anpec.com.tw
PGND APW7061 11 C IN +
LGATE 12 U 9 1 UGATE PHASE 8 C OUT Q1 Q2 L1 +
L O A D
VO U T
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
APW7061
Package Information
SOP-8 pin ( Reference JEDEC Registration MS-012)
E
H
e1 D
e2
A1
A
1 L
0.004max.
Dim A A1 D E H L e1 e2 1
Millimeters Min. 1.35 0.10 4.80 3.80 5.80 0.40 0.33 1.27BSC 8 Max. 1.75 0.25 5.00 4.00 6.20 1.27 0.51 Min. 0.053 0.004 0.189 0.150 0.228 0.016 0.013
0.015X45
Inches Max. 0.069 0.010 0.197 0.157 0.244 0.050 0.020 0.50BSC 8
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
14
www.anpec.com.tw
APW7061
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
(IR/Convection or VPR Reflow)
Reflow Condition
TP Ramp-up
tp Critical Zone T L to T P
TL
Temperature
tL Tsmax
Tsmin Ramp-down ts Preheat
25
t 25 C to Peak
Time
Classification Reflow Profiles
Profile Feature Sn-Pb Eutectic Assembly Pb-Free Assembly Average ramp-up rate 3C/second max. 3 C/second max. (TL to T P) Preheat 100C 150 C - Temperature Min (Tsmin) 150C 200 C - Temperature Max (Tsmax) 60-120 seconds 60-180 seconds - Time (min to max) (ts) Time maintained above: 183C 217 C - Temperature (TL) 60-150 seconds 60-150 seconds - Time (t L) Peak/Classificatioon Temperature (Tp) See table 1 See table 2 Time within 5 C of actual 10-30 seconds 20-40 seconds Peak Temperature (tp) Ramp-down Rate 6C/second max. 6 C/second max. 6 minutes max. 8 minutes max. Time 25 C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005 15 www.anpec.com.tw
APW7061
Classification Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Temperatures Package Thickness Volume mm3 <350 <2.5 mm 240 +0/-5 C 2.5 mm 225 +0/-5 C Volume mm3 350 225 +0/-5 C 225 +0/-5 C
Table 2. Pb-free Process - Package Classification Reflow Temperatures 3 3 3 Package Thickness Volume mm Volume mm Volume mm <350 350-2000 >2000 <1.6 mm C* C* 260 +0 260 +0 260 +0C* 1.6 mm - 2.5 mm 260 +0C* 250 +0 C* 245 +0C* 2.5 mm C* C* 250 +0 245 +0 245 +0C* *Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means Peak reflow temperature +0 C. For example 260 C+0 C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
16
www.anpec.com.tw
APW7061
Reel Dimensions
Application A 330 1 SOP- 8 F 5.5 1 B C J 2 0.5 Po T1 12.4 0.2 P1 2.0 0.1 T2 2 0.2 Ao 6.4 0.1 W 12 0. 3 Bo 5.2 0. 1 P 8 0.1 Ko E 1.75 0.1 t
62 +1.5 12.75+ 0.15 D D1
1.55 +0.1 1.55+ 0.25 4.0 0.1
2.1 0.1 0.3 0.013
Cover Tape Dimensions
Application SOP- 8 Carrier Width 12 Cover Tape Width 9.3 Devices Per Reel 2500
Customer Service
Anpec Electronics Corp. Head Office : No.6, Dusing 1st Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
C opyright (c) ANPEC Electronics C orp. Rev. A.7 - Nov., 2005
17
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APW7061KC-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X