Part Number Hot Search : 
080HN H11L2X LT026PS ML40126N 30C45 ADFC32 N4740 IRF9Z24N
Product Description
Full Text Search
 

To Download APTM50DAM17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM50DAM17
Boost chopper MOSFET Power Module
VDSS = 500V RDSon = 17mW max @ Tj = 25C ID = 180A @ Tc = 25C
Application * * * AC and DC motor control Switched Mode Power Supplies Power Factor Correction
Features * Power MOS 7(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged Kelvin source for easy drive Very low stray inductance - Symmetrical design - M5 power connectors High level of integration
* * *
VBUS 0/VBUS OUT
Benefits * * * * Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Low profile
S2 G2
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C Max ratings 500 180 135 720 30 17 1250 51 50 3000 Unit V A V mW W A mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-6
APTM50DAM17 - Rev 1 May, 2004
Tc = 25C
APTM50DAM17
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic BVDSS Drain - Source Breakdown Voltage IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V, ID = 500A
VGS = 0V,VDS = 500V VGS = 0V,VDS = 400V
Min 500 Tj = 25C
Tj = 125C
Typ
Max 200 1000 17 5 200
Unit V A mW V nA
VGS = 10V, ID = 90A VGS = VDS, ID = 10mA VGS = 30 V, VDS = 0V
3
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy u Turn-off Switching Energy v Turn-on Switching Energy u Turn-off Switching Energy v Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 250V ID = 180A Inductive switching @ 125C VGS = 15V VBus = 333V ID = 180A RG = 0.5W Inductive switching @ 25C VGS = 15V, VBus = 333V ID = 180A, RG = 0.5 Inductive switching @ 125C VGS = 15V, VBus = 333V ID = 180A, RG = 0.5 Min Typ 28 5.6 0.36 560 160 280 21 38 75 93 4140 3380 6224 4052 J J ns Max Unit nF
nC
Diode ratings and characteristics
Symbol Characteristic Maximum Average Forward Current IF(AV) VF Diode Forward Voltage Test Conditions 50% duty cycle IF = 180A IF = 360A IF = 180A IF = 180A VR = 400V di/dt = 600A/s IF = 180A VR = 400V di/dt = 600A/s Min Tc = 70C Typ 180 1.6 1.9 1.4 130 170 660 2760 Max 1.8 V Unit A
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
trr Qrr
Reverse Recovery Time Reverse Recovery Charge
ns nC
u Eon includes diode reverse recovery. v In accordance with JEDEC standard JESD24-1.
APT website - http://www.advancedpower.com
2-6
APTM50DAM17 - Rev 1 May, 2004
APTM50DAM17
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 Transistor Diode 2500 -40 -40 -40 3 2 Min Typ Max 0.1 0.32 150 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Package outline
APT website - http://www.advancedpower.com
3-6
APTM50DAM17 - Rev 1 May, 2004
APTM50DAM17
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.12 Thermal Impedance (C/W) 0.1 0.08 0.06 0.04 0.02 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 800 ID, Drain Current (A) VGS=10&15V ID, Drain Current (A) 8V 600 500 400 300 200 100 0 25 0 2 4 6 8 VGS, Gate to Source Voltage (V) DC Drain Current vs Case Temperature 180 ID, DC Drain Current (A)
Normalized to VGS=10V @ 90A
Transfert Characteristics
VDS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
600
7V 400 6.5V 6V 5.5V 0 0 5V
TJ=25C
200
TJ=125C
TJ=-55C
5 10 15 20 VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current
RDS(on) Drain to Source ON Resistance
1.1
160 140 120 100 80 60 40 20 0 25 50 75 100 125 TC, Case Temperature (C) 150
1.05
VGS=10V
1 VGS=20V 0.95
0.9 0 50 100 150 200 ID, Drain Current (A) 250
APT website - http://www.advancedpower.com
4-6
APTM50DAM17 - Rev 1 May, 2004
APTM50DAM17
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.2 1.1 1.0 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage 100000 Ciss C, Capacitance (pF) 10000 Coss 1000 ID, Drain Current (A) ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
limited by RDSon
VGS=10V ID=90A
100 us
100 1 ms 10 Single pulse TJ=150C 1 1 10 100 1000 VDS, Drain to Source Voltage (V) 10 ms 100 ms
Gate Charge vs Gate to Source Voltage VGS, Gate to Source Voltage (V) 14 12 10 8 6 4 2 0 0 100 200 300 400 500 600 700 Gate Charge (nC)
VDS=400V
ID=180A TJ=25C
VDS=100V VDS=250V
1000 Crss 100
10 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
APT website - http://www.advancedpower.com
5-6
APTM50DAM17 - Rev 1 May, 2004
APTM50DAM17
Delay Times vs Current 80 70 td(on) and td(off) (ns) 60 50 40 30 20 10 40 80 120 160 200 240 280 ID, Drain Current (A) Switching Energy vs Current 12 Switching Energy (mJ) 10 8 6 4 2 0 40 80 120 160 200 240 ID, Drain Current (A) 280 Eon Switching Energy (mJ)
VDS=333V RG=0.5 TJ=125C L=100H VDS=333V RG=0.5 TJ=125C L=100H
Rise and Fall times vs Current 160 140 120 tr and tf (ns) 100 80 60 40 20 0 40 80 120 160 200 240 ID, Drain Current (A) 280
VDS=333V RG=0.5 TJ=125C L=100H
td(off)
tf
tr
td(on)
Switching Energy vs Gate Resistance 20 16 12 8 4 0 0 2.5 5 7.5 10 12.5 Gate Resistance (Ohms) Source to Drain Diode Forward Voltage 1000 TJ=150C 100 TJ=25C
VDS=333V ID=180A TJ=125C L=100H
Eoff
Eon
Eoff
Operating Frequency vs Drain Current 400 Frequency (kHz) 350 300 250 200 150 100 50 0 20 40 60 80 100 120 140 160 ID, Drain Current (A)
VDS=333V D=50% RG=0.5 TJ=125C
IDR, Reverse Drain Current (A)
450
10
1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 VSD, Source to Drain Voltage (V)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
6-6
APTM50DAM17 - Rev 1 May, 2004


▲Up To Search▲   

 
Price & Availability of APTM50DAM17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X