Part Number Hot Search : 
UPC1944J N5277 R1101 SAA1060 Q144C TR3000 D3047 MSB55
Product Description
Full Text Search
 

To Download APT5010JLLU2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT5010JLLU2
ISOTOP(R) Boost chopper
MOSFET Power Module
K
VDSS = 500V RDSon = 100mW max @ Tj = 25C ID = 41A @ Tc = 25C
Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction * Brake switch Features * Power MOS 7(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Fast intrinsic reverse diode - Avalanche energy rated - Very rugged * ISOTOP(R) Package (SOT-227) * Very low stray inductance * High level of integration Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Very rugged * Low profile
D
G
S
S G D
K
ISOTOPO
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS IFAV IFRMS Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Maximum Average Forward Current Duty cycle=0.5 RMS Forward Current (Square wave, 50% duty) Tc = 25C Tc = 80C Max ratings 500 41 30 164 30 100 378 41 50 1600 30 39 Unit V A V mW W A mJ A
Tc = 25C
Tc = 80C
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-7
APT5010JLLU2 - Rev 0 April, 2004
APT5010JLLU2
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic BVDSS Drain - Source Breakdown Voltage IDSS RDS(on) VGS(th) IGSS Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy u Turn-off Switching Energy Turn-on Switching Energy u Turn-off Switching Energy Test Conditions VGS = 0V, ID = 250A
VGS = 0V,VDS = 500V VGS = 0V,VDS = 400V
Min 500 Tj = 25C Tj = 125C 3
Typ
Max 100 500 100 5 100
Unit V A mW V nA Unit pF
VGS = 10V, ID = 23A VGS = VDS, ID = 2.5mA VGS = 20 V, VDS = 0V Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 250V ID = 41A @ TJ=25C Resistive switching @ 25C VGS = 15V VBus = 250V ID = 41A @ TJ=25C RG = 0.6W Inductive Switching @ 25C Vbus = 330V, VGS=15V ID=46A, RG=5 Inductive Switching @ 125C Vbus = 330V, VGS=15V ID=46A, RG=5
Dynamic Characteristics
Min Typ 4360 894 60 96 24 49 11 15 25 3 543 509 843 593 J J Max
nC
ns
Eon Eoff Eon Eoff
Symbol VF IRM CT trr
u Eon includes diode reverse recovery Characteristic Diode Forward Voltage
Diode ratings and characteristics
Test Conditions IF = 30A IF = 60A IF = 30A VR = 600V VR = 600V VR = 200V IF=1A,VR=30V di/dt =100A/s IF = 30A VR = 400V di/dt =200A/s Min Typ 1.6 1.9 1.4 44 Tj = 25C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 125C 23 85 160 4 8 130 700 70 1300 30 ns Max 1.8 250 500 Unit V A pF
Maximum Reverse Leakage Current Junction Capacitance Reverse Recovery Time Reverse Recovery Time
Tj = 125C Tj = 25C Tj = 125C
Qrr trr Qrr IRRM
Reverse Recovery Charge Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 30A VR = 400V di/dt =1000A/s
nC ns nC A
APT website - http://www.advancedpower.com
2-7
APT5010JLLU2 - Rev 0 April, 2004
IRRM
Maximum Reverse Recovery Current
A
APT5010JLLU2
Thermal and package characteristics
Symbol Characteristic RthJC RthJA VISOL TJ,TSTG TL Torque Wt Junction to Case Junction to Ambient (IGBT & Diode)
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min MOSFET Diode 2500 -55
Typ
Max 0.33 1.21 20 150 300 1.5
Unit C/W V C N.m g
Storage Temperature Range Max Lead Temp for Soldering:0.063" from case for 10 sec Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine) Package Weight
29.2
Typical MOSFET Performance Curve
APT website - http://www.advancedpower.com
3-7
APT5010JLLU2 - Rev 0 April, 2004
APT5010JLLU2
APT website - http://www.advancedpower.com
4-7
APT5010JLLU2 - Rev 0 April, 2004
APT5010JLLU2
Typical Diode Performance Curve
APT website - http://www.advancedpower.com
5-7
APT5010JLLU2 - Rev 0 April, 2004
APT5010JLLU2
APT website - http://www.advancedpower.com
6-7
APT5010JLLU2 - Rev 0 April, 2004
APT5010JLLU2
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
1.95 (.077) 2.14 (.084)
Cathode
Drain
* Emitter terminals are shorted internally. Current handling capability is equal for either Emitter terminal.
Source
Dimensions in Millimeters and (Inches)
Gate
ISOTOP(R) is a Registered Trademark of SGS Thomson APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
7-7
APT5010JLLU2 - Rev 0 April, 2004


▲Up To Search▲   

 
Price & Availability of APT5010JLLU2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X