Part Number Hot Search : 
PG2415TK SCBH4 TA3S15B 3KP15CA AP430206 6PBL6103 IPD50 20NM60A
Product Description
Full Text Search
 

To Download APT40N60JCU3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT40N60JCU3
ISOTOP(R) Buck chopper
Super Junction MOSFET Power Module
D
VDSS = 600V RDSon = 70mW max @ Tj = 25C ID = 40A @ Tc = 25C
Application * AC and DC motor control * Switched Mode Power Supplies Features *
G S
A
* * *
- Ultra low RDSon - Low Miller capacitance - Ultra low gate charge - Avalanche energy rated ISOTOP(R) Package (SOT-227) Very low stray inductance High level of integration
S G D
A
Benefits * Outstanding performance at high frequency operation * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat
ISOTOPO
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS IFAV IFRMS Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Maximum Average Forward Current Duty cycle=0.5 RMS Forward Current (Square wave, 50% duty) Tc = 25C Tc = 80C Max ratings 600 40 30 120 20 70 290 20 1 1800 30 39 Unit V A V mW W A mJ A
Tc = 80C
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-8
APT40N60JCU3 - Rev 0 April, 2004
Tc = 25C
APT40N60JCU3
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic BVDSS Drain - Source Breakdown Voltage IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V, ID = 250A
VGS = 0V,VDS = 600V VGS = 0V,VDS = 600V
Min 600 Tj = 25C Tj = 125C 2.1
Typ
Max 25 250 70 3.9 100
Unit V A mW V nA
VGS = 10V, ID = 20A VGS = VDS, ID = 1mA VGS = 20 V, VDS = 0V
3
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy u Turn-off Switching Energy v Turn-on Switching Energy u Turn-off Switching Energy v Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 300V ID = 40A Resistive Switching VGS = 15V VBus = 380V ID = 40A RG = 1.8W Inductive switching @ 25C VGS = 15V, VBus = 400V ID = 40A, RG = 5 Inductive switching @ 125C VGS = 15V, VBus = 400V ID = 40A, RG = 5 Min Typ 7015 2565 212 259 29 111 20 30 115 10 670 980 1100 1206 J ns Max Unit pF
nC
J
u Eon includes diode reverse recovery v In accordance with JEDEC standard JESD24-1.
APT website - http://www.advancedpower.com
2-8
APT40N60JCU3 - Rev 0 April, 2004
APT40N60JCU3
Diode ratings and characteristics
Symbol VF IRM CT trr Reverse Recovery Time IRRM Qrr trr Qrr IRRM Maximum Reverse Recovery Current Reverse Recovery Charge Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 30A VR = 400V di/dt =1000A/s IF = 30A VR = 400V di/dt =200A/s Characteristic Diode Forward Voltage Maximum Reverse Leakage Current Junction Capacitance Reverse Recovery Time Test Conditions IF = 30A IF = 60A IF = 30A VR = 600V VR = 600V VR = 200V IF=1A,VR=30V di/dt =100A/s Min Typ 1.6 1.9 1.4 44 Tj = 25C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 125C 23 85 160 4 8 130 700 70 1300 30 ns Max 1.8 250 500 Unit V A pF
Tj = 125C Tj = 25C Tj = 125C
A nC ns nC A
Thermal and package characteristics
Symbol Characteristic RthJC RthJA VISOL TJ,TSTG TL Torque Wt Junction to Case Junction to Ambient (IGBT & Diode)
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min CoolMos Diode 2500 -55
Typ
Max 0.43 1.21 20 150 300 1.5
Unit C/W V C N.m g
Storage Temperature Range Max Lead Temp for Soldering:0.063" from case for 10 sec Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine) Package Weight
29.2
Typical CoolMOS Performance Curve
0.5 0.45 Maxim um Effective Transient Therm al Im pedance, Junction to Case vs Pulse Duration
Thermal Impedance (C/W)
0.4 0.35 0.3 0.25 0.2
0.9 0.7 0.5
0.1 0.05
0.1 0.05 0.0001
Single Pulse
0 0.00001
0.001 0.01 0.1 Rectangular Pulse Duration (Seconds)
1
10
Fig 1, Maximum Effective transient thermal Impedance, Junction to case vs Pulse Duration
APT website - http://www.advancedpower.com
3-8
APT40N60JCU3 - Rev 0 April, 2004
0.15
0.3
APT40N60JCU3
45 40
ID, DC Drain Current (A)
35 30 25 20 15 10 5 0 25 50 75 100 125 150 TC, Cas e Te m perature (C)
Figure 6, DC Drain Current vs Case Temperature
APT website - http://www.advancedpower.com
4-8
APT40N60JCU3 - Rev 0 April, 2004
APT40N60JCU3
APT website - http://www.advancedpower.com
5-8
APT40N60JCU3 - Rev 0 April, 2004
APT40N60JCU3
Typical Diode Performance Curve
APT website - http://www.advancedpower.com
6-8
APT40N60JCU3 - Rev 0 April, 2004
APT40N60JCU3
APT website - http://www.advancedpower.com
7-8
APT40N60JCU3 - Rev 0 April, 2004
APT40N60JCU3
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
1.95 (.077) 2.14 (.084)
Anode
Drain
* Emitter terminals are shorted internally. Current handling capability is equal for either Emitter terminal.
Source
Dimensions in Millimeters and (Inches)
Gate
ISOTOP(R) is a Registered Trademark of SGS Thomson APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
8-8
APT40N60JCU3 - Rev 0 April, 2004


▲Up To Search▲   

 
Price & Availability of APT40N60JCU3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X