Part Number Hot Search : 
GBPC25 BIC221C D2150 BU2522 RT7264E 01GUA 3K2FKE36 GBPC25
Product Description
Full Text Search
 

To Download APT30DQ60K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
600V 30A APT30DQ60K APT30DQ60KG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
(K)
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-220 Package * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density
1
TO-220
2
1
2
1 - Cathode 2 - Anode Back of Case - Cathode
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT30DQ60K(G) UNIT
600
Volts
Maximum Average Forward Current (TC = 117C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
30 51 320 20 -55 to 175 300
mJ C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Forward Voltage IF = 60A IF = 30A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
2.0 2.4 1.7
2.4
Volts
VR = 600V, TJ = 125C
500 36
053-4215 Rev B
pF
11-2005
VR = 600V
25
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 30A, diF/dt = -1000A/s VR = 400V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 400V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 400V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP
APT30DQ60K(G)
MAX UNIT ns nC
23 30 55 3 175 485 6 75 855 22 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
.80 0.07 1.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.90 , THERMAL IMPEDANCE (C/W) 0.80 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0 10-5 0.1 0.05 10-4 SINGLE PULSE 0.5 0.3
Note:
D = 0.9 0.7
PDM
t1 t2
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
Z
JC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
RC MODEL
11-2005
Junction temp. (C) 0.560 Power (watts) 0.240 Case temperature. (C) 0.284 0.00230
053-4215 Rev B
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVES
100 trr, REVERSE RECOVERY TIME (ns)
200 180 160 140 120 100 80 60 40 20 60A
APT30DQ60K(G)
T = 125C J V = 400V
R
IF, FORWARD CURRENT (A)
80 TJ = 175C 60 TJ = 125C 40 TJ = -55C TJ = 25C 0.5 1.0 1.5 2.0 2.5 3.0 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 1200 0 0
30A
15A
20
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 25
T = 125C J V = 400V
R
0
Qrr, REVERSE RECOVERY CHARGE (nC)
T = 125C J V = 400V
R
60A
1000
20
60A
800 600 400 200 0
30A
15
30A
15A
10
5
15A
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.0 trr 0.8 0.6 0.4 0.2 0.0 Qrr Qrr trr
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 60 50 40 IF(AV) (A) 30 20 10 0
Duty cycle = 0.5 T = 175C
J
0
IRRM
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 200 CJ, JUNCTION CAPACITANCE (pF) 180 160 140 120 100
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
25
50
60 40 20 10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage 0 1
053-4215 Rev B
11-2005
80
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APT30GT60BR
APT30DQ60K(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-220 (K) Package Outline
e3 100% Sn
10.66 (.420) 9.66 (.380)
1.39 (.055) 0.51 (.020)
Cathode
5.33 (.210) 4.83 (.190) 6.85 (.270) 5.85 (.230)
12.192 (.480) 9.912 (.390)
3.42 (.135) 2.54 (.100)
4.08 (.161) Dia. 3.54 (.139)
0.080 (2.032) MAX. 14.73 (.580) 12.70 (.500)
3.683 (.145) MAX.
0.50 (.020) 0.41 (.016)
11-2005
Cathode Anode
2.92 (.115) 2.04 (.080) 4.82 (.190) 3.56 (.140)
1.01 (.040) 2-Plcs. .83 (.033) 5.33 (.210) 4.83 (.190)
053-4215 Rev B
1.77 (.070) 2-Plcs. 1.15 (.045)
Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT30DQ60K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X