Part Number Hot Search : 
UPD78F0 2SB1424 P4KE220A 3F945 H11B2X EFD17EF SB007 MICONDUC
Product Description
Full Text Search
 

To Download APT20M22JVRU3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT20M22JVRU3
ISOTOP(R) Buck chopper MOSFET Power Module
D
VDSS = 200V RDSon = 22m max @ Tj = 25C ID = 97A @ Tc = 25C
Application * * AC and DC motor control Switched Mode Power Supplies
G S
Features * Power MOS V(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Fast intrinsic diode - Avalanche energy rated - Very rugged ISOTOP(R) Package (SOT-227) Very low stray inductance High level of integration
A
* * * Benefits
S G D
A
ISOTOP
* * * * * *
Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Very rugged Low profile RoHS Compliant
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS IFA V IFRMS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Maximum Average Forward Current Duty cycle=0.5 RMS Forward Current (Square wave, 50% duty) Tc = 25C Tc = 80C
mJ A
Tc = 90C
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
www.microsemi.com
1-7
APT20M22JVRU3 - Rev 1 June, 2006
Tc = 25C
Max ratings 200 97 72 388 30 22 450 97 50 2500 30 47
Unit V A V m W A
APT20M22JVRU3
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol IDSS RDS(on) VGS(th) IGSS Characteristic Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions
VGS = 0V,VDS = 200V VGS = 0V,VDS = 160V
Min Tj = 25C Tj = 125C 2
Typ
VGS = 10V, ID = 48.5A VGS = VDS, ID = 2.5mA VGS = 20 V, VDS = 0V
Max 25 250 22 4 100
Unit A m V nA
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 100V ID = 97A @ TJ=25C VGS = 15V VBus = 100V ID = 97A @ TJ=25C R G = 0.6
Min
Typ 8500 1950 560 290 66 120 16 25 48 8
Max
Unit pF
nC
ns
Chopper diode ratings and characteristics
Symbol VF IRM CT trr Reverse Recovery Time IRRM Qrr trr Qrr IRRM Maximum Reverse Recovery Current Reverse Recovery Charge Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Characteristic Diode Forward Voltage Maximum Reverse Leakage Current Junction Capacitance Reverse Recovery Time
Test Conditions IF = 30A IF = 60A IF = 30A VR = 200V VR = 200V VR = 200V IF=1A,VR=30V di/dt =200A/s IF = 30A VR = 133V di/dt =200A/s
Min
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 125C
Typ 1.1 1.4 0.9 94 21 24 48 3 6 33 150 31 335 19
Max 1.15 250 500
Unit V A pF ns
A nC
APT20M22JVRU3 - Rev 1 June, 2006
IF = 30A VR = 133V di/dt =1000A/s
ns nC A
www.microsemi.com
2-7
APT20M22JVRU3
Thermal and package characteristics
Symbol RthJC RthJA VISOL TJ,TSTG TL Torque Wt Characteristic Junction to Case Thermal Resistance Junction to Ambient (IGBT & Diode)
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min MOSFET Diode 2500 -55
Typ
Max 0.28 1.21 20 150 300 1.5
Unit C/W V C N.m g
Storage Temperature Range Max Lead Temp for Soldering:0.063" from case for 10 sec Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine) Package Weight
29.2
Typical MOSFET Performance Curve
www.microsemi.com
3-7
APT20M22JVRU3 - Rev 1 June, 2006
APT20M22JVRU3
www.microsemi.com
4-7
APT20M22JVRU3 - Rev 1 June, 2006
APT20M22JVRU3
Typical Diode Performance Curve
www.microsemi.com
5-7
APT20M22JVRU3 - Rev 1 June, 2006
APT20M22JVRU3
www.microsemi.com
6-7
APT20M22JVRU3 - Rev 1 June, 2006
APT20M22JVRU3
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
1.95 (.077) 2.14 (.084)
Anode
Drain
* Emitter terminals are shorted internally. Current handling capability is equal for either Emitter terminal.
Source
Dimensions in Millimeters and (Inches)
ISOTOP(R) is a registered trademark of ST Microelectronics NV
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
7-7
APT20M22JVRU3 - Rev 1 June, 2006
Gate


▲Up To Search▲   

 
Price & Availability of APT20M22JVRU3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X