Part Number Hot Search : 
D1457 25D80L CM2341 4318F5 C100L MAX15 X267A SMA5913
Product Description
Full Text Search
 

To Download APM9922KC-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM9922K
Dual N-Channel Enhancement Mode MOSFET
Features
*
20V/6A, RDS(ON) =28m(typ.) @ VGS =4.5V RDS(ON) =34m(typ.) @ VGS =2.5V
Pin Description
* * *
Super High Dense Cell Design Reliable and Rugged Lead Free Available (RoHS Compliant) Top View of SOP - 8
(8) (7) D1 D1 (6) D2 (5) D2
Applications
*
Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems
(2) G1
(4) G2
S1 (1)
S2 (3)
N-Channel MOSFET
Ordering and Marking Information
APM9922 Lead Free Code Handling Code Temp. Range Package Code Package Code K : SOP-8 Operating Junction Temp. Range C : -55 to 150 C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
APM9922 K :
APM9922 XXXXX
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005 1 www.anpec.com.tw
APM9922K
Absolute Maximum Ratings
Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA*
Note: *Surface Mounted on 1in pad area, t 10sec.
2
(TA = 25C unless otherwise noted)
Rating 20 10 6 VGS=4.5V 20 1.7 150 -55 to 150 TA=25C TA=100C 2 0.8 62.5 W C/W V A A C Unit
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current 300s Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient
Electrical Characteristics
Symbol Parameter
(TA = 25C unless otherwise noted)
Test Condition
APM9922K Min. Typ. Max.
Unit
Static Characteristics BVDSS Drain-Source Breakdown Voltage IDSS VGS(th) IGSS Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current
VGS=0V, IDS=250A VDS=16V, VGS=0V TJ=85C VDS=VGS, IDS=250A VGS=10V, VDS=0V VGS=4.5V, IDS=6A VGS=2.5V, IDS=5.2A ISD=1.7A, VGS=0V
20 1 30 0.5 0.7 28 34 0.7 1.5 100 32 45 1.3
V A V nA m V
RDS(ON) a Drain-Source On-state Resistance VSDa Diode Forward Voltage
Gate Charge Characteristics b Qg Total Gate Charge Qgs Qgd Gate-Source Charge Gate-Drain Charge VDS=10V, VGS=4.5V, IDS=6A
10 3.6 2
13 nC
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005
2
www.anpec.com.tw
APM9922K
Electrical Characteristics (Cont.)
Symbol Parameter
(T A = 25C unless otherwise noted)
APM9922K Min. Typ. Max.
Test Condition
Unit
Dynamic Characteristicsb RG Gate Resistance Ciss Coss Crss td(ON) Tr td(OFF) Tf
Notes:
VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=15V, Frequency=1.0MHz
9 520 110 70 17 32 28 82 46 15 45 25
pF
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time
VDD=10V, RL=10, IDS=1A, VGEN=4.5V, RG=6
ns
a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing.
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005
3
www.anpec.com.tw
APM9922K
Typical Characteristics
Power Dissipation
2.5
Drain Current
7 6
2.0
1.5
ID - Drain Current (A)
5 4 3 2 1
Ptot - Power (W)
1.0
0.5
o
0.0
TA=25 C 0 20 40 60 80 100 120 140 160
TA=25 C,VG=4.5V 0 0 20 40 60 80 100 120 140 160
o
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area Normalized Transient Thermal Resistance
50
2 1
Thermal Transient Impedance
10
Lim it
300s 1ms 10ms
Duty = 0.5 0.2 0.1
ID - Drain Current (A)
Rd s(o n)
0.1
0.05 0.02 0.01
1
100ms 1s
0.1
0.01
Single Pulse Mounted on 1in pad o RJA : 62.5 C/W
2
DC
0.01 0.01
TA=25 C 0.1 1 10 100
o
1E-3 1E-4
1E-3
0.01
0.1
1
10 30
VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005
4
www.anpec.com.tw
APM9922K
Typical Characteristics (Cont.)
Output Characteristics
20 18 16 VGS= 2, 3, 4, 5, 6, 7, 8, 9, 10V
60 55
Drain-Source On Resistance
RDS(ON) - On - Resistance (m)
1V
50 45 40 35 30 25 20 15 10 VGS=10V VGS= 4.5V
ID - Drain Current (A)
14 12 10 0.5V 8 6 4 2 0 0 1 2 3 4 5
0
4
8
12
16
20
VDS - Drain-Source Voltage (V)
ID - Drain Current (A)
Transfer Characteristics
20
Gate Threshold Voltage
1.6 IDS =250A 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -50 -25
16
12
8 Tj=25 C 4 Tj=-55 C Tj=125 C 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
o o o
Normalized Threshold Voltage
ID - Drain Current (A)
0
25
50
75
100 125 150
VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005
5
www.anpec.com.tw
APM9922K
Typical Characteristics (Cont.)
Drain-Source On Resistance
2.0 1.8 VGS= 4.5V ID = 6A
Source-Drain Diode Forward
20
Normalized On Resistance
1.6
10
IS - Source Current (A)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -50 -25 0 25 50 RON@Tj=25 C: 28m 75 100 125 150
o
Tj=150 C
o
Tj=25 C
o
1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Tj - Junction Temperature (C)
VSD - Source - Drain Voltage (V)
Capacitance
800 Frequency=1MHz 700
Gate Charge
10 9 VDS= 10V ID = 6A
VGS - Gate - source Voltage (V)
20
8 7 6 5 4 3 2 1 0 0 4 8 12 16 20
600
C - Capacitance (pF)
Ciss 500 400 300 200 Coss 100 0 Crss
0
4
8
12
16
VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005
6
www.anpec.com.tw
APM9922K
Packaging Information
SOP-8 pin ( Reference JEDEC Registration MS-012)
E
H
e1 D
e2
A1
A
1 L
0.004max.
Dim A A1 D E H L e1 e2 1
Millimeters Min. 1.35 0.10 4.80 3.80 5.80 0.40 0.33 1.27BSC 8 Max. 1.75 0.25 5.00 4.00 6.20 1.27 0.51 Min. 0.053 0.004 0.189 0.150 0.228 0.016 0.013
0.015X45
Inches Max. 0.069 0.010 0.197 0.157 0.244 0.050 0.020 0.50BSC 8
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005
7
www.anpec.com.tw
APM9922K
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
(IR/Convection or VPR Reflow)
TP Ramp-up
tp Critical Zone T L to T P
Temperature
TL Tsmax
tL
Tsmin Ramp-down ts Preheat
25
t 25 C to Peak
Time
Classification Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (T L) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005 8 www.anpec.com.tw
APM9922K
Classification Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Temperature s 3 3 Package Thickness Volume mm Volume mm <350 350 <2.5 mm 240 +0/-5C 225 +0/-5C 2.5 mm 225 +0/-5C 225 +0/-5C
Table 2. Pb-free Process - Package Classification Reflow Temperatures 3 3 3 Package Thickness Volume mm Volume mm Volume mm <350 350-2000 >2000 <1.6 mm 260 +0C* 260 +0C* 260 +0C* 1.6 mm - 2.5 mm 260 +0C* 250 +0C* 245 +0C* 2.5 mm 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means Peak reflow temperature +0C. For example 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005
9
www.anpec.com.tw
APM9922K
Carrier Tape & Reel Dimensions(Cont.)
T2
J C A B
T1
Application
A 3301 F 5.5 0.1
B 62 1.5
C 12.75 + 0.1 5
J 2 + 0.5
T1 12.4 +0.2 P1 2.0 0.1
T2 2 0.2 Ao 6.4 0.1
W 12 + 0.3 - 0.1 Bo 5.2 0.1
P 8 0.1
E 1.75 0.1
SOP-8
D D1 Po 1.550.1 1.55+ 0.25 4.0 0.1
Ko t 2.1 0.1 0.30.013
Cover Tape Dimensions
Application SOP- 8 Carrier Width 12 Cover Tape Width 9.3
(mm)
Devices Per Reel 2500
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Jun., 2005
10
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM9922KC-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X