Part Number Hot Search : 
GSC6680 STK17 FRV05 2SA1879 PE34856 2SA1879 HD647 NJM2509
Product Description
Full Text Search
 

To Download AP4578GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4578GH
Pb Free Plating Product
Advanced Power Electronics Corp.
Simple Drive Requirement Good Thermal Performance Fast Switching Performance
S1 G1 S2 G2 D1/D2
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON) ID P-CH BVDSS RDS(ON)
60V 72m 9A -60V 125m -6A
Description S1
TO-252-4L
ID
D1
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness.
G1
D2
G2 S1 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating N-channel 60 25 9 6 30 8.9 0.07 -55 to 150 -55 to 150 P-channel -60 25 -6 -4 -30
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case
3 3
Value Max. Max. 14 110
Units /W /W
Thermal Resistance Junction-ambient
Data and specifications subject to change without notice
200218051
AP4578GH
N-CH Electrical Characteristics@Tj=25 C(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
o
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 60 1 -
Typ. 0.05 8 9 2 5 7 5 21 5 750 80 60 1.5
Max. Units 72 90 3 10 25 100 15 1200 2.3 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=5A VGS=4.5V, ID=3A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150oC)
o
VDS=VGS, ID=250uA VDS=10V, ID=5A VDS=60V, VGS=0V VDS=48V, VGS=0V VGS=25V ID=5A VDS=48V VGS=4.5V VDS=30V ID=1A RG=3.3,VGS=10V RD=30 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=5A, VGS=0V IS=5A, VGS=0V dI/dt=100A/s
Min. -
Typ. 33 55
Max. Units 1.2 V ns nC
Reverse Recovery Time Reverse Recovery Charge
AP4578GH
P-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (T j=25 C) Drain-Source Leakage Current (T j=150 C)
o o
Test Conditions VGS=0V, ID=-250uA
2
Min. -60 -1 -
Typ. -0.04 5 13 3 6 11 5 35 7 90 75 5
Max. Units 125 150 -3 -10 -25 100 21 7.5 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25,ID=-1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
VGS=-10V, ID=-3A VGS=-4.5V, ID=-2A VDS=VGS, ID=-250uA VDS=-10V, ID=-3A VDS=-60V, VGS=0V VDS=-48V, VGS=0V VGS=25V ID=-3A VDS=-48V VGS=-4.5V VDS=-30V ID=-1A RG=3.3,VGS=-10V RD=30 VGS=0V VDS=-25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
1030 1650
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=-3A, VGS=0V IS=-3A, VGS=0V dI/dt=-100A/s
Min. -
Typ. 42 82
Max. Units -1.2 V ns nC
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.N-CH , P-CH are same .
AP4578GH
N-Channel
25
25
T C = 25 o C
20
ID , Drain Current (A)
ID , Drain Current (A)
10V 7.0V 5.0V 4.5V
T C =150 o C
20
10V 7.0V 5.0V 4.5V
15
15
10
10
5
5
V G =3.0V
V G =3.0V
0 0 1 2 3 4 5
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
95
1.6
ID=3A T C =25 o C
85
1.4
I D =5A V G =10V
Normalized RDS(ON)
RDS(ON) (m )
1.2
75
1.0
65
0.8
-6.3 -5
55
0.6 2 4 6 8 10 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2
4
3
1.5
2
T j =150 o C
T j =25 o C
Normalized VGS(th) (V)
1.2
IS(A)
1
1
0.5
0 0 0.2 0.4 0.6 0.8 1
0 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j ,Junction Temperature (
o
C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4578GH
N-Channel
f=1.0MHz
12
1000
VGS , Gate to Source Voltage (V)
C iss
10
ID=5A V DS = 48 V
8
6
C (pF)
100
C oss C rss
4
2
0 0 4 8 12 16 20
10
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
100us
10
Normalized Thermal Response (Rthjc)
Duty factor=0.5
0.2
ID (A)
0.1
0.1
0.05
1
1ms T C =25 o C Single Pulse 10ms 100ms DC
10 100 1000
PDM
0.02 0.01
t T
Duty factor = t/T Peak Tj = PDM x Rthjc + TC
Single Pulse
0.1 0.1 1
0.01 0.00001 0.0001 0.001 0.01 0.1 1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
25
V DS =5V
20
VG
T j =150 o C
ID , Drain Current (A)
T j =25 o C
15
QG 4.5V QGS QGD
10
5
Charge
0 0 2 4 6 8
Q
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
AP4578GH
P-Channel
20 20
T C = 25 C -ID , Drain Current (A)
15
o
-ID , Drain Current (A)
-10V -7.0V -5.0V -4.5V
T C =150 o C
15
-10V -7.0V -5.0V -4.5V
10
10
V G = - 3.0V
5
5
V G = - 3.0V
0 0 1 2 3 4 5 6 7
0 0 1 2 3 4 5 6 7
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
135
2.0
I D = -2 A
125
1.8
o T C =25 C
1.6
I D = -3 A V G = - 10V
RDS(ON) (m )
Normalized R DS(ON)
2 4 6 8 10
1.4
115
1.2
1.0
105
0.8
95
0.6 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2
3
1.5 2
o T j =150 C
T j =25 o C
Normalized -VGS(th) (V)
-IS(A)
1
1
0.5
0 0 0.2 0.4 0.6 0.8 1 1.2
0 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4578GH
P-Channel
f=1.0MHz
12 10000
-VGS , Gate to Source Voltage (V)
10
I D =-3A V DS =-48V
1000
8
C iss
6
C (pF)
4
100
C oss C rss
2
0 0.0 5.0 10.0 15.0 20.0 25.0 30.0
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100.0
1
100us
10.0
Normalized Thermal Response (Rthjc)
Duty factor=0.5
0.2
0.1
-ID (A)
0.1
0.05
PDM
0.02
1.0
1ms T C =25 C Single Pulse
o
t T
0.01 Single Pulse
10ms 100ms DC
10 100 1000
Duty factor = t/T Peak Tj = PDM x Rthjc + TC
0.1 0.1 1
0.01 0.00001 0.0001 0.001 0.01 0.1 1
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
20
V DS =-5V
15
VG QG -4.5V
-ID , Drain Current (A)
T j =25 o C
T j =150 o C
10
QGS
QGD
5
Charge
0 0 2 4 6 8
Q
-V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4578GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X