Part Number Hot Search : 
Q6270 6041A 30BF20 DM9701F BR262 XFGIB10 D62121 SK301
Product Description
Full Text Search
 

To Download AP4435D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4435D
Advanced Power Electronics Corp.
Low On-resistance Fast Switching Speed PDIP-8 Package
D D D D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
G S S S
-30V 20m -9A
PDIP-8
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, lower on-resistance and cost-effectiveness.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating - 30 20 -9 - 5.8 - 50 2.5 0.02 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 50
Unit /W
Data and specifications subject to change without notice
201114031
AP4435D
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions
Min. -30 -1 -
Typ. -0.03
Max. Units 20 35 -3 -1 -25 100 42 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
VGS=0V, ID=-250uA Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA Static Drain-Source On-Resistance2 Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
VGS=-10V, ID=-9A VGS=-4.5V, ID=-5A VDS=VGS, ID=-250uA VDS=-10V, ID=-9A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS= 20V ID=-9.0A VDS=-24V VGS=-4.5V VDS=-15V ID=-1A RG=3.3,VGS=-10V RD=15 VGS=0V VDS=-25V f=1.0MHz
8.2 26 6 16 14 13 70 48 580 160
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
1330 2100
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=-9.0A, VGS=0V IS=-9.0A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 44 70
Max. Units -1.2 V ns nC
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Mounted on min. copper pad , t <10sec.
AP4435D
100
80
T A =25 o C
80
-10V -8.0V
60
T A =150 C -ID , Drain Current (A)
o
-10V -8.0V
-ID , Drain Current (A)
-6.0V
40
60
-6.0V
40
20
-4.5V V G =-4.0V
20
-4.5V V G = - 4.0V
0 0 1 2 3 4 5 6 7
0 0 1 2 3 4 5 6
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
40
1.8
I D = - 5.0 A
35
T A =25 o C
1.6
I D =-9.0A V GS =-10V
Normalized RDS(ON)
1.4
RDS(ON) (m )
30
1.2
25
1.0
20 0.8
15 3 5 7 9 11
0.6 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2.5
8
7 2.25
6
5
-IS(A)
4
-VGS(th) (V)
1.2
2
1.75
T j =150 o C
3
T j =25 o C
1.5 2
1.25 1
0 0 0.2 0.4 0.6 0.8 1
1 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4435D
f=1.0MHz
12 10000
10
I D =-9.0A V DS =-24V
-VGS , Gate to Source Voltage (V)
8
C (pF)
Ciss
1000
6
Coss
4
2
Crss
0 0 10 20 30 40 50 100
1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty factor=0.5
10
1ms
0.2
0.1
0.1
10ms -ID (A)
1
0.05
100ms 1s
0.1
0.02
0.01
PDM
0.01
t
Single Pulse
T A =25 C Single Pulse DC
o
T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=90oC/W
0.01
0.001 0.1 1 10 100 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig10. Effective Transient Thermal Impedance
VDS 90%
VG QG QGS QGD
-4.5V
10% VGS td(on) tr td(off)tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4435D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X