Part Number Hot Search : 
BR00S 16NF190 H5N5015 6KE91 57719L N3224 LPL0714 SP232ECN
Product Description
Full Text Search
 

To Download AP4228M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4228M
Advanced Power Electronics Corp.
Low On-Resistance Simple Drive Requirement Dual N MOSFET Package
S2 G2 D1 D1 D2 D2
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
30V 26m 6.8A
SO-8
S1
G1
Description
D1
D2
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, lower on-resistance and cost-effectiveness.
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current
1 3
Rating 30 20 6.8 5.5 40 2 0.016 -55 to 150 -55 to 150
Units V V A A A W W/
Continuous Drain Current3 Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit /W
Data and specifications subject to change without notice
201016031
AP4228M
Electrical Characteristics@T j=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2
Test Conditions VGS=0V, ID=250uA
Min. 30 1 -
Typ. 0.03 15 9 2 6 10 9 18 6 580 150 108
Max. Units 26 40 3 1 25 100 15 930 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
VGS=10V, ID=6A VGS=4.5V, ID=4A VDS=VGS, ID=250uA VDS=10V, ID=6A
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=30V, VGS=0V VDS=24V ,VGS=0V VGS= 20V ID=6.8A VDS=24V VGS=4.5V VDS=15V ID=1A RG=3.3,VGS=10V RD=15 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2
Test Conditions IS=1.7A, VGS=0V IS=6.8A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 15 9
Max. Units 1.3 V ns nC
trr
Qrr
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135/W when mounted on Min. copper pad.
AP4228M
35 35
T A =25 o C
30
10V
30
T A =150 o C
10V 5.0V
5.0V ID , Drain Current (A) 4.0V ID , Drain Current (A)
25 25
4.0V
20
20
15
15
10
10
5
5
V G =3.0V
0 1 2 3
V G =3.0V
0 0 1 2 3 0
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
80
1.8
I D =6A T A =25
60
1.6
I D =6A V GS =10V
RDS(ON) (m )
1.4
40
Normalized RDS(ON)
2 4 6 8 10 12
1.2
1
20
0.8
0
0.6 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2.5
10
Tj=150 o C IS(A)
Tj=25 o C VGS(th) (V)
2
1
1.5
0.1 0 0.4 0.8 1.2 1.6
1
-50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C )
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4228M
f=1.0MHz
14 10000
12
I D =6.8A V DS =15V V DS =20V V DS =24V
VGS , Gate to Source Voltage (V)
10
1000
8
6 100 4
C (pF)
Ciss
Coss Crss
2
0 0 4 8 12 16 20
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
Normalized Thermal Response (Rthja)
10
0.2
0.1
0.1
1ms ID (A)
1
0.05
0.02 0.01
10ms 100ms
0.1
PDM 0.01
Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=135oC/W
T A =25 C Single Pulse
o
1s 10s DC
10 100
0.01 0.1 1
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) t
f
Charge
Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4228M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X