Part Number Hot Search : 
HN1V0 BCPZRL ASI10612 STM4470E 74LS123 C848C LTC3411 LTC24
Product Description
Full Text Search
 

To Download AP40T03GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP40T03GH/J
Pb Free Plating Product
Advanced Power Electronics Corp.
Simple Drive Requirement Low Gate Charge Fast Switching RoHS Compliant G S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
30V 25m 28A
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-252 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters. The through-hole version (AP40T03GJ) are available for low-profile applications.
GD S
TO-252(H)
G
D
S
TO-251(J)
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=100 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating 30 25 28 24 95 31.25 0.25 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 4 110 Units /W /W
Data and specifications subject to change without notice
200331052-1/4
AP40T03GH/J
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
Min. 30 1 -
Typ. 0.032
Max. Units 25 45 3 1 25 100 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=18A VGS=4.5V, ID=14A
15 8.8 2.5 5.8 6 62 16 4.4 655 145 95
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (T j=25 C) Drain-Source Leakage Current (T j=150 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=18A VDS=30V, VGS=0V VDS=24V ,VGS=0V VGS= 25V ID=18A VDS=20V VGS=4.5V VDS=15V ID=18A RG=3.3,VGS=10V RD=0.83 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS ISM VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=1.3V
1
Min. -
Typ. -
Max. Units 28 95 1.3 A A V
Pulsed Source Current ( Body Diode )
Forward On Voltage
2
Tj=25, IS=28A, VGS=0V
Notes:
1.Pulse width limited by safe operating area. 2.Pulse width <300us , duty cycle <2%.
2/4
AP40T03GH/J
90 75
T C =25 C ID , Drain Current (A)
o
10V 8 .0V ID , Drain Current (A)
T C =150 C
o
10V 8 .0V
60
6 .0V
50
6 .0V
30
25
V G = 4. 0V
V G =4.0V
0 0.0 1.0 2.0 3.0 4.0
0 0.0 1.0 2.0 3.0 4.0
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
70
2.0
I D =14A T C =25
50
I D =18A V G =10V Normalized RDS(ON)
1.4
RDS(ON) (m)
30
0.8
10
0 5 10 15
0.2
-50
0
50
100
150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2.5
100
2.0 10
T j =150 o C IS(A)
T j =25 o C VGS(th) (V)
1.5
1 1.0
0.1 0 0.4 0.8 1.2 1.6
0.5 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C )
o
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3/4
AP40T03GH/J
f=1.0MHz
12 1000
I D =18A VGS , Gate to Source Voltage (V)
9
C iss V DS =10V V DS =15V V DS =20V
C (pF)
6
100
C oss C rss
3
0 0 3 6 9 12
10 1 8 15 22 29
Q G , Total Gate Charge (nC)
V DS ,Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor = 0.5
Normalized Thermal Response (Rthjc)
0.2
ID (A)
100us
10
0.1
0.1
0.05
0.02 0.01 Single Pulse
PDM
1ms T C =25 C Single Pulse
o
t T
Duty Factor = t/T Peak Tj = PDM x Rthjc + T C
10ms 100ms DC
10 100
1 0.1 1
0.01 0.00001 0.0001 0.001 0.01 0.1 1
V DS ,Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4/4


▲Up To Search▲   

 
Price & Availability of AP40T03GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X