Part Number Hot Search : 
ASI10519 LLZ30A SQM85N15 B2566 ASI3001 F9530 C3225M18 2SC40
Product Description
Full Text Search
 

To Download AO4821 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AO4821 Dual P-Channel Enhancement Mode Field Effect Transistor
General Description
The AO4821 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V. This device is suitable for use as a load switch or in PWM applications. It is ESD protected. Standard Product AO4821 is Pb-free (meets ROHS & Sony 259 specifications). AO4821L is a Green Product ordering option. AO4821 and AO4821L are electrically
Features
VDS (V) = -12V ID = -8 A (VGS = -4.5V) RDS(ON) < 18m (VGS = -4.5V) RDS(ON) < 22m (VGS = -2.5V) RDS(ON) < 29m (VGS = -1.8V) ESD Rating: 4KV HBM
D1 S2 G2 S1 G1 1 2 3 4 8 7 6 5 D2 D2 D1 D1
D2
G1 S1
G2 S2
SOIC-8
Absolute Maximum Ratings TA=25C unless otherwise noted Parameter Symbol VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current A Pulsed Drain Current Power Dissipation A
B
Maximum -12 8 -8 -6.7 -20 2 1.28 -55 to 150
Units V V A
TA=25C TA=70C TA=25C TA=70C ID IDM PD TJ, TSTG
W C
Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient A Maximum Junction-to-Ambient A Maximum Junction-to-Lead C
Symbol t 10s Steady-State Steady-State RJA RJL
Typ 48 74 35
Max 62.5 110 40
Units C/W C/W C/W
Alpha & Omega Semiconductor, Ltd.
AO4821
Electrical Characteristics (TJ=25C unless otherwise noted) Parameter Symbol STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) RDS(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current Conditions ID=-250A, VGS=0V VDS=-9.6V, VGS=0V TJ=55C VDS=0V, VGS=4.5V VDS=0V, VGS=8V VDS=VGS ID=-250A VGS=-4.5V, VDS=-5V VGS=-4.5V, ID=-8A Static Drain-Source On-Resistance TJ=125C VGS=-2.5V, ID=-8A VGS=-1.8V, ID=-5A VDS=-5V, ID=-8A -0.3 -20 -0.55 14.8 19 18.3 22.4 34 -0.74 Min -12 -1 -5 1 10 -1 A 18 23 22 29 -1 -2.5 m m m S V A pF pF pF nC nC nC ns ns ns ns ns nC Typ Max Units V A A A
gFS VSD IS
Forward Transconductance Diode Forward Voltage IS=-1A,VGS=0V Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS Ciss Input Capacitance Coss Output Capacitance Crss Reverse Transfer Capacitance Rg Gate resistance SWITCHING PARAMETERS Qg Total Gate Charge Qgs Gate Source Charge Qgd Gate Drain Charge tD(on) tr tD(off) tf trr Qrr Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time
VGS=0V, VDS=-6V, f=1MHz VGS=0V, VDS=0V, f=1MHz
3960 910 757 6.9 37 4.4 11 15 43 158 95 63 56
VGS=-4.5V, VDS=-6V, ID=-8A
VGS=-4.5V, VDS=-6V, RL=0.75, RGEN=3
IF=-8A, dI/dt=100A/s Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge IF=-8A, dI/dt=100A/s
A: The value of R JA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA =25C. The value in any given application depends on the user's specific board design. The current rating is based on the t 10s thermal resistance rating. B: Repetitive rating, pulse width limited by junction temperature. C. The R JA is the sum of the thermal impedence from junction to lead RJL and lead to ambient. D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The SOA curve provides a single pulse rating. Rev2: August 2005 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Alpha & Omega Semiconductor, Ltd.
AO4821
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
20 -8.0V 15 10 VDS=-5V 8 6 125C 4 25C VGS=-1.0V 0 0 0.2 0.4 0.6 0.8 1 -VDS (Volts) Fig 1: On-Region Characteristics 30 Normalized On-Resistance 1.6 ID=-8A, VGS=-2.5V 1.4 ID=-5A, VGS=-1.8V 2 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -VGS(Volts) Figure 2: Transfer Characteristics
-ID (A)
10
5
25 RDS(ON) (m)
VGS=-1.8V
20
VGS=-2.5V
-ID(A)
-1.5V
1.2
ID=-8, VGS=-4.5V
15 VGS=-4.5V 10 0 2 4 6 8 10 -ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 50 45 40 RDS(ON) (m) 35 30 25 20 15 10 0 2 4 6 8 -VGS (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 25C 125C ID=-8A
1.0
0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
1E+01 1E+00 1E-01 -IS (A) 25C 1E-02 1E-03 1E-04 1E-05 0.0 0.2 0.4 0.6 0.8 1.0 -VSD (Volts) Figure 6: Body-Diode Characteristics 125C
Alpha & Omega Semiconductor, Ltd.
AO4821
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
5 4 -VGS (Volts) 3 2 1 0 0 5 10 15 20 25 30 35 40 45 -Qg (nC) Figure 7: Gate-Charge Characteristics VDS=-10V ID=-8A Capacitance (pF) 6400 5600 4800 4000 3200 2400 1600 800 0 0 5 10 15 20 -VDS (Volts) Figure 8: Capacitance Characteristics Crss Coss Ciss
100.0
TJ(Max)=150C TA=25C RDS(ON) limited 10s 100s 1ms Power (W)
40
TJ(Max)=150C TA=25C
-ID (Amps)
10.0
30
20
1.0 1s 10s DC 0.1 0.1 1 -VDS (Volts) 10
10ms 0.1s
10
100
0 0.001
0.01
0.1
1
10
100
1000
Figure 9: Maximum Forward Biased Safe Operating Area (Note E)
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10 ZJA Normalized Transient Thermal Resistance
D=Ton/T TJ,PK=TA+PDM.ZJA.RJA RJA=90C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1 Single Pulse 0.01 0.00001
PD Ton T
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance
Alpha & Omega Semiconductor, Ltd.


▲Up To Search▲   

 
Price & Availability of AO4821

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X