Part Number Hot Search : 
K2699 ZPD24 IL3480 16F88 LPC4337 U4793B ZT751 T281N
Product Description
Full Text Search
 

To Download AO4803A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AO4803A Dual P-Channel Enhancement Mode Field Effect Transistor
General Description
The AO4803A uses advanced trench technology to provide excellent RDS(ON) with low gate charge. This device is suitable for use as a load switch or in PWM applications. Standard Product AO4803A is Pb-free (meets ROHS & Sony 259 specifications)
Features
VDS (V) = -30V ID = -5 A (VGS = -10V) RDS(ON) < 46m (VGS = -10V) RDS(ON) < 74m (VGS = -4.5V) UIS TESTED! Rg,Ciss,Coss,Crss Tested!
SOIC-8 Top View S2 G2 S1 G1 1 2 3 4 8 7 6 5 D2 D2 D1 D1
D1
D2
G1 S1
G2 S2
Absolute Maximum Ratings TA=25C unless otherwise noted Parameter Symbol VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current AF Pulsed Drain Current Power Dissipation Avalanche Current B
B
Maximum -30 20 -5 -4 -30 2 1.3 11 18 -55 to 150
Units V V A
TA=25C TA=70C TA=25C TA=70C
B
ID IDM PD IAR EAR TJ, TSTG
W A mJ C
Repetitive avalanche energy 0.3mH
Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient A Maximum Junction-to-Ambient A Maximum Junction-to-Lead C
Symbol t 10s Steady-State Steady-State RJA RJL
Typ 48 74 35
Max 62.5 110 40
Units C/W C/W C/W
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO4803A
Electrical Characteristics (TJ=25C unless otherwise noted) Symbol Parameter Conditions ID=-250A, VGS=0V VDS=-30V, VGS=0V TJ=55C VDS=0V, VGS=20V VDS=VGS ID=-250A VGS=-10V, VDS=-5V VGS=-10V, ID=5.0A RDS(ON) gFS VSD IS Static Drain-Source On-Resistance VGS=-4.5V, ID=-4A Forward Transconductance VDS=-5V, ID=-5A Diode Forward Voltage IS=-1A,VGS=0V Maximum Body-Diode Continuous Current TJ=125C -1.5 -30 37 52 60 11 -0.77 -1 -2 668 VGS=0V, VDS=-15V, f=1MHz VGS=0V, VDS=0V, f=1MHz 126 92 6 12.7 VGS=-10V, VDS=-15V, ID=-5A 6.4 2 4 7.7 VGS=-10V, VDS=-15V, RL=3, RGEN=3 IF=-5A, dI/dt=100A/s 6.8 20 10 22 15 30 9 16 830 46 68 74 -2 Min -30 -1 -5 100 -2.5 Typ Max Units V A nA V A m m S V A pF pF pF nC nC nC nC ns ns ns ns ns nC
STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current
DYNAMIC PARAMETERS Ciss Input Capacitance Coss Crss Rg Output Capacitance Reverse Transfer Capacitance Gate resistance
SWITCHING PARAMETERS Qg (10V) Total Gate Charge (10V) Qg (4.5V) Total Gate Charge (4.5V) Qgs Qgd tD(on) tr tD(off) tf trr Qrr Gate Source Charge Gate Drain Charge Turn-On DelayTime Turn-On Rise Time Turn-Off DelayTime Turn-Off Fall Time Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-5A, dI/dt=100A/s
A: The value of R JA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25C. The value in any given application depends on the user's specific board design. B: Repetitive rating, pulse width limited by junction temperature. C. The R JA is the sum of the thermal impedence from junction to lead R JL and lead to ambient. D. The static characteristics in Figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25C. The SOA curve provides a single pulse rating. F. The current rating is based on the t 10s junction to ambient thermal resistance rating. Rev0: Feb 2007 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO4803A
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
40 35 30 25 -ID (A) 20 15 VGS=-3.5V 10 2 5 0 0 1 2 3 4 5 -VDS (Volts) Figure 1: On-Region Characteristics 100 Normalized On-Resistance 1.6 VGS=-10V ID=-5A 0 0 1 2 3 4 5 -VGS(Volts) Figure 2: Transfer Characteristics -40C -4.5V -4V -ID(A) 6 125C -10V -8V -5V 10 VDS=-5V 8
4
25C
80 RDS(ON) (m) VGS=-4.5V 60 VGS=-10V 40
1.4
1.2
VGS=-4.5V ID=-4A
1.0
0.8
20 0 2 4
=-6.5A, dI/dt=100A/s IF6 8 10
0.6 -50 0 50 100 150 200 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
-ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage
160 140 120 RDS(ON) (m) -IS (A) 100 ID=-5A
1E+01 1E+00 1E-01 1E-02 125C
125C 80 1E-03 25C THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL 60 COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING 1E-04 25C -40C -40C OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, 40 1E-05 FUNCTIONS AND RELIABILITY WITHOUT NOTICE. 20 1E-06 2 4 6 8 10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -VGS (Volts) -VSD (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage Figure 6: Body-Diode Characteristics
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO4803A
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
10 VDS=-15V ID=-5A 1200 1000 Ciss Capacitance (pF) 800 600 400 Coss 200 Crss 0 0 3 6 9 12 15 0 5 10 15 20 25 30 -Qg (nC) Figure 7: Gate-Charge Characteristics -VDS (Volts) Figure 8: Capacitance Characteristics
8 -VGS (Volts)
6
4
2
0
100
40 TJ(Max)=150C TA=25C
-ID (Amps)
100s 1ms
Power (W)
10
RDS(ON) limited
30
20
1 TJ(Max)=150C TA=25C DC 0.1 0.1 1
10ms 100ms 1s 10s
10
IF=-6.5A, dI/dt=100A/s 10 100
-VDS (Volts)
0 0.001
0.01
0.1
1
10
100
1000
Figure 9: Maximum Forward Biased Safe Operating Area (Note E)
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10 ZJA Normalized Transient Thermal Resistance
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL PD COMPONENTS IN LIFE SUPPORT DEVICES OR D=Ton/T SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITSTPRODUCTS. AOSJA 0.01 J,PK =TA+PDM.ZJA.R RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, Ton RJA FUNCTIONS AND RELIABILITYPulse WITHOUT NOTICE. =110C/W T Single 0.001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance(Note E)
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


▲Up To Search▲   

 
Price & Availability of AO4803A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X