Part Number Hot Search : 
1015MP ADCMP561 1V0DS00 TCLLZ10V TSC2411 09CCCZ OP265C FR2ML
Product Description
Full Text Search
 

To Download AAT3129ITP-60-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications General Description
The AAT3129 is a high efficiency charge pump DC/DC converter with tri-mode load switch (1X) fractional (1.5X) and doubling (2X) conversion for color LED applications. A single current source output provides a regulated current to drive R, G, and B LEDs via three internal switches. With a simple single wire serial bus, the RGB module can be easily controlled to display 4096 colors. AnalogicTech's Advanced Simple Serial ControlTM (AS2CwireTM) serial digital input is used to enable, disable, and set the duty cycle of each internal MOSFET switch. Low external parts count (two 1F flying capacitors and two small bypass capacitors at VIN and OUT) makes the AAT3129 ideally suited for small battery-powered applications. The AAT3129 has a thermal management system to protect the device in the event of a short-circuit condition on any of the output pins. Built-in softstart circuitry prevents excessive inrush current during start-up. High switching frequency enables the use of small external capacitors. A low current shutdown feature disconnects the load from VIN and reduces quiescent current to less than 1A. The AAT3129 is available in a Pb-free, 12-pin TSOPJW package.
AAT3129
Features
* * * * * * * * * * * *
ChargePumpTM
VIN Range: 2.7V to 5.5V Common Anode RGB LED Control 4096 Color with Single Wire Digital Control 40mA to 180mA Fixed Current Source AS2Cwire Digital Brightness Control Low Noise Constant Frequency Operation Small Application Circuit Regulated Output Current No Inductors 1MHz Switching Frequency IQ <1A in Shutdown 12-Pin TSOPJW Package
Applications
* * * * * * * * Fashion RGBs Mobile Handsets MP3 Players PDAs Portable Devices RGB Color LEDs RGB Photo Flash Smart Phones
Typical Application
VIN ISRC C1+ VBAT CIN 1F CCP 1F CP
AAT3129
C1C2+
C1 1F R C2 1F G B
C2EN/SET EN/SET GND DR DG DB
3129.2007.01.1.4
1
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Pin Descriptions
Pin #
1 2 3 4 5 6 7 8 9 10 11 12
AAT3129
Symbol
C2+ CP C1C1+ ISRC EN/SET DB DG DR GND IN C2-
Function
Flying capacitor 2 positive terminal. Connect a 1F capacitor between C2+ and C2-. Charge pump output. Requires 1F capacitor connected between this pin and ground. Flying capacitor 1 negative terminal. Flying capacitor 1 positive terminal. Connect a 1F capacitor between C1+ and C1-. Current source output. AS2Cwire control pin. Open drain switch blue diode cathode. Open drain switch green diode cathode. Open drain switch red diode cathode. Ground. Input power supply. Requires 1F capacitor connected between this pin and ground. Flying capacitor 2 negative terminal.
Pin Configuration
TSOPJW-12 (Top View)
C2+ CP C1C1+ ISRC EN/SET
1 2 3 4 5 6
12 11 10 9 8 7
C2IN GND DR DG DB
2
3129.2007.01.1.4
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Absolute Maximum Ratings1
Symbol
VIN VCP VEN/SET VEN/SET(MAX) TJ TLEAD
AAT3129
Description
Input Voltage Charge Pump Output EN/SET to GND Voltage Maximum EN/SET to Input Voltage Operating Junction Temperature Range Maximum Soldering Temperature (at leads, 10 sec)
Value
-0.3 to 6 -0.3 to 6 -0.3 to 6 0.3 -40 to 150 300
Units
V V V V C C
Thermal Information
Symbol
PD JA
Description
Maximum Power Dissipation Thermal Resistance
2, 3
Value
625 160
Units
mW C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on an FR4 board. 3. Derate 6.25mW/C above 25C. 3129.2007.01.1.4
3
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Electrical Characteristics1
VIN = 3.5V, CIN = CCP = C1 = C2 = 1F; TA = -40C to +85C. Unless otherwise noted, typical values are TA = 25C. Symbol Description Conditions Min
2.7 3.0 VIN 5.5, CP = 1.5X, No Load Current EN = 0 3.0 VIN 5.5 1
AAT3129
Typ
Max
5.5 3 1 5
Units
V mA A % s MHz %
Input Power Supply VIN Operation Range ICC Operating Current ISHDN ISRC Charge Pump TS FCLK Switches RDS(ON) EN/SET VEN(L) VEN(H) TEN/SET LO TEN/SET HI MIN TOFF TLAT IEN/SET Shutdown Current Output Current Accuracy Start-Up Delay Time Clock Frequency Efficiency Switch On Resistance Enable Threshold Low Enable Threshold High EN/SET Low Time Minimum EN/SET High Time EN/SET Off Timeout EN/SET Latch Timeout EN/SET Input Leakage
-5 200 1 93
VIN = 3.5V VIN = 3.5V, TA = 25C VIN = 2.7V VIN = 5.5V
1.5 0.4 1.4 0.3 50 500 500 1 75
V V s ns s s A
VEN/SET = 5.5V, VIN = 5.5V
-1
1. The AAT3129 is guaranteed to meet performance specifications over the -40C to +85C operating temperature range and is assured by design, characterization, and correlation with statistical process controls.
4
3129.2007.01.1.4
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Typical Characteristics
Turn-On to 1X Mode
(VIN = 4.2V; ISRC = 60mA) EN/SET (2V/div) CP (2V/div) EN/SET (2V/div) CP (2V/div) IISRC (50mA/div)
AAT3129
Turn-On to 1.5X Mode
(VIN = 3.6V; ISRC = 60mA)
IISRC (50mA/div)
100s/div
100s/div
Turn-On to 2X Mode
(VIN = 2.8V; ISRC = 60mA) EN/SET (2V/div) CP (2V/div) IISRC (50mA/div) EN/SET (2V/div) VISRC (2V/div) IISRC (50mA/div)
Turn-Off from 1.5X Mode
(VIN = 3.6V; Addr = 2; Data = 16)
100s/div
100s/div
3129.2007.01.1.4
5
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Typical Characteristics
Operating Characteristics
(VIN = 4.2V; DR, DB, and DG in 1X Mode) CP (1V/div) VISRC (1V/div) IISRC (50mA/div) 4.1V
AAT3129
Operating Characteristics
(VIN = 3.9V; DR and DG in 1X Mode; DB in 1.5X Mode) CP (1V/div) VISRC (1V/div) IISRC (50mA/div) 5.2V 3.8V
100s/div
100s/div
Operating Characteristics
(VIN = 3.6V; DR in 1X Mode; DG and DB in 1.5X Mode) 5.3V VIN (1V/div) VCP (1V/div) VISRC (1V/div) IISRC (50mA/div)
Line Response
(1X Mode; IISRC = 60mA)
CP (1V/div) VISRC (1V/div) IISRC (50mA/div) 3.5V
3.7V
4.2V
100s/div
1ms/div
Line Response
(1X, 1.5X Mode; IISRC = 60mA) VIN (1V/div) VCP (1V/div) VISRC (1V/div) IISRC (50mA/div)
3.5V
3.9V
1ms/div
6
3129.2007.01.1.4
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Typical Characteristics
Oscillator Frequency vs. Temperature
1.5 1.3 1
AAT3129
Shutdown Current vs. Temperature
FOSC (MHz)
1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 -40 -20 0 20 40 60 80 100
Shutdown Current (A)
1.4
0.1
0.01
0.001 -40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
IISRC vs. VIN
(VF = 3.5V)
64 63 62 61 64 63
IISRC vs. VF
(VIN = 3.5V)
+25C
62 61
+25C
IISRC (mA)
60 59 58 57 56 55 54 2.7 3.0 3.3 3.5 3.8 4.1 4.4 4.7 4.9 5.2 5.5
IISRC (mA)
60 59 58 57 56 55 54 1.0 1.5 2.0 2.5 3.0 3.5 4.0
+85C -40C
+85C -40C
VIN (V)
VF (V)
TLAT vs. VIN
450 400 350 350
TOFF vs. VIN
-40C
300 250 200 150 100 50
TLAT (s)
250 200 150 100 50 0 2.7 3.0 3.3 3.5 3.8 4.1 4.4 4.7 4.9 5.2 5.5
+25C
+85C
TOFF (s)
300
-40C
+25C
+85C
2.7
3.0
3.3
3.5
3.8
4.1
4.4
4.7
4.9
5.2
5.5
Input Voltage (V)
Input Voltage (V)
3129.2007.01.1.4
7
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Typical Characteristics
Switch Resistance vs. Supply Voltage
1.4 1050 1000 1.2 1.0 0.8 0.6
AAT3129
VIH vs. VIN
Switch Resistance ()
+85C
950
VIH (mV)
900 850 800 750 700 650 600
-40C
+25C
0.4 0.2
-40C
+25C
+85C
550 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 2.7 3.0 3.3 3.5 3.8 4.1 4.4 4.7 4.9 5.2 5.5
Supply Voltage (V)
Input Voltage (V)
VIL vs. VIN
1050 1000 950
VIL (mV)
900 850 800 750 700 650 600 550 2.7 3.0
-40C
+25C
+85C
3.3
3.5
3.8
4.1
4.4
4.7
4.9
5.2
5.5
Input Voltage (V)
8
3129.2007.01.1.4
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Functional Block Diagram
VIN
AAT3129
Soft Start 1X 1.5X 2X Charge Pump
C1+ C1C2+ C2CP
1MHz Oscillator Voltage Reference
ISRC DR EN/SET
AS2Cwire Interface Control
DG DB
GND
Functional Description
The AAT3129 is a tri-mode load switch (1X) and high efficiency (1.5X or 2X) charge pump device intended for fashion color LED lighting applications. To maximize power conversion efficiency, an internal sensing circuit monitors the voltage required on the constant current source output and sets the load switch and charge pump modes based on the input battery voltage and the current source output voltage. As the battery discharges over time, the AAT3129 charge pump is enabled when the current source output nears dropout. The charge pump initially starts in 1.5X mode. If the charge pump output drops enough for the current source output to
become close to dropout, the charge pump will automatically transition to 2X mode. The AAT3129 requires only four external components: two 1F ceramic capacitors for the charge pump flying capacitors (C1 and C2), one 1F ceramic input capacitor (CIN), and one 0.33F to 1F ceramic output capacitor (CP). The color and brightness of an RGB color LED is maintained by PWM signals, which are programmed via the AS2Cwire interface. The control block generates three gate drive PWM signals for the N-channel MOSFET switches. Please refer to the interface description and timing in the following section for details.
3129.2007.01.1.4
9
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Applications Information
AS2Cwire Serial Interface
The Advanced Simple Serial Control digital interface is used to set the color, overall intensity, and method of update for the R, G, and B channels. The intensity for each channel is set by dedicated 4-bit registers giving each channel 16 levels of brightness and resulting in 4096 possible color combinations. In addition to the three color registers, there is an intensity register and a mode register. The intensity register sets the overall intensity and provides 16 global brightness levels. The mode register toggles the method of update between two possibilities. Depending on the mode register setting, the AAT3129 will update the R, G, and B channels immediately or update them only when the intensity register is updated. AS2Cwire relies on the number of rising edges of the EN/SET pin to address and load the registers. AS2Cwire latches data or address after the EN/SET pin has been held high for time TLAT. Address or data is differentiated by the number of EN/SET rising edges. Since the data registers are 4 bits each, the differentiating number of pulses is 24 or 16, so that address 1 is signified by 17 rising edges, address 2 by 18 rising edges, and so forth. Data is set to any number of rising edges between 1 and including 16. A typical write protocol is a burst of EN/SET rising edges, signifying a particular address, followed by a pause with EN/SET held high for the TLAT timeout period, a burst of rising edges signifying data, and a TLAT timeout for the data registers. Once an address is set, then multiple writes to the corresponding data register are allowed. When EN/SET is held low for an amount of time greater than TOFF, the AAT3129 enters into shutdown mode and draws less than 1A from the supply. Address 1 is the default address on the first rising edge after the AAT3129 has been disabled. When shutdown mode is entered, the Address and Data registers are reset to 1.
AAT3129
AS2Cwire Serial Interface Timing
Address
THI TLO T LAT T LAT
Data
EN/SET
1 2 17 18 1 2... n <= 16
Address
1
2
G
1
n
R, B, T, M
1
AS2Cwire Serial Interface Addressing
Address
1 2 3 4 5
EN/SET Rising Edges
17 18 19 20 21
Data Register
R G B T M
Description
Red Green Blue Intensity Mode
10
3129.2007.01.1.4
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
Color Registers R, G, and B
The individual color brightness is set using the three R, G, and B registers. The data register contents determine the on-time for each color channel during a PWM cycle. The first level is 0, or off, and is set with a single EN/SET rising edge. This setting eliminates a given color from the spectrum. The remaining 15 levels progressively increase the brightness for a particular color by increasing that channel's on-time. Using the red channel as an example, the resulting on-time is on-time = (R - 1) * 128s where R is the data setting (from 1 to 16). The same applies to G and B.
AAT3129
Intensity Register T
The overall intensity level is set by the T register. Once a particular mixing of colors is set to produce the desired color, the overall intensity can be adjusted while keeping constant the ratio of colors to one another. The brightest level is set by programming the T register with 1 edge. Programming the T register with 16 edges produces the dimmest setting. The T register adjusts the overall intensity by controlling the PWM off-time. Under the dimmest setting, the off-time is the longest. The offtime that results from the data in the T register is off-time = (T - 1) * 512s
Diode Current Timing
(R - 1) * 128s ISRC 128s (T - 1) * 512s
Red
ISRC
(G - 1) * 128s
Green
ISRC
128s
(B - 1) * 128s
Blue
ISRC
128s
Mode Register M
The mode register determines the method of update for the R, G, and B channels. When the mode register is set to 1, the addressed color updates immediately. When the mode register is set to 2, the colors will update when the T register is written (synchronized updating). Under immediate updating, an addressed channel will update as soon as new data has latched for it. Under synchronized updating, the channels that have been assigned new data will not update until data for the T register latches.
By using synchronized updating, discrete changes in color can be achieved. Synchronized updating allows the intensity for all three colors to be updated simultaneously. All three color registers can be loaded with new data prior to the update. Then, upon loading the T register, all three colors will change to their new states together. This allows a user to transition from one mixed color to another without having to traverse intermediate colors. Under immediate updating color changes can only be achieved serially, or one color at a time.
3129.2007.01.1.4
11
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
Mode Register Settings - Address 5
M Setting
1 2
AAT3129
Action
R, G, B, T Registers Latched Independently R, G, B Registers Synchronized to T Register Latch
LED Current
The resulting DC current for each of the R, G, and B channels depends on the overall system settings. Using the overall settings, the current for a particular channel is calculated as
R-1 IR = ISRC * 4 * (T - 1) + (R - 1) + (G - 1) + (B - 1) + CHLS_ON G-1 IG = ISRC * 4 * (T - 1) + (R - 1) + (G - 1) + (B - 1) + CHLS_ON B-1 IB = ISRC * 4 * (T - 1) + (R - 1) + (G - 1) + (B - 1) + CHLS_ON
where ISRC is the factory programmed current and CHLS_ON is the number of channels programmed to operate. Whenever a channel is programmed to Data = 1, that channel is programmed to off and must be removed from the CHLS_ON count.
Capacitor Characteristics
Ceramic composition capacitors are highly recommended over all other types of capacitors for use with the AAT3129. Ceramic capacitors offer many advantages over their tantalum and aluminum electrolytic counterparts. A ceramic capacitor typically has very low ESR, is lowest cost, has a smaller PCB footprint, and is non-polarized. Low ESR ceramic capacitors help maximize charge pump transient response. Since ceramic capacitors are non-polarized, they are not prone to incorrect connection damage.
Capacitor Selection
Careful selection of the four external capacitors CIN, C1, C2, and COUT is important because they will affect turn-on time, output ripple, and transient performance. Optimum performance will be obtained when low equivalent series resistance (ESR) ceramic capacitors are used. In general, low ESR may be defined as less than 100m. For best overall performance, 1F capacitors are recommended. Depending on ripple requirements, the input and output capacitor values can be increased or decreased accordingly. If lower ripple is desired, increase the capacitor value. The peak-to-peak ripple seen at the input or output increases or decreases with capacitor size.
Equivalent Series Resistance
ESR is an important characteristic to consider when selecting a capacitor. ESR is a resistance internal to a capacitor that is caused by the leads, internal connections, size or area, material composition, and ambient temperature. Capacitor ESR is typically measured in milliohms for ceramic capacitors and can range to more than several ohms for tantalum or aluminum electrolytic capacitors.
12
3129.2007.01.1.4
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1F are typically made from NPO or C0G materials. NPO and C0G materials typically have tight tolerance and are stable over temperature. Larger capacitor values are typically composed of X7R, X5R, Z5U, or Y5V dielectric materials. Large ceramic capacitors, typically greater than 2.2F, are often available in lowcost Y5V and Z5U dielectrics, but capacitors greater than 1F are typically not required for AAT3129 applications. Capacitor area is another contributor to ESR. Capacitors that are physically large will have a lower ESR when compared to a smaller capacitor made from an equivalent material. These larger devices can improve circuit transient response when compared to an equal value capacitor in a smaller package size.
AAT3129
Layout Considerations
The AAT3129 is a high-performance device that operates with a high switching frequency. To ensure optimal device performance and accommodate the fast transients generated by the AAT3129 special attention should be given to the board layout. The recommended layout is illustrated in Figure 1. The traces connecting C1 and C2 experience fast current transients. As a result, the trace lengths for C1 and C2 should be minimized by placing the components as closely as possible to the IC. This will minimize path resistance and reduce ringing due to the inductance associated with trace length. For best IC performance, CIN and COUT are placed as closely as possible to the IN and CP pins and are connected to a solid ground.
GND C2 COUT
CIN
C1
GND
Figure 1: Optimal PCB Layout.
3129.2007.01.1.4
13
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications Ordering Information
Output Current
60mA
AAT3129
Package
TSOPJW-12
Marking1
NNXYY
Part Number (Tape and Reel)2
AAT3129ITP-60-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
Package Information
0.20 + 0.10 - 0.05
2.40 0.10
0.50 BSC 0.50 BSC 0.50 BSC 0.50 BSC 0.50 BSC
2.85 0.20
7 NOM 3.00 0.10
0.9625 0.0375
0.04 REF
0.15 0.05
+ 0.10 1.00 - 0.065
0.055 0.045
4 4
0.010
0.45 0.15 2.75 0.25
All dimensions in millimeters.
1. XYY = assembly and date code. 2. Sample stock is held on part numbers listed in BOLD.
14
3129.2007.01.1.4
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737- 4600 Fax (408) 737- 4611
3129.2007.01.1.4
15


▲Up To Search▲   

 
Price & Availability of AAT3129ITP-60-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X