|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A733LT1 General Purpose Transistor PNP Silicon * "G" Lead(Pb)-Free BASE COLLECTOR 3 1 2 SOT-23 EMITTER MAXIMUM RATINGS (Ta=25 C) Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -Continuous Symbol VCEO VCBO VEBO IC Value -50 -60 -5.0 -150 Unit Vdc Vdc Vdc mAdc THERMAL CHARACTERISTICS Characteristics Total Device Dissipation FR-5 Board (1) TA =25 C Derate above 25 C Thermal Resistance, Junction Ambient Junction and Storage, Temperature Symbol PD R JA TJ, Tstg Value 200 1.6 625 -55 to +150 Unit mW mW/ C C/W C Device Marking A733=CS ELECTRICAL CHARACTERISTICS Characteristics Collector-Emitter Breakdown Voltage (IC= -1 mAdc, IB=0) Collector-Base Breakdown Voltage (IC= -5 uAdc, IE=0) Emitter-Base Breakdown Voltage (IE= -50 uAdc, IC=0) Collector Cutoff Current (VCB= -60Vdc, IE=0) Emitter Cutoff Current (VEB= -5.0 Vdc, I C=0) 1. FR-5=1.0 I I 0.75 I I 0.062 in Symbol V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Min -50 -60 -5.0 Max -0.1 -0.1 Unit Vdc Vdc Vdc uAdc uAdc WEITRON http://www.weitron.com.tw A733LT1 ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued) Characteristics Symbol Min Typ Max Unit ON CHARACTERISTICS DC Current Gain (IC= -1 mAdc, VCE= -6 Vdc) Collector-Emitter Saturation Voltage (IC= -100 mAdc, I B = -10mAdc) Transition Frequency (IC= -10mAdc, VCE=-6 Vdc, f=30MHz) hFE VCE(sat) fT 120 -0.18 475 -0.3 Vdc 50 - MHz CLASSIFICATION OF hFE Rank Range L 120-200 H 200-475 WEITRON http://www.weitron.com.tw A733LT1 FIG.1 Total Power Dissipation vs. Ambisent Themperature FIG.2 Collector Current vs. Collector to Emitter Voltage FIG.3 Collector Current vs. Collector to Emitter Voltage FIG.4 DC Current Gain vs. Collector Current FIG.5 DC Current vs. Collector Current FIG.6 Collector and Base Saturation Voltage vs. Collector Current FIG.7 Gain Bandwidth Product vs. Emitter Current WEITRON http://www.weitron.com.tw A733LT1 SOT-23 Package Outline Dimensions A Unit:mm TOP VIEW B C E G H D K J L M Dim Min Max A 0.35 0.51 B 1.19 1.40 C 2.10 3.00 D 0.85 1.05 E 0.46 1.00 G 1.70 2.10 H 2.70 3.10 J 0.01 0.13 K 0.89 1.10 L 0.30 0.61 M 0.076 0.25 http://www.weitron.com.tw WEITRON |
Price & Availability of A733LT1 |