Part Number Hot Search : 
SLE4406 4FST3 RN1102F CDBV0520 TFMBJ65 2J102K 2K30A 2J102K
Product Description
Full Text Search
 

To Download A070GRB01T13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROTISTOR
A070gRB SEMICONDUCTOR PROTECTION FUSES
The A070gRB is a fast acting, full range 10x38 fuse utilized in the protection of inverters, UPS and other discrete semi-conductor devices
Features / Benefits (R) International 10 X 38 mm (1 1/2 X 13/32) size for woldwide acceptance (R) Ferrule mount 1 to 30A for design versatility (R) Low I2t for improved semiconductor protection (R) gR Class according to VDE 636-23 and IEC 269.4 Ratings (R) AC: 1-30A 160kA, 700V (R) DC: 550VDC, L/R = 10mS Approvals (R) UL Recognized Component (R) IEC 269-4 Compliance (R) AC: Guide No. JFHR2
D
HIGHLIGHTS:
(R) Extremely Fast (R) (R) (R) (R)
Acting Current Limiting Low l2t Excellent Cycling Capability gR
APPLICATIONS: (R) Protection of small inverters, UPS systems, motor drives and similar 700v or less equipment
Without trip-indicator Max. weight 10g 10
38=0.6 (1-1/2")
10,3
0,1
(13/32")
Note: Fuses bear European and American references.
D 29
PROTISTOR
A070gRB SEMICONDUCTOR PROTECTION FUSES
BODY SIZE (mm) AMPERE RATING 1 1.25 1.5 2 2.5 3 4 5 6 8 10 12.5 16 20 25 30 RATED VOLTAGE (VAC) WATTS LOSS Total I2t @ Melting I2t Rated Voltage @ 80% RATED @ 100% RATED CATALOG NUMBER REFERENCE NUMBER (A2s) (A2s) CURRENT CURRENT (W) 0.066 0.115 0.185 0.42 0.88 1.55 4 8.6 15 3.3 5.4 8.5 16 30 58 96 0.32 0.4 0.63 1.43 3 5.1 13.2 27.5 48.5 36.3 60.5 90.2 160 275 520 815 0.57 0.7 0.81 1.1 1.15 1.25 1.35 1.4 1.5 1.35 1.85 1.9 2.3 2.4 2.7 2.9 1 1.25 1.5 2 2.1 2.3 2.6 2.7 2.9 2.4 3.4 3.4 4.1 4.3 4.7 5 A070GRB01T13 A070GRB1.25T13 A070GRB1.5T13 A070GRB2T13 A070GRB02.5T13 A070GRB03T13 A070GRB04T13 A070GRB05T13 A070GRB06T13 A070GRB08T13 A070GRB10T13 A070GRB12.5T13 A070GRB16T13 A070GRB1.20T13 A070GRB25T13 A070GRB30T13 W330000 X330001 Y330002 Z330003 A330004 B330005 C330006 D330007 E330008 F330009 G330010 H330011 J330012 K330013 L330014 M330015
10 X 38
700
D 30
PROTISTOR
A070gRB SEMICONDUCTOR PROTECTION FUSES
Melting Time Current Data (1 to 6A)
Peak Let Thru Current Data (1 to 6A)
D
Melting Time - Current Data (8 to 30A)
Peak Let Thru Current Data (8 to 30A)
D 31
AMP-TRAP(R)-Form 101
A70gRB
SEMICONDUCTOR PROTECTION FUSES
DC Voltage Capability vs. Time Constant
DC Peak Arc Voltage
Maximum Arc Volts vs. System Voltage 1 to 6A 8 to 30A
Clearing I2t vs. AC operating voltage 1 to 6A 8 to 30A
Correction factor to determine clearing I2t of a fuse below its related voltage.
D 32


▲Up To Search▲   

 
Price & Availability of A070GRB01T13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X