Part Number Hot Search : 
BDX88A 3266X GU70L02 17901 M32186 SC454 365915 MV8U01
Product Description
Full Text Search
 

To Download 62033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 62033
GaAs LIGHT EMITTING DIODE, TO-46 PACKAGE (TYPE GS5040)
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * * Hermetically sealed High output, 940nm Small package Spectrally matched to the 61058 series detector
Applications: * * * * Touch screen arrays Reflective sensors Position sensors Level sensors
DESCRIPTION The 62033 is a P-N GaAs Infrared Light Emitting Diode in a TO-46 package and is spectrally matched to silicon phototransistors and photodarlingtons. Available binned to customer specifications and/or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS 25C FREE AIR TEMPERATURE UNLESS NOTED Storage Temperature............................................................................................................................................. -40C to +100C Operating Temperature ........................................................................................................................................... -40C to +80C Reverse Voltage (at 25C case temperature) ..............................(See note 1) ...................................................................... 2Vdc Forward Current-Continuous ................................................................................................................................................ 200mA Soldering Temperature (1/16 inch from case for 10 seconds).............................................................................................. 240C
NOTES: 1. Derate linearly to 80C case temperature at the rate of 3.6mA/C.
Package Dimensions
Schematic Diagram
0.210 [5.33] 0.170 [4.32] 0.030 [0.76] MAX
2 LEADS 0.019 O [0.48] 0.016O [0.41] ANODE O0.100 [O2.54]
A
0.230O [5.84] 0.209O [5.31] 0.195O [4.95] 0.178O [4.52] 0.500 [12.70] MIN
0.048 [1.22] 0.028 [0.71] 0.046 [1.17] 0.036 [0.91] 45 THE ANODE IS IN ELECTRICAL CONTACT WITH THE CASE
CATHODE
K
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
6 - 28
62033
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
GaAs LIGHT-EMITTING DIODE, TO-46 PACKAGE
PARAMETER
Output Power 62033-X01 62033-X02 62033-X03 62033-XXX 62033-XXX 62033-XXX 62033-XXX 62033-XXX 62033-XXX
SYMBOL
PO VF BVR tR P
MIN
2.0 3.5 4.8
TYP
2.5 4.2 6.0
MAX
UNITS
mW
TEST CONDITIONS
IF = 100mA IF = 100mA IR = 10A
NOTE
Forward Voltage Reverse Breakdown Voltage Radiation Rise Time Peak Wavelength Beam Angle Forward Max Continuous Current
1.7 2 0.7 940 20 200
V V s nm degrees mA
IF = 100mA
1
IF(MAX)
25C Case
NOTES: 1. Angle between half-intensity points. INSTANTANEOUS POWER OUTPUT versus FORWARD CURRENT
P POWER OUTPUT INORMALIZED o
4 2 1 0.7 0.4 0.2 0.1 10
0 40 20 0 20 40
RADIATION PATTERN
1 .0
R E L A T I V E IN T E N S IT Y
110 7
TC =25C NORMALIZED TO OUTPUT AT I = 50 mA F
0 .8
0 .6
0 .4
0 .2
20
400 40 70 100 200 IF FORWARD CURRENT [mA]
1000
A N G L E [D E G R E E S ]
POWER OUTPUT versus JUNCTION TEMPERATURE
POWER OUTPUT [NORMALIZED]
3.0 2.0
P POWER OUTPUT [NORMALIZED] o
1.0 IF =50 mA T = 25 C A
RELATIVE SPECTRAL OUTPUT
0.8
0.6
1 0.7 0.5
0.4
0.2
P o
0.3 -75
0
-50
-25
0
25
50
75
100
150
8800
9200
9600
10,000
TJ - JUNCTION TEMPERATURE - C
WAVELENGTH ( )
RECOMMENDED OPERATING CONDITIONS:
PARAMETER Forward Current PART NUMBER 62033-001 62033-101 62033-002 62033-102 62033-003 62033-103 SYMBOL IF MIN 50 MAX 200 UNITS mA
SELECTION GUIDE
PART DESCRIPTION GS5040-1,GaAs LED in TO-46 package, commercial version GaAsLED in TO-46 package (-55 to +100C) with 100% screening GS5040-2, GaAs LED in TO-46 package, commercial version GaAsLED in TO-46 package (-55 to +100C) with 100% screening GS5040-3, GaAs LED in TO-46 package, commercial version GaAsLED in TO-46 package (-55 to +100C) with 100% screening PO Range +2.0 mW +2.0 mW +3.5 mW +3.5 mW +4.8 mW +4.8 mW
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
6 - 29


▲Up To Search▲   

 
Price & Availability of 62033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X