Part Number Hot Search : 
XLUGR2 HT7466 EM73469A P6KE18A 68HC908 N5236B UF206 MPSW05G
Product Description
Full Text Search
 

To Download 32CTQ030-1PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21034 rev. A 07/06
32CTQ030SPbF 32CTQ030-1PBF
SCHOTTKY RECTIFIER 32 Amp
IF(AV) = 30Amp VR = 30V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 15 Apk, TJ = 125C range 30 900 0.40 - 55 to 150 V A V C
Description/ Features Units
A The 32CTQ030.. Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix) 150 C TJ operation
Values
30
Case Styles
32CTQ030SPbF 32CTQ030-1PBF
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
D2PAK www.irf.com
TO-262 1
32CTQ030SPbF, 32CTQ030-1PBF
Bulletin PD-21034 rev. A 07/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
32CTQ030SPbF, 32CTQ030-1PBF
30
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repetitive Avalanche Energy Repetitive Avalanche Current
32CTQ Units Conditions
30 900 250 13 3 A 50% duty cycle @ TC = 115 C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
A mJ A
TJ = 25 C, IAS = 1.20 Amps, L = 11.10 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
32CTQ Units Conditions
0.49 0.58 0.40 0.53 V V V V mA mA V m pF nH V/ s VR = 5VDC (test signal range 100Khz to 1Mhz) 25 C Measured lead to lead 5mm from package body (Rated VR )
(1) Pulse Width < 300s, Duty Cycle < 2%
@ 15A @ 30A @ 15A @ 30A TJ = 25 C TJ = 125 C TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (1) * See Fig. 2
1.75 97 0.233 9.09 1300 8.0 10000
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Per Leg Typical Series Inductance Per Leg
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
32CTQ Units Conditions
- 55 to 150 - 55 to 150 3.25 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C C/W C/W g (oz.) Kg-cm (Ibf-in) Case style D2Pak Case style TO-262 DC operation * See Fig. 4
RthJC Max. Thermal Resistance Junction to Case Per Leg RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Marking Device
Mounting surface , smooth and greased
32CTQ030S 32CTQ030-1
2
www.irf.com
32CTQ030SPbF, 32CTQ030-1PBF
Bulletin PD-21034 rev. A 07/06
1000
1000 100 10 1 0.1 0.01 0.001 TJ = 150C 125C 100C 75C 50C 25C
Ins tantaneous Forward Current - I F (A)
100
Reverse Current - I R (mA)
0
5
10
15
20
25
30
Reverse Voltage - VR (V)
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
10000 Junction Capacitance - C T (pF)
10 TJ= 150C TJ= 125C TJ= 25C
TJ = 25C
1000
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
100 0 5 10 15 20 25 30 35 Reverse Voltage - VR (V)
Forward Voltage Drop - V FM (V)
Fig. 1 - Maximum Forward Voltage Drop Characteristics
10 T hermal Impedanc e Z thJC (C/W) D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
1
P DM
0.1 t1 0.01 S ingle Pulse (T hermal Resistanc e) Notes: t2
1. Duty factor D = t 1 / t 2 2. Peak T = P x Z thJC+ TC J DM
0.001 0.00001
0.0001
0.001
0.01
0.1
1
10
t 1 , Rec tangular Pulse Dura tion (S onds) ec
Fig. 4 - Maximum Thermal Impedance Z thJC Characteristics
www.irf.com
3
32CTQ030SPbF, 32CTQ030-1PBF
Bulletin PD-21034 rev. A 07/06
160 Allowable Case T emperature - (C)
Average Power Loss - (Watts) 10 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMSLimit DC
150 140 130 120 110 100 90
see note (2) S uare wa ve (D = 0.50) q 80% Rated V R a pplied
8
DC
6
4
2
80 0 5 10 15 20 25 Average Forward Current - I F(AV) (A)
0 0 5 10 15 20 25 Average Forward Current - I F(AV) (A)
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
Non-Repetitive S urge Current - I FS (A) M 1000
Fig. 6 - Forward Power Loss Characteristics
At Any R ated Load Condition And With Rated VRRM Applied F ollowing S urge 100 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L HIGH-S PEED S CH WIT F REE-WHEEL DIODE 40HF 40S L 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x V FM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
32CTQ030SPbF, 32CTQ030-1PBF
Bulletin PD-21034 rev. A 07/06
Outlines Table
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
5
32CTQ030SPbF, 32CTQ030-1PBF
Bulletin PD-21034 rev. A 07/06
Part Marking Information
D2PAK
THIS IS A 32CTQ030S LOT CODE 8024 ASSEMBLED ON WW 02, 2000 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER
32CTQ030S
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
PART NUMBER
TO-262
EXAMPLE: THIS IS A 32CTQ030-1 LOT CODE 1789 ASSEMBLED ON WW 19, 2002 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE YEAR 2 = 2002 WEEK 19 P = LEAD-FREE
Tape & Reel Information
Dimensions in millimeters and (inches)
6
www.irf.com
32CTQ030SPbF, 32CTQ030-1PBF
Bulletin PD-21034 rev. A 07/06
Ordering Information Table
Device Code
32
1
C
2
T
3
Q
4
030
5
S
6
TRL PbF
7 8
1 2 3 4 5 6 7
-
Current Rating (30A) Circuit Configuration C = Common Cathode T = TO-220 Schottky "Q" Series Voltage Rating (030 = 30V) S = D 2Pak -1= TO-262 none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented - for D2Pak only) TRR = Tape & Reel (Right Oriented - for D 2Pak only)
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 32CTQ030-1PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X