Part Number Hot Search : 
1E05UM AD58202 LM5107M SMA6512 CY28351 NB2760A KBU25 E3046
Product Description
Full Text Search
 

To Download 2SB1288 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1288
Silicon PNP epitaxial planer type
For low-frequency power amplification For DC-DC converter For stroboscope
Unit: mm
5.00.2 4.00.2
s Features
q q q
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -30 -20 -7 -10 -5 1 150 -55 ~ +150 Unit V V V A A W C C
123 2.540.15 1.27 0.45 -0.1 1.27
+0.15
13.50.5
Low collector to emitter saturation voltage VCE(sat). Large collector current IC. Allowing supply with the radial taping.
0.70.1
0.70.2
8.00.2
0.45 -0.1
+0.15
2.30.2
1:Emitter 2:Collector 3:Base TO-92NL Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO IEBO VCEO VEBO hFE*1 VCE(sat) fT Cob Conditions VCB = -10V, IE = 0 VEB = -5V, IC = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -2A*2 IC = -3A, IB = -0.1A*2 VCB = -6V, IE = 50mA, f = 200MHz VCB = -20V, IE = 0, f = 1MHz
*2
min
typ
max -100 -100
Unit nA nA V V
-20 -7 90 625 -1 120 85
V MHz pF
Pulse measurement
*1h
FE
Rank classification
P 90 ~ 135 Q 120 ~ 205 R 180 ~ 625
Rank hFE
1
Transistor
PC -- Ta
1.2 -6 Ta=25C IB=-40mA 1.0 -5 -35mA -30mA -25mA -4 -20mA -15mA -10mA -2 -5mA -1 -1mA 0 0 20 40 60 80 100 120 140 160 0 0 -2 -4 -6 -8 -10 -12 0 0 - 0.4 - 0.8 -10
2SB1288
IC -- VCE
-12 VCE=-2V 25C
IC -- VBE
Collector power dissipation PC (W)
Collector current IC (A)
Collector current IC (A)
Ta=75C -8
-25C
0.8
0.6
-3
-6
0.4
-4
0.2
-2
-1.2
-1.6
-2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C 25C -25C IC/IB=30 600
hFE -- IC
240 VCE=-2V Ta=75C 500 25C
fT -- I E
VCB=-6V Ta=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
-1 -3 -10
200
400
160
300
-25C
120
- 0.3 - 0.1 - 0.03
200
80
100
40
- 0.01 - 0.01 - 0.03 - 0.3 - 0.1
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
0 1 3 10 30 100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
200 -100 IE=0 f=1MHz Ta=25C -30
Area of safe operation (ASO)
Single pulse Ta=25C
Collector output capacitance Cob (pF)
180 160 140 120 100 80 60 40 20 0 -1
Collector current IC (A)
-10 -3 -1
ICP IC t=1s
t=10ms
- 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3
-3
-10
-30
-100
-1
-3
-10
-30
-100
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB1288

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X