|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHINDENGEN Darlington Transistor 2SB1285 (T15J10) -15A PNP OUTLINE DIMENSIONS Case : MTO-3P Unit : mm RATINGS Absolute Maximum Ratings Item Storage Temperature Junction Temperature Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current DC Collector Current Peak Base Current DC Base Current Peak Total Transistor Dissipation Mounting Torque Symbol Tstg Tj VCBO VCEO VEBO IC ICP IB IBP PT TOR Conditions Tc = 25 (Recommended torque : 0.5Nm Ratings -55+150 +150 -100 -100 -7 -15 -22 -1 -2 100 0.8 Ratings Max -0.1 Max -0.1 Max -5 Min 1,500 Max 15,000 Max -1.5 Max -2.0 Max 1.25 TYP 20 Max 1 Max 4 Max 2 Unit V V V A A A A W Nm Unit mA mA Electrical Characteristics (Tc=25) Item Symbol ICBO Collector Cutoff Current ICEO Emitter Cutoff Current IEBO hFE DC Current Gain Collector to Emitter Saturation Voltage Base to Emitter Saturation Voltage Thermal Resistance Transition Frequency Turn on Time Storage Time Fall Time Conditions VCB = -100V VCE = -100V VEB = -7V VCE = -3V, IC = -10A IC = -10A IB = -20mA Junction to case VCE = 10V, IC = -1.5A IC = -15A IB1 = IB2 = -20mA RL = 2 VBB2 = -4V VCE(sat) VBE(sat) jc fT ton ts tf V V /W MHz s Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd 2SB1285 hFE - I C VCE = -3V 100000 10000 50C 100C Tc = 150C DC Current Gain hFE 1000 100 25C 0C -25C -55C -0.1 -1 -10 -22 10 -0.01 Collector Current IC [A] 2SB1285 Saturation Voltage -3 -3A -7A -10A -15A -22A -2.5 -3 IC = -1.5A -2.5 -2 -10A -15A -22A -2 -1.5 IC = -1.5A -7A -3A -1.5 Collector-Emitter Voltage VCE [V] -0.5 -0.5 Tc = 25C 0 -0.001 -0.01 -0.1 -1 -2 0 -0.0001 Base Current IB [A] Base-Emitter Voltage VBE [V] -1 -1 2SB1285 Switching Time - IC ts Switching Time tSW [s] 1 tf ton IB1 = IC/750 IB2 = IC/750 VBB2 = -4V VCC = -30V Tc = 25C 0.1 0 -5 -10 -15 Collector Current IC [A] 2SB1285 Switching Time - Tc ts Switching Time tSW [s] 1 tf ton IC = -15A IB1 = -20mA IB2 = -20mA VBB2 = -4V R L = 2 0.1 0 50 100 150 Case Temperature Tc [C] 2SB1285 Transient Thermal Impedance 10 1 Transient Thermal Impedance jc(t) [C/W] 0.1 0.01 10-5 10-3 10-4 10-2 10-1 100 101 102 Time t [s] 2SB1285 -22 -15 -10 DC 10ms Forward Bias SOA 1ms 150s PT limit IS/B limit Collector Current IC [A] -1 -0.1 Tc = 25C Single Pulse -0.01 -1 -10 -100 Collector-Emitter Voltage VCE [V] 2SB1285 100 Collector Current Derating Collector Current Derating [%] 80 60 IS/B limit 40 PT limit 20 VCE = fixed 0 0 50 100 150 Case Temperature Tc [C] 2SB1285 -30 Reverse Bias SOA -25 -20 Collector Current IC [A] -15 -10 -5 IB1 = -0.005I C IB2 = -0.15A VBB2 = -5V Tc < 150C 0 -20 -40 -60 -80 -100 -120 -140 0 Collector-Emitter Voltage VCE [V] |
Price & Availability of 2SB1285 |