Part Number Hot Search : 
TC4584BF 90671 EDB104 M109K LX1691 SB380 1N250C M109K
Product Description
Full Text Search
 

To Download 1N4006E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001 thru 1N4007
Vishay Semiconductors
formerly General Semiconductor
General Purpose Plastic Rectifier
DO-204AL (DO-41)
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
Reverse Voltage 50 to 1000V Forward Current 1.0A
Features
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Construction utilizes void-free molded plastic technique * Low reverse leakage * High forward surge capability * High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
0.205 (5.2) 0.160 (4.1)
Mechanical Data
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
NOTE: Lead diameter is 0.026 (0.66)
Case: JEDEC DO-204AL, molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 oz., 0.3 g
0.023 (0.58)
for suffix "E" part numbers
Dimensions in inches and (millimeters)
Maximum Ratings & Thermal Characteristics
Parameter Maximum repetitive peak reverse voltage * Maximum RMS voltage * Maximum DC blocking voltage * Maximum average forward rectified current 0.375" (9.5mm) lead length at TA = 75C * Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) TA = 75C * Maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length TL = 75C Typical thermal resistance (1) Operating junction and storage temperature range Symb. VRRM VRMS VDC IF(AV) IFSM IR(AV) RJA RJL TJ,TSTG 1N 4001 50 35 50
Ratings at 25C ambient temperature unless otherwise specified.
1N 4002 100 70 100
1N 4003 200 140 200
1N 4004 400 280 400 1.0 30 30 50 25
1N 4005 600 420 600
1N 4006 800 560 800
1N 4007 1000 700 1000
Unit V V V A A A C/W C
-50 to +150
Electrical Characteristics
* Maximum DC reverse current at rated DC blocking voltage
Ratings at 25C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 1.0A TA = 25C TA = 125C
VF IR CJ
1.1 5.0 50 15
*JEDEC registered values
V A pF
Typical junction capacitance at 4.0V, 1MHz
Note: (1) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
Document Number 88503 23-Mar-04
www.vishay.com 1
1N4001 thru 1N4007
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
1.0 30
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Peak Forward Surge Current (A)
TA = 75C 8.3ms Single Half Sine-Wave (JEDEC Method)
Average Forward Rectified Current (A)
60HZ Resistive or Inductive Load 0.8 0.2 x 0.2" (5.0 x 5.0mm) Copper Pads 0.6
25
20
0.4
15
0.2 0.375" (9.5mm) Lead Length 0 0 25 50 75 100 125 150 175
10
5.0 1 10 100
Junction Temperature (C)
Number of Cycles at 60HZ
Fig. 3 - Typical Instantaneous Forward Characteristics
20 1,000
Fig. 4 - Typical Reverse Characteristics
Instantaneous Reverse Current (A)
TJ = 150C 100
Instantaneous Forward Current (A)
10
1
TJ = 25C Pulse Width = 300s 1% Duty Cycle
10
TJ = 100C
1 TJ = 25C
0.1
0.1
0.01 0.6
0.01 0.8 1.0 1.2 1.4 1.6 1.8 0 20 40 60 80 100
Instantaneous Forward Voltage (V)
Percentage of Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance
100 100
Fig. 6 - Typical Transient Thermal Impedance
Transient Thermal Impedance (C/W)
TJ = 25C f = 1.0MHZ Vsig = 50mVp-p
Junction Capacitance (pF)
10
10
1
1 0.1
1
10
100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V)
t -- Pulse Duration (sec)
www.vishay.com 2
Document Number 88503 23-Mar-04
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4006E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X