Part Number Hot Search : 
PA85A 0M25X45 NJL5121 TS272IAP 1N475 BT440 OX9162 TS7011AM
Product Description
Full Text Search
 

To Download XP4311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XP4311
Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
Unit: mm
0.425 1.250.1 0.425
0.20.05
For switching/digital circuits
0.65
2.10.1
0.65
q
q
Two elements incorporated into one package. (Transistors with built-in resistor) Reduction of the mounting area and assembly cost by one half.
2.00.1
s Features
1 2 3
6 5 4
0.2
0.90.1
s Basic Part Number of Element
q
0.70.1
UN1211+UN1111
0 to 0.1
0.20.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Tr1 Collector to emitter voltage Collector current Collector to base voltage Tr2 Collector to emitter voltage Collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO IC VCBO VCEO IC PT Tj Tstg
(Ta=25C)
Ratings 50 50 100 -50 -50 -100 150 150 -55 to +150 Unit V V mA V V mA mW C C
1 : Emitter (Tr1) 4 : Emitter (Tr2) 2 : Base (Tr1) 5 : Base (Tr2) 3 : Collector (Tr2) 6 : Collector (Tr1) EIAJ : SC-88 S-Mini Type Package (6-pin)
Marking Symbol: 7X Internal Connection
1 2 3 Tr1 6 5 4
Tr2
0.12 -0.02
+0.05
1
Composite Transistors
XP4311
(Ta=25C)
Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VOH VOL fT R1 R1/R2 Conditions IC = 10A, IE = 0 IC = 2mA, IB = 0 VCB = 50V, IE = 0 VCE = 50V, IB = 0 VEB = 6V, IC = 0 VCE = 10V, IC = 5mA IC = 10mA, IB = 0.3mA VCC = 5V, VB = 0.5V, RL = 1k VCC = 5V, VB = 2.5V, RL = 1k VCB = 10V, IE = -1mA, f = 200MHz -30% 0.8 150 10 1.0 +30% 1.2 4.9 0.2 35 0.25 V V V MHz k min 50 50 0.1 0.5 0.5 typ max Unit V V A A mA
s Electrical Characteristics
q
Tr1
Parameter
Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Transition frequency Input resistance Resistance ratio
q
Tr2
Parameter Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VOH VOL fT R1 R1/R2 Conditions IC = -10A, IE = 0 IC = -2mA, IB = 0 VCB = -50V, IE = 0 VCE = -50V, IB = 0 VEB = -6V, IC = 0 VCE = -10V, IC = -5mA IC = -10mA, IB = - 0.3mA VCC = -5V, VB = - 0.5V, RL = 1k VCC = -5V, VB = -2.5V, RL = 1k VCB = -10V, IE = 1mA, f = 200MHz -30% 0.8 80 10 1.0 +30% 1.2 -4.9 - 0.2 35 - 0.25 V V V MHz k min -50 -50 - 0.1 - 0.5 - 0.5 typ max Unit V V A A mA
Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Transition frequency Input resistance Resistance ratio
2
Composite Transistors
Common characteristics chart PT -- Ta
250
XP4311
Total power dissipation PT (mW)
200
150
100
50
0 0 20 40 60 80 100 120 140 160
Ambient temperature Ta (C)
Characteristics charts of Tr1 IC -- VCE
160
100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C
IC/IB=10 400
hFE -- IC
VCE=10V
30 10 3 1 0.3 0.1 -25C 0.03 0.01 0.1
120 100 80 60
0.7mA 0.6mA 0.5mA 0.4mA 0.3mA
Forward current transfer ratio hFE
140
IB=1.0mA 0.9mA 0.8mA
Collector current IC (mA)
300 Ta=75C
200 25C 100 -25C
0.2mA 40 20 0 0 2 4 6 8 10 12
25C
Ta=75C
0.1mA
0 0.3 1 3 10 30 100 1 3 10 30 100 300 1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
6
IO -- VIN
f=1MHz IE=0 Ta=25C 10000 3000 VO=5V Ta=25C 100 30
VIN -- IO
VO=0.2V Ta=25C
Collector output capacitance Cob (pF)
5
Output current IO (A)
4
300 100 30 10 3
Input voltage VIN (V)
0.6 0.8 1.0 1.2 1.4
1000
10 3 1 0.3 0.1 0.03 0.01 0.1
3
2
1
0 0.1
0.3
1
3
10
30
100
1 0.4
0.3
1
3
10
30
100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
3
Composite Transistors
Characteristics charts of Tr2 IC -- VCE
-160 -140 IB=-1.0mA Ta=25C -100
XP4311
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
IC/IB=10
hFE -- IC
160 VCE= -10V Ta=75C
-30 -10 -3 -1 -0.3 -0.1 -25C -0.03 -0.01 -0.1 -0.3 Ta=75C
Collector current IC (mA)
-0.9mA -120 -100 -80 -60 -0.3mA -40 -0.2mA -20 -0.1mA 0 0 -2 -4 -6 -8 -10 -12 -0.8mA -0.7mA -0.6mA -0.5mA -0.4mA
Forward current transfer ratio hFE
25C 120 -25C 80
25C
40
-1
-3
-10
-30
-100
0 -1
-3
-10
-30
-100 -300 -1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
6
IO -- VIN
f=1MHz IE=0 Ta=25C -10000 -3000 VO=-5V Ta=25C
VIN -- IO
-100 -30 VO=-0.2V Ta=25C
Collector output capacitance Cob (pF)
5
Output current IO (A)
4
Input voltage VIN (V)
-1000 -300 -100 -30 -10 -3
-10 -3 -1 -0.3 -0.1 -0.03 -0.01 -0.1 -0.3
3
2
1
0 -0.1 -0.3
-1
-3
-10
-30
-100
-1 -0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1
-3
-10
-30
-100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
4


▲Up To Search▲   

 
Price & Availability of XP4311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X