Part Number Hot Search : 
AU9381 XE120033 MMBTA14 Z1021 2N5401 2M311 221M35 S2600D
Product Description
Full Text Search
 

To Download STS2620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S T S 2620
S amHop Microelectronics C orp.
F eb,25 2005 V er1.1
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
P R ODUC T S UMMAR Y (N-C hannel)
V DS S
20V
P R ODUC T S UMMAR Y (P -C hannel)
V DS S
-20V
ID
2.5A
R DS (ON) ( m W )
Max
ID
-2A
R DS (ON) ( m W )
Max
80 @ V G S = 4.5V 110 @ V G S = 2.5V D1
130 @ V G S = -4.5V 190 @ V G S = -2.5V D2
TS OP 6 Top View
G1 S1 G2
1 2 3
6 5 4
D1 S2 D2
G1 S1 N-ch G2 S2 P -ch
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous a @ Tc=25 C b -P ulsed Drain-S ource Diode Forward C urrent a Maximum P ower Dissipation a Operating Junction and S torage Temperature R ange S ymbol VDS VGS ID IDM IS PD TJ, TS TG N-C hannel P-C hannel 20 10 2.5 8 1.25 1.0 -55 to 150 -20 10 -2 -7 -1.25 Unit V V A A A W C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-Ambient a R JA 125 C /W
1
S T S 2620
N-Channel ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
c
S ymbol
Condition
VGS = 0V, ID = 250uA VDS = 16V, VGS = 0V VGS = 10V, VDS = 0V VDS = VGS, ID = 250uA VGS = 4.5V, ID =2.5A VGS = 2.5V, ID= 2A VDS = 5V, VGS = 4.5V VDS = 5V, ID =2.5A
Min Typ C Max Unit
20 1 100 0.5 0.8 65 90 6 7 223 68 53 1.5 80 110 V uA nA V
m-ohm m-ohm
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS c
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS =10V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VDD = 10V, ID = 1A, VGS = 4.5V, R GE N = 6 ohm
10.5 9.8 15.2 11.8 3.9
ns ns ns ns nC nC nC
VDS =10V, ID = 2.5A, VGS =4.5V
1.3 0.8
2
S T S 2620
P-Channel ELECTRICAL CHARACTERISTICS (TA =25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
c
S ymbol
Condition
VGS = 0V, ID = -250uA VDS = -16V, VGS = 0V VGS = 10V, VDS = 0V VDS = VGS, ID =-250uA VGS = -4.5V, ID = -2.0A VGS = -2.5V, ID = -1.0A VDS = -5V, VGS = -4.5V VDS = -5V, ID = -2.0A
Min Typ C Max Unit
-20 1 100 -0.5 -0.8 -1.5 115 175 -5 6 293 65 50 130 190 V uA nA V
m-ohm m-ohm
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS c
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS = -20V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VDD = -10V, ID = -1A, VGS = -4.5V, R GE N = 6 ohm
12.6 13.7 81.5 42.1 3.4
ns ns ns ns nC nC nC
VDS = -10V, ID = -2A, VGS = -4.5V
0.8 1
2
S T S 2620
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
Symbol
VSD
Condition
VGS = 0V, Is =1.25A VGS = 0V, Is =-1.25A N-Ch P-Ch
Min Typ Max Unit
0.84 -0.85 1.2 -1.2
C
DRAIN-SOURCE DIODE CHARACTERISTICS b
5
V Notes a.Surface Mounted on FR4 Board, tO10sec. b.Pulse Test:Pulse WidthO300gs, Duty Cycle O 2%. c.Guaranteed by design, not subject to production testing.
N-Channel
20 V G S =10V 16
V G S =4V
15 25 C 12 -55 C V G S =4.5V
ID, Drain C urrent(A)
ID, Drain C urrent (A)
V G S =3V 12
T j=125 C
9 6
8 V G S =2V 4 0
3 0 0.0
0
0.5
1
1.5
2
2.5
3
0.6
1.2
1.8
2.4
3.0
3.6
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
2.2 500 400 300 200 100 C rs s 0 0 5 10 15 20 25 30 0 C is s
F igure 2. Trans fer C haracteris tics
V G S =4.5V ID=2.5A
R DS (ON), On-R es is tance Normalized
1.8 1.4 1.0 0.6 0.2
C , C apacitance (pF )
C os s
-50
-25
0
25
50
75
100 125 T j( C )
V DS , Drain-to S ource Voltage (V )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Temperature
4
S T S 2620
N-C hannel
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 1.3 ID=250uA 1.2 1.1 1.0 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 V DS =V G S ID=250uA
5
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
with T emperature
12
F igure 6. B reakdown V oltage V ariation with T emperature
20
gFS , T rans conductance (S )
8 6 4 2 0 0 3 6 9 V DS =5V 12 15
Is , S ource-drain current (A)
10
10
1 0 0.4 0.8 1.2 1.6 T J =25 C 2.0 2.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
5
S T S 2620
P-C hannel
20
-V G S =10V
15 -V G S =4.5V
-V G S =6V
25 C
-I D, Drain C urrent(A)
-ID, Drain C urrent (A)
16
12 -55 C 9 T j=125 C
12
-V G S =4V -V G S =3V
8 4
6
3 0 0.0
-V G S =2V 0 0 0.5 1 1.5 2 2.5 3
0.8
1.6
2.4
3.2
4.0
4.8
-V DS , Drain-to-S ource Voltage (V )
-V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
2.2 500 400 300 200 100 0 C rs s 0 5 10 15 20 25 30 C is s
F igure 2. Trans fer C haracteris tics
V G S =-4.5V ID=-2.0A
R DS (ON), On-R es is tance (Normalized)
1.8 1.4 1.0 0.6 0.2 0
C , C apacitance (pF )
C os s
-50
-25
0
25
50
75
100 125 T j( C )
-V DS , Drain-to S ource Voltage (V )
T j, J unction T emperature ( C )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Temperature
6
S T S 2620
P-C hannel
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 V DS =V G S ID=-250uA 1.15 ID=-250uA 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125
5
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
with T emperature
9
F igure 6. B reakdown V oltage V ariation with T emperature
20
gFS , T rans conductance (S )
6 4.5 3 1.5 0 0 3 6 9 V DS =-5V 12 15
-Is , S ource-drain current (A)
7.5
10
1 0 0.4 0.8 1.2 1.6 T J =25 C 2.0 2.4
-IDS , Drain-S ource C urrent (A)
-V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
7
S T S 2620
N-C hannel
V G S , G ate to S ource V oltage (V )
5
ID, Drain C urrent (A)
50
4 3 2 1 0 0
VDS =4.5V ID=2.5A
10
RD ON S(
)L
im
it
10
10 0m s
ms
11
DC
1s
0.1 0.03
VGS =4.5V S ingle P ulse T c=25 C 0.1 1 10 20 50
0.7 1.4 2.1 2.8 3.5 4.2 4.9 5.6
Qg, T otal G ate C harge (nC )
V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge
F igure 10. Maximum S afe O perating Area
P-C hannel
-V G S , G ate to S ource V oltage (V )
5
-ID, Drain C urrent (A)
13
4 3 2 1 0 0
VDS =-4.5V ID=-2.0A
10
RD
S
(
) ON
L im
it
10
10
0m s
ms
11
DC
1s
0.1 0.03
VGS =-4.5V S ingle P ulse T c=25 C 0.1 1 10 20 50
0.5
1
1.5
2
2.5
3
3.5
4
Qg, T otal G ate C harge (nC )
-V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge
F igure 10. Maximum S afe O perating Area
8
S T S 2620
V DD ton V IN D VG S RL V OUT V OUT R GE N G
90% 10%
toff tr
90%
td(on)
td(off)
90% 10%
tf
INVE R TE D
5
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
N-C hannel
10
Normalized Transient
Thermal Resistance
1
0.5 0.2
P DM t1
on
0.1
0.05
0.1
t2
0.01 0.00001
0.02 0.01
Single Pulse 0.0001 0.001 0.01 0.1 1 10
1. 2. 3. 4.
R thJ A (t)=r (t) * R thJ A R thJ A=S ee Datas heet T J M-T A = P DM* R thJ A (t) Duty C ycle, D=t1/t2
100
1000
Square Wave Pulse Duration(sec)
P-C hannel
10 Normalized Transient Thermal Resistance
Normalized Thermal Transient Impedance Curve
Square Wave Pulse Duration(sec)
1
0.5 0.2 P DM t1
on
0.1
0.1 0.05 0.02 0.01 1. 2. 3. 4.
t2
0.01 0.00001
Single Pulse 0.0001 0.001 0.01 0.1 1 10
R thJ A (t)=r (t) * R thJ A R thJ A=S ee Datas heet T J M-T A = P DM* R thJ A (t) Duty C ycle, D=t1/t2
100
1000
Square Wave Pulse Duration(sec) Normalized Thermal Transient Impedance Curve
95
S T S 2620
10
S T S 2620
TSOP6 Tape and Reel Data
TSOP6 Carrier Tape
TSOP6 Reel
11


▲Up To Search▲   

 
Price & Availability of STS2620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X