Part Number Hot Search : 
101M10 TS8P05G 1N4001 27S21 74LS3 2SA1635 2SC5044 PJ3100
Product Description
Full Text Search
 

To Download STM9435 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WT9435M
Surface Mount P-Channel Enhancement Mode MOSFET
D
1
P b Lead(Pb)-Free
DRAIN CURRENT -4.8 AMPERS DRAIN SOUCE VOLTAGE -30 VOLTAGE
S S G
8 7
D
2 3
D
6
S
D
4
5
Features:
*Super high dense cell design for low RDS(ON) R DS(ON) <55 m @VGS =-10V R DS(ON) <85 m @VGS =-4.5V *Rugged and Reliable *SO-8 Package
1
SO-8
Maximum Ratings (TA=25 C Unless Otherwise Specified)
Rating Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ =125 C) (1) Pulsed Drain Current (2) Drain-Source Diode Forward Current (1) Power Dissipation (1) Maximax Junction-to-Ambient Operating Junction and Storage Temperature Range Symbol VDS VGS ID IDM IS PD R JA TJ, Tstg Value -30 Unite V V A A A W C/W C
+ -20
-4.8 -24 -1.7 2.5 50 -55 to 150
Device Marking
WT9435M=STM9435
http://www.weitron.com.tw
WEITRON
1/6
01-Jul-05
WT9435M
Electrical Characteristics
Characteristic (TA=25 C Unless otherwise noted) Symbol
V(BR)DSS VGS (th) IGSS IDSS
Min
Typ
Max
Unit
Static (2)
Drain-Source Breakdown Voltage VGS=0V, ID=-250 uA Gate-Source Threshold Voltage VDS=VGS, ID=-250 uA Gate-Source Leakage Current + VDS=0V, VGS=-20V Zero Gate Voltage Drain Current VDS=-24V, VGS=0V Drain-Source On-Resistance VGS=-10V, ID=-5.3A VGS=-4.5V, ID=-4.2A On-State Drain Current VDS=-5V, VGS=-10A Forward Transconductance VDS=-5V, ID=-5.3A -30 -1 -1.5 -2.5 + -100 -1
55 85
V V nA uA m
-20
rDS (on)
45 75
ID(on) gfs
5
-
A S
-
Dynamic (3)
Input Capacitance VDS=-15V, VGS=0V, f=1MHZ Output Capacitance VDS=-15V, VGS=0V, f=1MHZ Reverse Transfer Capacitance VDS=-15V, VGS=0V, f=1MHZ Ciss Coss Crss
-
582 125 86
PF
Switching (3)
Turn-On Delay Time VGEN =-10V,V DD =-15V, I D=--1A, R L =15 ,R GEN=6 Rise Time VGEN =-10V,V DD =-15V, I D=--1A, R L =15 ,R GEN=6 Turn-Off Time VGEN =-10V,V DD =-15V, I D=--1A, R L =15 ,R GEN=6 Fall Time VGEN =-10V,V DD =-15V, I D=--1A, R L =15 ,R GEN=6 Total Gate Charge VDS=-15V, ID=-5.3A, V GS =-10V VDS=-15V, ID=-5.3A, VGS =-4.5V Gate-Source Charge VDS=-15V, ID=-5.3A, V GS =-10V Gate-Drain Charge VDS=-15V, ID=-5.3A, V GS =-10V Drain-Source Diode Forward Voltage VGS=0V, IS=-1.7A td(on) tr td(off ) tf Qg
-
9 10 37 23
-
nS nS nS nS nc
-
-1.2
11.7 5.7 2.1 2.9 -0.84
Qgs Qgd
nc nc V
VSD
Note: 1. Surface Mounted on FR4 Board t < 10sec. _ < 300us, Duty Cycle < 2%. _ _ 2. Pulse Test : PW 3. Guaranteed by Design, not Subject to Production Testing.
WEITRON
http://www.weitron.com.tw
2/6
01-Jul-05
WT9435M
25 -VGS =10,9,8,7,6,5V
-ID , DRAIN CURRENT(A) -ID ,DRAIN CURRENT(A)
WE IT R ON
25 20 15 10 5 0 0 25 C -55 C 125 C
20 15 10 5 0 -VGS =3.5V
0
2
4
6
8
10
12
0.8
1.6
2.4
3.2
4.0
4.8
-VDS , DRAIN-TO-SOURCE VOLTAGE(V)
-VGS , GATE-TO-SOURCE VOLTAGE(V)
FIG.1. Output Characteristics
900
C ,CAPACITANCE( P F)
FIG.2 Transfer Characteristics
1.8
750 600 450 300 150 0 0 5 10 15 20 Coss Crss 25 30 Ciss
R DS(ON) , ON-RESISTANCE()
1.6 1.4 1.2 1.0 0.8 0.6 -55
VGS =-10V ID =-5.3A
-25
0
25
50
75
100 125
-VDS , DRAIN-TO-SOURCE VOLTAGE(V)
FIG.3 Capacitance
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125
BVDSS ,NORMALIZED DRAIN-SOURCE BREAKDOWN VOLTAGE(V) GATE-SOURCE THRESHOLD VOLTAGE(V)
FIG.4 On-Resistance Variation with Drain Current and Temperature
1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 ID =-250uA
T j ,JUNCTION TEMPERATURE( C)
VDS =VGS ID =-250uA
Vth ,NORMALIZED
T j ,JUNCTION TEMPERATURE( C)
T j ,JUNCTION TEMPERATURE( C)
FIG.5 Gate Threshold Variation with Temperature
FIG.6 Breakdown Voltage Variation with Temperature
http://www.weitron.com.tw
WEITRON
3/6
01-Jul-05
WT9435M
-IS ,SOURCE-DRAIN CURRENT(A)
WE IT R ON
20.0 VGS =0V
10
gFS ,TRANSCONDUCTANCE(S)
8 6 4 2 VDS =-15V 0 0 5 10 15 20
10.0
1.0 0.4
0.6
0.7
0.9
1.1
1.3
-IDS ,DRAIN-SOURCE CURRENT(A)
V SD ,BODY DIODE FORWARD VOLTAGE(V)
FIG.7 Transconductance Variation with Drain Current
-VGS ,GATE TO SOURCE VOLTAGE(V)
FIG.8 Body Diode Forward Voltage Variation with Source Current
50
-ID , DRAIN CURRENT(A)
10 8 6 4 2 0 VDS =-15V ID =-5.3A
10
RD
ON S(
)L
im
it
10
10
1s
DC
ms
0m
s
1
0
2
4
6
8
10
12
14 16
0.1 VGS=-10V Single Pulse 0.03 TA=25 C 0.1
1
10
30 50
Q g ,TOTAL GATE CHARGE(nC)
-VDS ,DRAIN-SOURCE CURRENT(V)
FIG.9 Gate Charge
FIG.10 Maximum Safe Operating Area
-VDD RL D VG S R GE N G S V OUT
ton td(on) V OUT tr
90% 10%
toff td(off)
90% 10%
tf
V IN
90%
V IN
50% 10%
50%
INVE R TE D PULS E WIDTH
FIG.11 Switching Test Circuit
FIG.12 Switching Waveforms
http://www.weitron.com.tw
WEITRON
4/6
01-Jul-05
WT9435M
WE IT R ON
2
r(t) ,NORMALIZED TRANSIENT THERMAL RESISTANCE
1
Duty Cycle=0.5
0.2
0.1
0.1 0.05 0.02
P DM t1 t2
0.01 0.0001
Single Pulse
1. R jA (t)=r (t) * R j A 2. R jA=See Datasheet 3. TjM-TA = PDM* R jA(t) 4. Duty Cycle, D=t1/t 2
0.001
0.01
0.1
1
10
100
SQUARE WAVE PULSE DURATION(SEC) FIG.13 NORMALIZED THERMAL TRANSIENT IMPEDANCE CUREVE
http://www.weitron.com.tw
WEITRON
5/6
01-Jul-05
WT9435M
SO-8 Package Outline Dimensions
Unit:mm
1
L
E1 D 7 (4X) A C 7(4X)
2A
A1
e
B
eB
SYMBOLS
MILLIMETERS MAX MIN
A A1 B C D E1 eB e L
1.75 1.35 0.20 0.10 0.45 0.35 0.18 0.23 4.69 4.98 3.56 4.06 5.70 6.30 1.27 BSC 0.60 0.80 8 0
http://www.weitron.com.tw
WEITRON
6/6
01-Jul-05


▲Up To Search▲   

 
Price & Availability of STM9435

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X