Part Number Hot Search : 
MIC2561 HV732DB1 120000 2050CT SCS215AM ZTX109 SC160C CO600D57
Product Description
Full Text Search
 

To Download STM6913 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S T M6913
S amHop Microelectronics C orp. S ep.21 2004
Dual N-C hannel E nhancement Mode Field E ffect Transistor
P R ODUC T S UMMAR Y
V DS S
30V
F E AT UR E S
( m W ) Max
ID
6A
R DS (ON)
S uper high dense cell design for low R DS (ON).
30 @ V G S = 10V 45 @ V G S = 4.5V
R ugged and reliable. S urface Mount P ackage.
D1
8
D1
7
D2
6
D2
5
S O-8 1
1 2 3 4
S1
G1 S 2
G2
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous a @ TJ=25 C b -P ulsed Drain-S ource Diode Forward C urrent a Maximum P ower Dissipation a Operating Junction and S torage Temperature R ange S ymbol VDS VGS ID IDM IS PD TJ, TS TG Limit 30 20 6 30 1.7 2 -55 to 150 Unit V V A A A W C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-Ambient a R JA 62.5 C /W
1
S T M6913
E LE CTR ICAL CHAR ACTE R IS TICS (TA =25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS
c
S ymbol
Condition
VGS = 0V, ID = 250uA VDS = 24V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = 250uA VGS =10V, ID = 6A VGS = 4.5V,ID = 5A VDS = 5V, VGS = 10V VDS = 5V, ID = 6A
Min Typ C Max Unit
30 1 V uA 100 nA 1 1.7 22 35 15 8 793 137 96 2.5 30 45 V
m ohm m ohm
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS
Input Capacitance Output Capacitance R everse Transfer Capacitance
CISS COSS CRSS
c
VDS =15V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
2
VDD = 15V, ID = 1A, VGS = 10V, R GE N = 6 ohm
R L = 15 ohm
19.9 8.9 27.4 11.1 17.6 8.6 2.6 3.3
ns ns ns ns nC nC nC nC
VDS =15V, ID =2A,VGS =10V VDS =15V, ID =2A,VGS =4.5V VDS =15V, ID = 2A, VGS =4.5V
S T M6913
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =1.7A
Min Typ Max Unit
0.8 1.2 V
C
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS b
Notes a.S urface Mounted on FR 4 Board, t 10sec. b.Pulse Test:Pulse Width 300us, Duty Cycle 2%. c.Guaranteed by design, not subject to production testing.
20 V G S =10,9,8,7,6,5V 16 20 V G S =4V 12 25
ID, Drain C urrent(A)
ID, Drain C urrent (A)
15
8
10 -55 C 5 0 0.0 T j=125 C 25 C
4
V G S =3V
0
0
2
4
6
8
10
12
0.8
1.6
2.4
3.2
4.0
4.8
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
1200 1000 1.6 1.4 C is s
F igure 2. Trans fer C haracteris tics
V G S =10V
RDS(ON), On-Resistance (Normalized)
C , C apacitance (pF )
V G S =10V ID=6A
800 600 400 200 0 0 C rs s 5 10
1.2 1.0 0.8 0.6 0 -50
C os s
15
20
25
30
-25
0
25
50
75
100
125 150 T j=( C )
V DS , Drain-to S ource Voltage (V )
ID, Drain C urrent(A)
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Drain C urrent and Temperature 3
S T M6913
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.6 1.4 1.2 1.0 0.8 0.6 0.4 -50 -25 0 25 50 75 100 125 150 V DS =V G S ID=250uA 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 ID=250uA
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
15
F igure 6. B reakdown V oltage V ariation with T emperature
20.0
gFS , T rans conductance (S )
Is , S ource-drain current (A)
12 9 6 3 V DS =5V 0 0 5 10 15 20
10.0
0 0.4
0.6
0.8
1.0
1.2
1.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
10 8 6 4 2 0 0 2 4 6 8 10 12 14 16
Qg, T otal G ate C harge (nC )
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
50 10
R (O N) L im it
V G S , G ate to S ource V oltage (V )
V DS =15V ID=2A
ID, Drain C urrent (A)
DS
10m 100 ms
s
11
DC
1s
0.1 0.03 0.1
VGS =10V S ingle P ulse T A=25 C 1 10 30 50
V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge 4
F igure 10. Maximum S afe O perating Area
S T M6913
V DD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
INVE R TE D
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 Duty C ycle=0.5
0.2 0.1 0.1 0.05 0.02 S ingle P uls e 0.01 10
-4
P DM t1 1. 2. 3. 4. 10
-2
t2
R qJ A (t)=r (t) * R qJ A R qJ A=S ee Datas heet T J M-T A = P DM* R qJ A (t) Duty C ycle, D=t1/t2 10 100
10
-3
10
-1
1
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5
S T M6913
PAC K AG E OUT LINE DIME NS IONS S O-8
1 L
E D
0.015X45X
A
e
0.05 TYP.
B
0.016 TYP.
A1
0.008 TYP.
C
H
S Y MB OLS A A1 D E H L
MILLIME T E R S MIN 1.35 0.10 4.80 3.81 5.79 0.41 0X MAX 1.75 0.25 4.98 3.99 6.20 1.27 8X MIN 0.053 0.004 0.189 0.150 0.228 0.016 0X
INC HE S MAX 0.069 0.010 0.196 0.157 0.244 0.050 8X
6
S T M6913
SO-8 Tape and Reel Data
SO-8 Carrier Tape
unit:P
PACKAGE SOP 8N 150O A0
6.40
B0
5.20
K0
2.10
D0
r1.5 (MIN)
D1
r1.5 + 0.1 - 0.0
E
12.0 O0.3
E1
1.75
E2
5.5 O0.05
P0
8.0
P1
4.0
P2
2.0 O0.05
T
0.3 O0.05
SO-8 Reel
UNIT:P
TAPE SIZE
12 P
REEL SIZE
r330
M
330 O 1
N
62 O1.5
W
12.4 + 0.2
W1
16.8 - 0.4
H
r12.75 + 0.15
K
S
2.0 O0.15
G
R
V
7


▲Up To Search▲   

 
Price & Availability of STM6913

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X