Part Number Hot Search : 
01000 REEL7 P1256 SFM34 STTH120 NSR2N A4805XD WM0832ID
Product Description
Full Text Search
 

To Download STI1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Synthetic Test Systems
STI1000 Satellite Payload Test Instrument
STI1000 is a synthetic microwave test system configured for testing satellite payloads in factory environments.
* * * * * * * * * * * * * * *
1 Million Samples per Second 20 Thousand Frequencies per Second Real-Time DSP Produces Results Fast Test Integration Reduces Data Requirements Calibration Plane Moved to the Payload Real-Time Calibration While Connected Imbedded Functional Tests Frequency Coverage of All Satellite Bands Synthetic Architecture "Programmable Firmware" WAN and LAN Support Multiple Satellite Interconnect Points Open-Architecture for Easy Upgrades Full Range of Communications Tests Analog or Digital Modulation Schemes
Satellite Payload Test Instrument The STI 1000 is a synthetic microwave test system optimized for testing satellite payloads in a factory setting. The STI 1000 can be used either as a stand-alone instrument or controlled by an external network as part of enterprise-wide factory automation. The STI 1000 is designed to dramatically improve integrated payload test times and reduce measurement errors introduced by either the operator or the test hardware. Through its digitally synthesized stimulus and response system design, the STI 1000 can easily be configured both in hardware and software to meet specific user requirements. HARDWARE The STI 1000 hardware architecture is based on advanced synthetic instrument concepts. Through the use of this flexible design, the STI 1000 replaces and replicates several microwave test instruments including: a microwave power meter, a frequency counter, multiple sources, a spectrum analyzer, a vector network analyzer, a noise figure meter and an intermodulation analyzer. All of these instruments are represented by the STI 1000. A basic STI 1000 includes several stimulus generators and a fast response measurement Up Synthesis Conversion channel. Options can include the addition of DUT arbitrary waveform generInterface ators for complex analog or digital modulation Device Instrument Calibration/ waveforms, telemetry and Under Test Control SFT control paths and multiple response channels. An DUT Interface innovative calibration design allows for the caliDown Digitization bration plane to be Conversion extended beyond the
For the very latest specifications visit
www.aeroflex.com
instrument to the satellite connection point, even in a vacuum. The calibration design also allows for the system to be fully calibrated without disconnecting from the satellite. This calibration only takes seconds to perform and can be used to minimize system errors due to temperature variations. Hardware paths are designed to support both high-speed, real-time calibration along with System Functional Test. Functional Test monitors the performance of the System and the remote calibration unit for proper performance. This minimizes false "fails" and provides a high level of confidence in the performance of the STI 1000 and quality of the data produced. FIRMWARE The STI 1000 offers "programmable firmware" to allow for user optimization of the test instrument. Using the latest design concepts, the STI 1000 makes it easy to add tests and modify test algorithms. Additionally, simple structures such as data formats, test reports, user interfaces and graphical output may be customized. A standard instrument interface via TCP/IP (Ethernet) allows for control by any external computer platform and commercial test control software. A VXI Plug-n-Play driver is provided for integration into the user's test control software. A multi-layered architecture insures that the data acquisition and processing is performed as fast as possible. TEST INTEGRATION One of the keys to the STI 1000's speed advantage is through "Test Integration". This is the ability of the STI 1000 to collect a single data set that provides results for multiple test requirements. For example, the STI 1000 can extract results for in-band, out-of-band, group delay and amplifier transfer characteristics from a single data set. Using Test Integration along with the acquisition speed advantage of the STI 1000 greatly increases the data throughput of the instrument. MEASUREMENT SCRIPTING The basic concept is that the STI1000 provides a functional measurement capability that is independent of traditional rack-and-stackinstrument functionality. The method for defining a measurement personality is through a downloaded script file. Any number of scripts may be loaded at any time and sequenced via a test executive or other external test controller. Thus, through a simple command, the STI 1000 may change from one measurement (i.e. vector network analyzer) to another (gain transfer tester). The STI 1000 is measurement driven not instrument driven. Currently, Aeroflex can provide the following measurement personalities while others can easily be added: Gain Transfer In Band Frequency Response Passive Intermodulation Out of Band Frequency Response Group Delay System Level Phase Noise Noise Figure Telemetry Output Power
Absolute Propagation Time Telemetry Frequency Telemetry Modulation Index AM/PM Conversion Command Sensitivity Lock/Unlock Threshold Command Receiver AGC Calibration EIRP and SFD Analyzer Sweep Gain Control Noise Power Ratio Amplitude Linearity Frequency Conversion Phase Non-Linearity Spurious Outputs Beacon Transmitter Output Power/EIRP Insertion Loss Calibration Beacon Transmitter Frequency Ranging Automated Command Function T&C Omni Antenna Manual Patterns Gain Monitoring
TYPICAL SYSTEM LEVEL SPECIFICATIONS
(Satellite Test Configuration) Frequency Coverage 0.200 - 32 GHz (Up to 110 GHz optional) Coherent 1 or 2 Hz Resolution Number of Ports 32 Up Link / 32 Down Link (Up to 4 Remote Calibration Units) STIMULUS POWER Maximum Output -65 dBm (at RCU) 0 dBm (at Rack) Range -5 to +53 dBm Settability +/- 0.25 dB RESPONSE POWER MEASUREMENT Range -5 to +53 dBm Dynamic Range 75 dB Instantaneously
RSS Uncertainty +/- 0.25 dB - 0.2 to 18 GHz +/-0.4 dB - 18 to 32 GHz NOISE POWER Resolution 0.1 dB RSS Uncertainty +/-0.25 dB 1-15 dBkTB FREQUENCY MEASUREMENT Resolution 0.1 dB Resolution 1 or 2 Hz RSS Uncertainty +/- 0.001 PPM
For the very latest specifications visit
www.aeroflex.com
CHINA
Tel: [+86] (10) 6467 2823 Fax: [+86] (10) 6467 2821
HONG KONG
Tel: [+852] 2832 7988 Fax: [+852] 2834 5364
UNITED KINGDOM
Tel: [+44] (0) 1438 742200 Toll Free: [+44] (0800) 282 388 (UK only) Fax: [+44] (0) 1438 727601
EUROPE
Tel: [+44] (0) 1438 742200 Fax: [+44] (0) 1438 727601
SCANDINAVIA
Tel: [+45] 9614 0045 Fax: [+45] 9614 0047
USA
Tel: [+1] (316) 522 4981 Toll Free: [+1] (800) 835 2352 (US only) Fax: [+1] (316) 522 1360
FRANCE
Tel: [+33] 1 60 79 96 00 Fax: [+33] 1 60 77 69 22
SPAIN
Tel: [+34] (91) 640 11 34 Fax: [+34] (91) 640 06 40
As we are always seeking to improve our products, the information in this document gives only a general indication of the product capacity, performance and suitability, none of which shall form part of any contract. We reserve the right to make design changes without notice. All trademarks are acknowledged. Parent company Aeroflex, Inc. (c)Aeroflex 2003.
w w w.aeroflex.com info-systems@aeroflex.com
Part No. 46891/155, Issue 1, 06/03


▲Up To Search▲   

 
Price & Availability of STI1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X