Part Number Hot Search : 
PD4436 C1210 116CR CXD3605R DN835 TPD41 039543 TB6560
Product Description
Full Text Search
 

To Download STD9410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S T U/D9410
S amHop Microelectronics C orp. P reliminary May.28 2004
N-C hannel E nhancement Mode Field E ffect Transistor
P R ODUC T S UMMAR Y
V DS S
30V
F E AT UR E S
( m W ) Max
ID
24A
R DS (ON)
S uper high dense cell design for low R DS (ON).
32 @ V G S = 10V 57 @ V G S = 4.5V
R ugged and reliable. TO-252 and TO-251 P ackage.
D
D G S
G D
S
G
S DU S E R IE S TO-252AA(D-P AK)
S DD S E R IE S TO-251(l-P AK)
S
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous -P ulsed
a
S ymbol VDS VGS @ TJ=125 C ID IDM IS PD TJ, TS TG
Limit 30 20 24 60 20 50 -55 to 175
Unit V V A A A W C
Drain-S ource Diode Forward C urrent Maximum P ower Dissipation @ Tc=25 C Operating and S torage Temperature R ange
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-C ase Thermal R esistance, Junction-to-Ambient 1 R JC R JA 3 50 C /W C /W
S T U/D9410
E LE CTR ICAL CHAR ACTE R IS TICS (TA =25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS
c
S ymbol
Condition
VGS = 0V, ID = 250uA VDS = 24V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = 250uA VGS =10V, ID = 7A VGS = 4.5V,ID = 3.5A VDS = 5V, VGS = 10V VDS = 5V, ID = 7A
Min Typ C Max Unit
30 1 V uA 100 nA 1 1.7 27 52 45 8 599 110 81 9.7 15.4 17.2 10.8 13 6.8 2.4 3.1 2.5 32 57 V
m ohm m ohm
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS
Input Capacitance Output Capacitance R everse Transfer Capacitance
CISS COSS CRSS
c
VDS =15V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
2
VDD = 15V ID = 1A VGS = 10V R GE N = 10 ohm VDS =15V, ID =1A,VGS =10V VDS =15V, ID =1A,VGS =4.5V VDS =15V, ID = 1A VGS =10V
ns ns ns ns nC nC nC nC
S T U/D9410
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =20A
Min Typ Max Unit
1 1.3 V
C
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS b
Notes a.S urface Mounted on FR 4 Board, t 10sec. b.Pulse Test:Pulse Width 300us, Duty Cycle 2%. c.Guaranteed by design, not subject to production testing.
10 V G S =10,9,8,7,6,5,4V 8 20 25
ID, Drain C urrent(A)
ID, Drain C urrent (A)
6 V G S =2.5V 4
15
25 C
10
T j=125 C
2 V G S =1.5V 0 0 2 4 6 8 10 12
5 -55 C 0 0.0 0.6 1.2 1.8 2.4 3.0 3.6
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
R DS (ON), On-R es is tance(Ohms )
900 750 2.2 1.8 1.4 1.0 0.6 0.2
F igure 2. Trans fer C haracteris tics
V G S =10V ID=25A
C , C apacitance (pF )
600 450 300 150 C rss 0 0 5 10 15 20 C os s
C is s
25
30
0 -55
-25
0
25
50
75
100 125 T j( C )
V DS , Drain-to S ource Voltage (V )
T j, J unction T emperature ( C )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Drain C urrent and Temperature 3
S T U/D9410
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 V DS =V G S ID=250uA 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 ID=250uA
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
15
F igure 6. B reakdown V oltage V ariation with T emperature
20.0
gFS , T rans conductance (S )
Is , S ource-drain current (A)
20
12 9 6 3 V DS =5V 0 0 5 10 15
10.0
1.0 0.4 0.6 0.8 1.0 1.2 1.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
10 8 6 4 2 0 0 2 4 6 8 10 12 14 16
Qg, T otal G ate C harge (nC )
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
80 60
ID, Drain C urrent (A)
V G S , G ate to S ource V oltage (V )
V DS =15V ID=1A
10
RD
S
(
) ON
L im
it
10
10m
0m s
s
11
DC
1s
0.1 0.03 0.1
VGS =10V S ingle P ulse T A=25 C 1 10 30 50
V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge 4
F igure 10. Maximum S afe O perating Area
S T U/D9410
V DD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
INVE R TE D
6
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 D=0.5
0.2 0.1 0.1 0.05 0.02 0.01 S ING LE P ULS E 0.01 10
-5 -4 -3 -2 -1
P DM t1 1. 2. 3. 4. 10 10 10 t2
R cJ A (t)=r (t) * R cJ A R cJ A=S ee Datas heet T J M-T A = P DM* R cJ A (t) Duty C ycle, D=t1/t2 1 10
10
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5
S T U/D9410
6
S T U/D9410
5 95 7 84 9 6.00
35 05 85 0.94 4 3 0
9 7 30 3 9 36
3 41 3 3 5 1
4
L2
2.29 9.70 1.425 0.650 0.600
BSC 1 1.625 0.850 REF.
0.090 82 56 6 0.024
BSC 398 0.064 33 REF.
7
S T U/D9410
TO-251 Tube
TO251 Tube/TO-252 Tape and Reel Data
" A"
TO-252 Carrier Tape
UNIT:P PACKAGE TO-252 (16 P) A0 6.80 O0.1 B0 10.3 O0.1 K0 2.50 O0.1 D0 r2 D1
r1.5 + 0.1 -0
E 16.0 0.3O
E1 1.75 0.1O
E2 7.5 O0.15
P0 8.0 O0.1
P1 4.0 O0.1
P2 2.0 O0.15
T 0.3 O0.05
TO-252 Reel
S
UNIT:P TAPE SIZE 16 P REEL SIZE r 330 M r330 O 0.5 N r97 O 1.0 W
17.0 + 1.5 -0
T 2.2
H
r13.0 + 0.5 - 0.2
K 10.6
S 2.0 O0.5
G
R
V
8


▲Up To Search▲   

 
Price & Availability of STD9410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X