Part Number Hot Search : 
HC259 P1500ECL 10004 DS0052 SP774BJ 390AS AMDL190J LM7810T
Product Description
Full Text Search
 

To Download SI3208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si3226/7 and SI3208/9
Dual ProSLIC(R) with DC-DC Controller
Description
ProSLIC(R) - Software-programmable parameters: - Ringing frequency, amplitude, cadence, and waveLoop or ground start operation Smooth polarity reversal DTMF generator/decoder A-Law/-Law companding, linear PCM PCM and SPI bus digital interfaces with programmable interrupts GCI/IOM-2 mode support 3.3 V operation GR-909 loop diagnostics Audio diagnostics with loopback Pb-free/RoHS-compliant packaging
Customer Premises Equipment (CPE) Optical Network Terminals (ONT) Private Branch Exchange (PBX) Cable EMTAs, ATAs, VoIP Gateways shape Two-wire ac impedance Transhybrid balance DC current loop feed (10-45 mA) Loop closure and ring trip thresholds Ground key detect threshold
The Dual is a family of low-voltage CMOS devices that integrate both SLIC and CODEC functionality into a single IC. In combination with a linefeed IC (LFIC), they provide a complete twochannel analog telephone interface in accordance with all relevant LSSGR, ITU, and ETSI specifications. The Dual ProSLIC devices (Si3226/7) operate from a single 3.3 V supply and interface to standard PCM/SPI or GCI bus digital interfaces. The LFICs (SI3208/9) perform all high-voltage functions and operate from a 3.3 V supply as well as highvoltage battery supplies. The SI3208 is rated for - 110 V, and the Si3209 is rated for -135 V. The Dual ProSLIC devices are available in a 64-pin thin quad flat package (TQFP), and the LFICs are available in a 40-pin, quad flat no-lead package (QFN).
-
Features
Performs all BORSCHT functions Ideal for short- or long-loop applications Internal balanced or unbalanced ringing Low power consumption Integrated dc-dc controller
Wideband CODEC (Si3227)
Applications
Low-power sleep mode On-hook transmission
Si3226/7 Si3226
DRX DTX CS SDI SDO SCLK INT RST
Si3206 SI3208/9
CODEC ADC DAC CODEC ADC DAC SLIC Linefeed
Linefeed Control Linefeed Monitor
DTMF & Tone Gen Caller ID
Programmable Programmable AC Impedance AC Impedance and Hybrid
FSYNC
PCM/ GCI Interface
TIP Channel 1 RING
SPI Control Interface
Ringing Generator
DSP
SLIC Linefeed
Linefeed Control Linefeed Monitor
Line Diagnostics PLL DC-DC Controllers DC-DC Controller
VBAT VDC DC-DC BOM
TIP Channel 2 RING
PCLK
ProSLIC
Copyright (c) 2007 by Silicon Laboratories
6.1.07
Si3226/7 and SI3208/9
Dual ProSLIC(R) with DC-DC Controller
Selected Electrical Specifications
Parameter Ambient Temperature Supply Voltage, Si322x Supply Voltage, Si3209/8 Battery Voltage, Si3209/8 Maximum Loop Resistance (loop + load) DC Differential Output Resistance Idle Channel Noise PSRR from VDD Longitudinal to Metallic/PCM Balance (forward or reverse) Metallic/PCM to Longitudinal Balance Longitudinal Impedance Longitudinal Current per Pin DC Current 2-Wire Return Loss Transhybrid Balance Thermal Resistance (QFN-40) Continuous Power Dissipation (QFN-40) JA PD TA = 85 C Symbol TA VDD VDD VBAT RLOOP RDO ILOOP=18 mA, VBAT = -48 V ILOOP < ILIM C-Message weighted RX and TX, dc to 3.4 kHz 200 Hz to 1 kHz 1 kHz to 3.4 kHz 200 Hz to 3.4 kHz 200 Hz to 3.4 kHz at TIP or RING Active off-hook 200 Hz to 3.4 kHz VTR = 0 V 200 Hz to 3.4 kHz 300 Hz to 3.4 kHz Test Condition F-Grade G-Grade Min 0 -40 3.13 3.13 -9 -- 160 -- 40 58 53 40 -- -- -- 26 26 -- -- Typical 25 25 3.3 3.3 -- -- -- 8 -- 60 58 -- 50 -- -- 30 30 32 1.7 Max 70 85 3.47 3.47 -135/-110 2000 640 12 -- -- -- -- -- 30 45 -- -- -- -- Unit C C V V V dBrnC dB dB dB dB mApk mA dB dB C/W W
Package Information
64-Pin TQFP
MM Min A b D D1 e E E1
--
Typ
--
Max 1.20 0.27
0.17
0.22
12.00 BSC 10.00 BSC 0.50 BSC 12.00 BSC 10.00 BSC
40-Pin QFN
Min A A1 b D D2 e E E2 L L1 0.80 0.00 0.18 4.10
MM Typ 0.90 0.02 0.25 4.30 Max 1.00 0.05 0.30 4.40
6.00 BSC 0.50 BSC 6.00 BSC 4.10 0.30 0.03 4.30 0.40 0.05 4.40 0.50 0.08
ProSLIC
Copyright (c) 2007 by Silicon Laboratories
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
6.1.07


▲Up To Search▲   

 
Price & Availability of SI3208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X