Part Number Hot Search : 
27C51 51264 NJM592D8 FC123 2SC828 MMBZ5235 STP413D BD944
Product Description
Full Text Search
 

To Download SDM10M45SD-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SDM10M45SD
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SPICE MODELS: SDM10M45SD
Features
NEW PRODUCT
* * * * * * * * * * * *
Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance
A
SOT-26 Dim Min 0.35 1.50 2.70 3/4 3/4 2.90 1.00 0.35 0.10 0 Max 0.50 1.70 3.00 3/4 3/4 3.10 1.30 0.55 0.20 8 Typ 0.38 1.60 2.80 0.95 0.55 3.00 0.05 1.10 0.40 0.15 3/4 A B C D F
M
TOP VIEW
BC
Mechanical Data
Case: SOT-26, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: KLG, See Page 2 Weight: 0.016 grams (approx.) Ordering Information: See Below
H K
H J K L M a
J
0.013 0.10
D
F
L
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 8.3ms Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj , TSTG Value 45 40 100 1.0 225 444 -40 to +125 Unit V V mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage (Note 2) Reverse Leakage Current (Note 2) Total Capacitance
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT Min 45 3/4 3/4 3/4 Typ 3/4 370 0.07 6.0 Max 3/4 450 1.0 3/4 Unit 3/4 mV mA pF Test Condition IR = 100mA IF = 10mA VR = 10V VR = 10V, f = 1.0MHz
Ordering Information (Note 3)
Device SDM10M45SD-7 Note: Packaging SOT-26 Shipping 3000/Tape & Reel
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test to minimize self-heating effect. 3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS30386 Rev. 1 - 2
1 of 3 www.diodes.com
SDM10M45SD
a Diodes Incorporated
Marking Information
NEW PRODUCT
KLG YM
Date Code Key Year Code Month Code Jan 1 2003 P Feb 2 March 3 2004 R
YM KLG
S May 5 Apr 4
KLG = Product Type Marking Code YM = Date Code Marking Y = Year ex: P = 2003 M = Month ex: 9 = September
2005
2006 T Jun 6 Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
(see Note 1)
IO, AVERAGE RECTIFIED CURRENT (mA)
250
100
Pd, POWER DISSIPATION (mW)
200
80
150
60
100
40
50
20 Tj = 125C 0 0 25 50 75 100 125 150
0 0 100 TA, AMBIENT TEMPERATURE (C) Fig. 1, Power Derating Curve 200
TA, AMBIENT TEMPERATURE (C) Fig. 2 Forward Current Derating Curve (Per Element)
1000
IF, INSTANTANEOUS FORWARD CURRENT (mA)
100
TA = 125C
100
TA = 75C
TA = 125C
10
TA = 25C
10
1.0
TA = -25C
1.0
TA = 75C
0.1
TA = 25C
0.1 0 200 400 600 800 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 3 Typical Forward Characteristics
0.01 0 10 20 30 40
VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 4 Typical Reverse Characteristics
DS30386 Rev. 1 - 2
2 of 3 www.diodes.com
SDM10M45SD
100
NEW PRODUCT
CT, TOTAL CAPACITANCE (pF)
Tj = 25C f = 1MHz
10
1.0 0 5.0 10 15 20 25 30 35 40 VR, REVERSE VOLTAGE (V) Fig. 5 Total Capacitance vs. Reverse Voltage
DS30386 Rev. 1 - 2
3 of 3 www.diodes.com
SDM10M45SD


▲Up To Search▲   

 
Price & Availability of SDM10M45SD-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X