Part Number Hot Search : 
CRO600S M56770SP 14515 4ACT2 CS3DC F2804S P6KE11 HIP5015
Product Description
Full Text Search
 

To Download SD101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101A ... SD101C
SD101A ... SD101C
Si-Schottky-Barrier Diodes Si-Schottky-Barrier Dioden Version 2006-04-27 Nominal current Nennstrom
O 1.9
15 mA 40...60 V DO-35 SOD-27 0.04g LL101A...LL101C
Repetitive peak reverse voltage Periodische Spitzensperrspannung Glass case Glasgehause Weight approx. Gewicht ca.
62.5
3.9
O 0.52
Equivalent SMD version Aquivalente SMD-Ausfuhrung Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings and characteristics Type Typ SD101C SD101B SD101A Power dissipation Verlustleistung Peak forward surge current, 10 s square pulse Stostrom fur einen 10 s Rechteckimpuls Leakage current, Tj = 25C Sperrstrom Junction Capacitance Sperrschichtkapazitat Reverse recovery time Sperrverzugszeit Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal Resistance Junction - Ambient air Warmewiderstand Sperrschicht - umgebende Luft SD101C SD101B SD101A VR = 0 V Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 40 50 60
Grenz- und Kennwerte Forward voltage Durchlass-Spannung VF [V] / IF = 1 mA < 0.39 < 0.4 < 0.41 TA = 25C TA = 25C VR = 30 V VR = 40 V VR = 50 V f = 1 MHz Ptot IFSM IR IR IR Cj trr Tj VF [V] / IF = 15 mA < 0.9 < 0.95 <1 400 mW 1) 2A < 200 nA < 200 nA < 200 nA < 2.2 pF typ. 1 ns +200C -55...+200C <300 K/W 1)
IF = 5 mA through/uber IR = 5 mA to IR = 0.5 mA
TS
RthA
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1


▲Up To Search▲   

 
Price & Availability of SD101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X