Part Number Hot Search : 
TDA8171 MTA106D CEM2187 L78S15T 00003 ACTF0016 10N20 SP7656E
Product Description
Full Text Search
 

To Download RGE1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Raychem Circuit Protection
308 Constitution Drive Menlo Park, CA 94025-1164 800-227-4856 FAX 800-227-4866
R
PolySwitch(R) PTC Devices
Resettable Fuse
PRODUCT: RGE1000
DOCUMENT: SCD24093 PCN: 470961 REV LETTER: E REV DATE: MARCH 8, 2000 PAGE NO.: 1 OF 1
Specification Status: PRELIMINARY
Electrical Rating
Voltage: 16V MAX Current: 100A MAX Insulating Material: Cured, Flame Retarded Epoxy Polymer meets UL94 V-0 Requirements Lead Material: 20 AWG Tin/Lead Plated Copper
Marking:
Raychem Logo and Voltage
16 G1 0 0 0
Part Identification Lot Identification (can be on back)
TABLE I. DIMENSIONS:
A B MIN MAX MIN MAX 15.5 16.5 21.1 25.2 (0.61) (0.65) (0.83) (0.99) *Rounded off approximation C MIN 4.3 (0.17) MAX 5.8 (0.23) MIN 7.6 (0.30) D MAX --MIN 2.0 (0.08) E MAX 3.0 (0.12) F TYP 1.2 (0.05)
mm: in*:
TABLE II. PERFORMANCE RATINGS:
I HOLD CURRENT TRIP RATED LIMITS CURRENT AMPS AMPS 25C AT 25C HOLD HOLD TRIP 10.0 10.0 17.0 Recognitions: Reference Documents: Precedence: Effectivity: CAUTION: TIME TO TRIP SECONDS AT 25C, 50.0 A MAX 6.0 RESISTANCE VALUES OHMS AT 25C MIN MAX 0.004 0.0102 TRIPPED-STATE POWER DISSIPATION WATTS AT 25C, 16V TYP 3.6
CSA/ TUV/ UL approved. PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


▲Up To Search▲   

 
Price & Availability of RGE1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X