Part Number Hot Search : 
MC4558 KA3843 KSA1220 GPS40B12 KSA1220 EQW025 BE002 W83L950D
Product Description
Full Text Search
 

To Download PC792H1UC-12C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 60/40 Amp Automotive Plug-In / PCB Power Relay
PC792H
FEATURES Most popular automotive relay 1 A and 1 C contact forms available Contact switching capacity up to 120 Amps 60 Amps continuous carrying capacity Up to 125 degrees C operating temperature Five different case styles available Sockets available from Picker Components
CONTACT RATINGS
Contact Form Max Switching Current Max. Switching Voltage Max. Continuous Current Minimum Load 1 Form A or 1 Form C Normally Open Normally Closed Make 120 Amps Break 60 Amps Make 45 Amps Break 40 Amps
CONTACT DATA
Material Initial Contact Resistance Service Life Mechanical Electrical
AgCdO (Silver Cadmium Oxide)
100 milliohms max @ 0.1A, 6VDC 1 X 10 Operations 2 X 10 5 Operations
7
Current Dependent; see curve page 2 60 Amps 0.5 A @ 12 VDC 40 Amps
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Range Weight 7 ms. typical 2 ms. typical 100 megohms min, at 500VDC, 50%RH 500 Vrms, 1 min. between coil and contacts 20 g, 11ms, functional; 200 g, destructive DA 1.27 mm, 10 - 40 Hz; 40-70 Hz: 5 g; DA 0.5mm, 70-100 Hz; 100-500 Hz: 10 g. 1 Meter height drop on concrete in final enclosure 1.6 W approx. -40 to 125 degrees C operating, -40 to 155 storage 35 grams approx.
ORDERING INFORMATION
Example: Model Contact Form 1A, 1C or 1U (1 form A with 2 #87 Terminals) Case Style C: Plug-In; P: PCB; C1: Plastic Bracket; C3: Shrouded W/Metal Bkt Coil Voltage Enclosure C: Dust Cover, S: Sealed Case Parallel Component Nil: None; D: Diode; R: Resistor; N: Nickle Plated Terminals
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PC792H Rev B 4-13-04
PC792H
-1C
-C1
-12
S
-RN
PAGE 1
PC792H
REFERENCE CURVE
Power Load Limit
PC792H
COIL DATA
Resistance Coil Voltage 6 12 24 _ ohms + 10% 22 90 330 Must Operate Voltage Max. (VDC) 3.6 7.2 14.3 Must Release Voltage Min. (VDC) 0.6 1.2 2.4 Continuous Voltage Max. (VDC) 10.1 20.5 39.1
Dimensions in Inches (millimeters) Plug-In Type Plug-In Case (C) and PCB Case (P)
.665 (16.9)
Bottom View PC Board Layout
.665 (16.9)
.031 (0.8)
.331 (8.4)
87
1.10 (28.0) .250 (6.3) .453 (11.5) .984 (25.0)
87A 86 85
.315 (8.0) .705 (17.9)
.331 (8.4)
86
87
87A
85
.315 (8.0) .705 (17.9)
30
30
1.10 (28.0)
.047 X .094 (1.2 X 2.4) All Holes
Form 1A
30 87 30
Form 1AS
87a 87 85 30
Form 1C
87a 87
85 (+) (-)
86
85 (+) (-)
86
86 (-)
(+)
Wiring Diagrams
Notes: Tolerances + .010 unless otherwise noted Maximum make current refers to inrush of a lamp load In 85 degree C ambient reduce maximum coil voltage to 72%
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 2
PC792H
.165 (4.2) .866 (22.0) .236 (6.0) .630 (16.0)
PC792H
.252 Dia. (6.4)
.984 (25.0)
1.10 (28.0)
1.10 (28.0)
Molded Plastic Bracket (C1)
.709 (18.0)
.275 (7.0)
.181 (4.6)
.591 (15.0) .236 (6.0) .630 (16.0)
.252 Dia. (6.4)
.811 (20.6)
.210 Dia. (5.3)
1.78 (45.3)
.984 (25.0)
1.10 (28.0)
1.10 (28.0)
Metal Bracket (C2)
1.42 (36.0)
1.42 (36.0)
Skirted Case with Metal Bracket (C4)
.524 (13.3) .409 (10.4)
Bent Metal Bracket (C3)
Skirted Case with Bent Metal Bracket (C5)
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 3


▲Up To Search▲   

 
Price & Availability of PC792H1UC-12C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X