Part Number Hot Search : 
74ALVC FDS6984S MA22D39 AS6C4016 7C1011 EL2270CN BC556 DA152M
Product Description
Full Text Search
 

To Download OPI11007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optically Coupled Isolator
OPI110, OPI113, OPI1264 Series
Features:
* * * *
10 kV electrical isolation Choice of phototransistor or photodarington output Low-cost plastic housing UL recognized File No. E58730*
Product Photo Here
Description:
Each Optoisolator in this data sheet contains an infrared Light Emitting Diode (LED) and a NPN silicon Photosensor. The OPI110 and OPI1264 devices have 890 nm Light Emitting Diode (LED) and NPN phototransistor sensor, whereas the OP113 has a 890 nm LED and a photodarlington sensor. The devices are sealed in a precast opaque housing with a optically transmissive path between the LED and the photosensor. The Optoisolators in this data sheet are UL approved under E 58730. This series is designed for transmission of information between one power supply voltage and another where the potentials during surge conditions are not greater than the guaranteed isolation voltage. Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more information.
Applications:
* * * * *
High voltage isolation between input and output Electrical isolation in dirty environments Industrial equipment Medical equipment Office equipment Part Number OPI110 OPI110A LED Peak Wavelength
Ordering Information
Sensor Isolation Voltage (,000) CTR Min / Max 12.5 / NA 25 / NA Transistor OPI110B OPI110C OPI113 OPI1264 OPI1264A Transistor OPI1264B OPI1264C 50 / 125 100 / NA 890 nm Photodarlington 10 50 / 125 100 / NA 50 / NA 12.5 / NA 25 / NA 10 / 40 5 / 40 30 0.50" / 0.55" 10 / 40 VCE IF (mA) (Volts) Typ / Max Max Lead Length / Spacing
RoHS
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A 05/07 Page 1 of 3
OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Optically Coupled Isolator
OPI110, OPI113, OPI1264 Series
Absolute Maximum Ratings (TA = 25o C unless otherwise noted)
Storage Temperature(1)(2) Operating Temperature Input-to-Output Isolation Voltage Lead Soldering Temperature (1/16" (1.6 mm) from case for 5 seconds with soldering iron) Input Diode Forward DC Current(4) Reverse DC Voltage Power Dissipation
(5) (3)
-40 C to +100 C -40 C to +85 C 10 kVDC 260 C
40 mA 2V 50 mW
Output Photosensor Collector-Emitter Voltage OPI110, OPI1264 OPI113 Emitter-Collector Voltage Power Dissipation
(6)
30 15 5 100 mW
Notes: (1) Measured with input and output leads shorted. Typical input/output capacitance is 0.06 pF. (2) UL recognition is for 3500 VAC for one minute. (3) RMA flux is recommended. The duration can be extended to 10 seconds maximum when flow soldering. (4) Derate linearly 0.67 mA/C above 25C. (5) Derate linearly 0.83 mA/C above 25C. (6) Derate linearly 1.67 mA/C above 25C. OPI110
1 4 1
OPI113
4 1
OPI1264
4
2
3 2 3
2
3
DIMENSIONS ARE IN:
[MILLIMETERS] INCHES
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A 05/07 Page 2 of 3 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Optically Coupled Isolator
OPI110, OPI113, OPI1264 Series
Electrical Characteristics (TA = 25o C unless otherwise noted)
SYMBOL PARAMETER MIN TYP MAX UNITS TEST CONDITIONS
Input Diode (See OP265 for additional information - for reference only) VF IR Forward Voltage Reverse Current 1.6 100 V A IF = 20 mA VR = 2 V
Output Photosensor (See OP505 for additional information - for reference only) Collector-Emitter Breakdown Voltage OPI110, OPI1264 OPI113 Emitter-Collector Breakdown Voltage OPI110, OPI113 OPI1264 Collector-Emitter Dark Current OPI110, OPI1264 OPI113
V(BR)CEO
30 15 5 -
-
100 100
V
IC = 100 A IC = 100 A, IF = 0 IE = 100 A, IF = 0 IE = 100 A VCE = 15 V, EE = 0 VCE = 10 V, EE = 0
V(BR)ECO
V
ICEO Coupled
nA
IC/IF
DC Current Transfer Ratio OPI110, OPI1264 OPI110A, OPI1264A OPI110B, OPI1264B OPI110C, OPI1264C OPI113 Collector Saturation Voltage OPI110, OPI1264 OPI113 Collector-Emitter Dark Current OPI110, OPI1264 OPI113 Isolation Voltage
12.5 25.0 50.0 100. 0 50.0 10
400
125 -
%
IF = 10 mA, VCE = 5 V IF = 10 mA, VCE = 5 V IF = 10 mA, VCE = 5 V IF = 10 mA, VCE = 5 V IF = 5 mA, VCE = 2 V
VCE(SAT)
-
0.4 1.2 200 100 -
V
IF = 10 mA, IC = 1.6 mA IF = 10 mA, IC = 5 mA VCE = 20 V, IF = 0 VCE = 10 V, IF = 0 See Note 1.
ICEO
nA
VISO
kVDC
Notes: (1) Measured with input and output leads shorted. Typical input/output capacitance is 0.06 pF.
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A 05/07 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of OPI11007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X