Part Number Hot Search : 
BD46421 41000 T1210 SC2411K SJ2520 SMAJ13 IC18F DTA143T
Product Description
Full Text Search
 

To Download NDS994802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NDS9948
May 2002
NDS9948
Dual 60V P-Channel PowerTrench MOSFET
General Description
This P-Channel MOSFET is a rugged gate version of Fairchild Semiconductor's advanced PowerTrench process. It has been optimized for power management applications requiring a wide range of gate drive voltage ratings (4.5V - 20V).
Features
* -2.3 A, -60 V RDS(ON) = 250 m @ VGS = -10 V RDS(ON) = 500 m @ VGS = -4.5 V
* Low gate charge (9nC typical) * Fast switching speed * High performance trench technology for extremely low RDS(ON) * High power and current handling capability
Applications
* * * Power management Load switch Battery protection
D2 D
D2 D
DD1 D1 D
5 6 7
Q1
4 3 2
Q2
SO-8
Pin 1 SO-8
G2 S2 S
G1 S1 G
S
8
1
S
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA=25oC unless otherwise noted
Parameter
Ratings
-60 20
(Note 1a)
Units
V V A W
-2.3 -10 2
Power Dissipation for Dual Operation Power Dissipation for Single Operation
(Note 1a) (Note 1b) (Note 1c)
1.6 1.0 0.9 -55 to +175 C
TJ, TSTG
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1c) (Note 1)
78 135 40
C/W C/W C/W
Package Marking and Ordering Information
Device Marking NDS9948
2002 Fairchild Semiconductor Corporation
Device NDS9948
Reel Size 13''
Tape width 12mm
Quantity 2500 units
NDS9948 Rev B(W)
NDS9948
Electrical Characteristics
Symbol
W DSS IAR
TA = 25C unless otherwise noted
Parameter
Drain-Source Avalanche Energy Drain-Source Avalanche Current
Test Conditions
Single Pulse, VDD=-60 V
Min Typ
Max
56 -2.3
Units
mJ A
Drain-Source Avalanche Ratings (Note 2)
Off Characteristics
BVDSS BVDSS TJ IDSS IGSSF IGSSR Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
(Note 2)
ID = -250 A VGS = 0 V, ID = -250 A, Referenced to25C VGS = 0 V VDS = -40 V, VDS = -40 V,VGS = 0 V TJ =-55C VGS = 20 V, VDS = 0 V VGS = -20 V VDS = 0 V
-60 -52 -2 -25 100 -100
V mV/C A nA nA
On Characteristics
VGS(th) VGS(th) TJ RDS(on)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance
ID = -250 A VDS = VGS, ID = -250 A, Referenced to25C VGS = -10 V, ID = -2.3 A VGS = -4.5 V, ID = -1.6 A VGS = -10 V,ID = -2.3A, TJ =125C VGS = -10 V, VDS = -5 V VDS = -10 V, ID = -2.3 A
-1
-1.5 4 138 175 225
-3
V mV/C
250 500 433
m
ID(on) gFS
-10 5
A S
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
VDS = -30 V, f = 1.0 MHz
V GS = 0 V,
394 53 23
pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = -30 V, VGS = -10 V,
ID = -1 A, RGEN = 6
6 9 16 3
12 18 29 6 13
ns ns ns ns nC nC nC
VDS = -30 V, VGS = -10 V
ID = -2.3 A,
9 1.4 1.7
NDS9948 Rev B(W)
NDS9948
Electrical Characteristics (cont.) T
Symbol
IS VSD trr
A
= 25C unless otherwise noted
Parameter
Test Conditions
Min Typ
Max
-1.7 -1.2
Units
A V nS
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward VGS = 0 V, IS = -1.7 A(Note 2) Voltage IF = -2.3A, VGS = 0 V, Reverse Recovery Time dIF/dt = 100A/s -0.8 25
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design.
a)
78C/W when mounted on a 2 0.5in pad of 2 oz copper
b)
125C/W when mounted on a 2 0.02 in pad of 2 oz copper
c)
135C/W when mounted on a minimum pad.
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
NDS9948 Rev B(W)
NDS9948
Typical Characteristics
10
-4.0V -3.5V
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = -10V -6.0V
-ID, DRAIN CURRENT (A) 8
1.8
-4.5V
1.6
VGS=-3.5V
6
1.4
-4.0V -4.5V
4
-3.0V
1.2
-6.0V -10V
2
1
0 0 1 2 3 4 5 6 -VDS, DRAIN TO SOURCE VOLTAGE (V)
0.8 0 2 4 6 8 10 -ID, DRAIN CURRENT (A)
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.5 RDS(ON), ON-RESISTANCE (OHM)
2 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 -50 -25 0 25 50 75 100
o
ID = -2.3A VGS = -10V
ID = -1A
0.45 0.4 0.35
TA = 125oC
0.3 0.25 0.2
TA = 25oC
0.15 0.1
125
150
175
2
4
6
8
10
TJ, JUNCTION TEMPERATURE ( C)
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation withTemperature.
6
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100 -IS, REVERSE DRAIN CURRENT (A)
VDS = -5V
5 -ID, DRAIN CURRENT (A)
TA = -55oC 125oC
25oC
VGS =0V
10
4
1
TA = 125oC 25oC -55oC
3
0.1
2
0.01
1
0.001
0 1 1.5 2 2.5 3 3.5 4 -VGS, GATE TO SOURCE VOLTAGE (V)
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 -VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
NDS9948 Rev B(W)
NDS9948
Typical Characteristics
10 -VGS, GATE-SOURCE VOLTAGE (V)
600 ID = -2.3A VDS = -20V -40V -30V 500 CAPACITANCE (pF) CISS 400 300 200 COSS 100 CRSS 0
0 2 4 6 8 10
f = 1 MHz VGS = 0 V
8
6
4
2
0 Qg, GATE CHARGE (nC)
0
10
20
30
40
50
60
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
100 P(pk), PEAK TRANSIENT POWER (W) 50
Figure 8. Capacitance Characteristics.
-ID, DRAIN CURRENT (A)
10 RDS(ON) LIMIT 1 VGS = -10V SINGLE PULSE RJA = 135oC/W TA = 25oC 0.01 0.1 1 10 10s DC 10ms 100ms 1s
100 1ms
40
SINGLE PULSE RJA = 135C/W TA = 25C
30
20
0.1
10
100
0 0.001
0.01
0.1
1 t1, TIME (sec)
10
100
1000
-VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5
RJA(t) = r(t) * RJA
0.2
RJA = 135 C/W P(pk) t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
o
0.1
0.1 0.05 0.02
0.01
0.01
SINGLE PULSE
0.001 0.0001
0.001
0.01
0.1
t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c. Transient thermal response will change depending on the circuit board design.
NDS9948 Rev B(W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACEx Bottomless CoolFET CROSSVOLT DenseTrench DOME EcoSPARK E2CMOSTM EnSignaTM FACT FACT Quiet Series
DISCLAIMER
FAST a FASTr FRFET GlobalOptoisolator GTO HiSeC I2C ISOPLANAR LittleFET MicroFET MicroPak
MICROWIRE OPTOLOGIC a OPTOPLANAR PACMAN POP Power247 PowerTrench a QFET QS QT Optoelectronics Quiet Series
SILENT SWITCHER a UHC SMART START UltraFET a SPM VCX STAR*POWER Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogic TruTranslation
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. H5


▲Up To Search▲   

 
Price & Availability of NDS994802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X