Part Number Hot Search : 
2SK1304 LTC691 B0515 SB1250TL B2405L 2SD14 S1616 MPSA05
Product Description
Full Text Search
 

To Download MS6331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSA
MS6331
16-Bit Stereo Audio DAC & Headphone Driver
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
FEATURES
Operation range: 2.7V~5.5V Excellent Power Supply Rejection Ratio(PSRR) No pop-noise Component less No zero crossing distortion Cost effective Fast setting time permits 2*, 4*, and 8* oversampling (serial input) or double speed operation at 4* oversampling Compatible with most of the Japanese input formats; time multiplexed, two's complement, TTL input level Cost efficient Housed in 8 pin SOP package
APPLICATIONS
Multimedia system, MP3, PDA, Portable Digital Audio.
DESCRIPTION
The MS6331 is an integrated 16-bit voltage-output Digital-to-Analog Converter (DAC) and class AB stereo headphone driver. The MS6331 is with the excellent Power Supply Rejection Ratio(PSRR). It is fabricated in a CMOS process and features extremely low power dissipation, small package size and easy application. The accuracy of the matched coarse current sources, combined with the unique symmetrical decoding method, preclude zero-crossing distortion and ensures high quality audio reproduction. These unique features, combined with its exceptional performance, make the MS6331 ideally suited for use in digital audio equipment.
BLOCK DIAGRAM
VDD
-
BCK WS DATA DAC
+
OUTL HP
+ -
OUTR
CAP GND
REV 1.0
1
www.mosanalog.com.tw
MOSA
PIN CONFIGURATION
Symbol VDD OUTL OUTR CAP BCK WS DATA Pin 1 2 3 4 5 6 7 Description Positive supply voltage Left channel output Right channel output Capacitor Bit clock input Word select input Data input
OUTR CAP 3 4 VDD OUTL 1 2
MS6331
16-Bit Stereo Audio DAC & Headphone Driver
8 7 MS6331 6 5
GND DATA WS BCK
GND 8 Ground Pin 4 : Capacitor = 1uF~10uF
ORDERING INFORMATION
Package 8-Pin SOP 8-Pin SOP 8-Pin SOP (lead free) 8-Pin SOP (lead free) Part number MS6331TR MS6331U MS6331GTR MS6331GU Packaging Marking MS6331 MS6331 MS6331G MS6331G Transport Media 2.5k Units Tape and Reel 100 Units Tube 2.5k Units Tape and Reel 100 Units Tube
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VESD TSTG TA TJ TS RTHJA Positive Supply Voltage Electrostatic Handling Storage Temperature Range Operating Ambient Temperature Range Maximum Junction Temperature Soldering Temperature, 10 seconds Thermal Resistance from Junction to Ambient in Free Air SOP8 Parameter Rating 6 -3000 to 3000 -65 to 150 -40 to 85 150 260 /W Unit V V
210
OPERATING RATINGS
Symbol VDD Supply Voltage Parameter Min 2.7 Typ Max 5.5 Unit V
REV 1.0
2
www.mosanalog.com.tw
MOSA
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25 Symbol DC Characteristics VCAP VDC VFS IQ PSRR CS Res THD+N S/N Po Vo Voltage at CAP Output DC level Full scale output voltage Quiescent current Power supply rejection ratio Channel separation Resolution Total harmonic distortion plus noise Signal-to-noise ratio Maximum output power Maximum output voltage swing (THD+N)/S < 0.1% (THD+N)/S < 0.1% CAP=2.2uF (100Hz) CAP=10uF (100Hz) VFS=0.023663* 24 *VDD Parameter Conditions
MS6331
16-Bit Stereo Audio DAC & Headphone Driver
, VDD=3.3V, VSS=0V, f=1kHz, RL=32; unless otherwise specified) Min 1.60 1.60 50 61 70 86 49 2.5 Typ 1.65 1.65 1.87 3.6 55 66 75 -60 0.1 92 52 2.6 Max 1.70 1.70 4 16 -56 0.158 Unit V V V mA dB dB dB bits dB % dB mW Vpp
AC Characteristics
REV 1.0
3
www.mosanalog.com.tw
MOSA
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25 , RL=32, sampling rate=4fs; unless otherwise specified)
MS6331
16-Bit Stereo Audio DAC & Headphone Driver
QUIESCENT CURRENT (mA)
THD+N (%)
VDD=5V
VDD=3.3V
VDD=2.7V
THD+N (%)
f=1kHz
SUPPLY VOLTAGE (V)
FREQUENCY (Hz)
SUPPLY VOLTAGE (V)
Quiescent current vs. supply voltage
THD+N vs. frequency
THD+N vs. supply voltage
CAP=10uF
CAP=10uF
CAP=10uF
PSRR (dB)
PSRR (dB)
CAP=2.2uF
CAP=2.2uF
PSRR (dB)
CAP=2.2uF
VDD=5V VRR=-20dBV
VDD=3.3V VRR=-20dBV
VDD=2.7V VRR=-20dBV
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR vs. frequency
PSRR vs. frequency
PSRR vs. frequency
CHANNEL SEPARATION (dB)
SUPPLY VOLTAGE (V)
Channel separation vs. supply voltage
REV 1.0
4
www.mosanalog.com.tw
MOSA
TIMING AND DATA FORMAT
MS6331
16-Bit Stereo Audio DAC & Headphone Driver
The MS6331 accepts input serial data formats of 16-bit word length. Left and right data words are time multiplexed. The MSB must always be first. The format of data input is shown in Figs. 1 and 2.
LEFT RIGHT tr tHB tf tLB tHW tSW
WS
BCK
tcr LSB MSB tSD tHD
DATA
Fig.1
Timing and input signals.
WS
LEFT RIGHT
BCK
DATA 2
1
0
15 MSB
14
13
2
1
0 LSB
15 MSB
14
13
2
1
0 LSB
Fig.2
Format of input signals.
Data format (BCK, WS, DATA) Symbol Parameter VIL VIH Input LOW level Input HIGH level Input Leakage Current LOW Input Leakage Current HIGH Input Clock Frequency Bit Rate Data Input Word Select Input Rise Time Fall Time Bit Clock Cycle Time Bit Clock High Time Bit Clock Low Time Data Set-up Time Data Hold Time to Bit Clock Word Select Hold Time Word Select Set-up Time
Conditions
Min 0.7VDD 54 15 15 12 2 2 12
Typ -
Max 0.3VDD 10 10 18.4 18.4 384 12 12 -
Unit V V
l I IL l l I IH l f BCK
BR
A A
MHz Mbits/s kHz ns ns ns ns ns ns ns ns ns
fWS
tr tf t Cr t HB t LB t SD t HD t HW t SW
REV 1.0
5
www.mosanalog.com.tw
MOSA
APPLICATION INFORMATION
Basic application example
MS6331
5
MS6331
16-Bit Stereo Audio DAC & Headphone Driver
Digital audio input
BCK WS DATA GND
CAP OUTR OUTL VDD
4 3
10uF
6 7 8
47uF 2 47uF 1 PHONE JACK
Headphone (32 )
VDD
Note :
Vo=1.95Vpp at VDD =3.3V
REV 1.0
6
www.mosanalog.com.tw
MOSA
EXTERNAL DIMENSIONS
MS6331
16-Bit Stereo Audio DAC & Headphone Driver
8
5
Symbol Dimension in mm Min Max 1.35 1.75 0.10 0.25 0.33 0.51 0.19 0.25 4.80 5.00 5.80 6.20 3.80 4.00 1.27 BSC 0.40 1.27 Dimension in inch Min Max 0.0532 0.0688 0.0040 0.0098 0.013 0.020 0.0075 0.0098 0.1890 0.1968 0.2284 0.2440 0.1497 0.1574 0.050 BSC 0.016 0.050
H
E 1 4
D
A A1 B C D H E e L
L A A1 e B C
SOP8
TAPE AND REEL (Unit : mm)
2.0 0.30 0.05 4.0 1.75 0.3R MAX 5.5 0.05 12.0 0.3
5.4
0.05
1.5+0.1/-0.0 DIA
3.0 3.6 6.9
8.0 1.5 MIN 0.5 Radius Typical
2.0 1.7
SOP8
REV 1.0
7
www.mosanalog.com.tw


▲Up To Search▲   

 
Price & Availability of MS6331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X