Part Number Hot Search : 
CS51221 M3494EZ NC7SV32 SB400 1431C MDT10P CXA13 CY7C43
Product Description
Full Text Search
 

To Download MMBTA06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTA05 / MMBTA06
MMBTA05 / MMBTA06 NPN
Surface mount general purpose Si-epitaxial planar transistors Vielzweck Si-Epitaxial Planar-Transistoren fur die Oberflachenmontage Power dissipation Verlustleistung
1.3 0.1
NPN
250 mW SOT-23 (TO-236) 0.01 g
Version 2007-06-25
1.1
2.9 0.1 0.4
3
Type Code
1 2
2.5 max
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.9
Dimensions / Mae [mm] 1=B 2=E 3=C
Maximum ratings (TA = 25C) Collector-Emitter-volt. - Kollektor-Emitter-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Emitter-Base-voltage - Emitter-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Base current - Basisstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open VCEO VCBO VEBO Ptot IC IB IBM
Grenzwerte (TA = 25C) MMBTA05 60 V 60 V 4V 250 mW 1) 500 mA 100 mA 200 mA -55...+150C -55...+150C MMBTA06 80 V 80 V
Tj TS
Characteristics (Tj = 25C) Min. Collector-Base cutoff current - Kollektorreststrom IE = 0, VCB = 60 V IE = 0, VCB = 80 V Emitter-Base cutoff current - Emitterreststrom IC = 0, VEB = 4 V Collector saturation voltage - Kollektor-Sattigungsspannung )
2
Kennwerte (Tj = 25C) Typ. - - - - - Max. 100 nA 100 nA 100 nA 250 mV 1.2 V
MMBTA05 MMBTA06
ICB0 ICB0 IEB0 VCEsat
- - - - -
IC = 100 mA, IB = 10 mA Base saturation voltage - Basis-Sattigungsspannung )
2
IC = 100 mA, IB = 10 mA
1 2
VBEsat
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% http://www.diotec.com/
(c) Diotec Semiconductor AG
1
MMBTA05 / MMBTA06 Characteristics (Tj = 25C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis VCE = 1 V, IC = 10 mA VCE = 1 V, IC = 100 mA Gain-Bandwidth Product - Transitfrequenz VCE = 2 V, IC = 10 mA, f = 100 MHz Thermal resistance junction - ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren Marking - Stempelung fT RthA 100 MHz - < 420 K/W 1) MMBTA55, MMBTA56 MMBTA05 = 1H MMBTA06 = 1GM - hFE hFE 100 100 - - - - Kennwerte (Tj = 25C) Typ. Max.
120 [%] 100
80
60
40
20 Ptot 0 0 TA 50 100 150 [C]
Power dissipation versus ambient temperature 1) 1 Verlustleistung in Abh. von d. Umgebungstemp. )
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of MMBTA06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X