Part Number Hot Search : 
KAQV212S 68HC1 CM800 ETCA29 TEGRA DS2415 412D24MA IMH5A
Product Description
Full Text Search
 

To Download MMBTA06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTA05 MMBTA06
Driver NPN
1 2
3
SOT-23
VCEO
MMBTA05 60 60 4.0 MMBTA06 80 80 4.0
MMBTA05=1H, MMBTA06=1GM
(3) MMBTA05 MMBTA06
0 60 80 60 80 0 I B =0) 6 8 S 4.0 0.1 0.1 0.1 u
MMBTA05 MMBTA06
MMBTA05 MMBTA06
u
_ _ 3.Pulse Test:Pulse Width < 300us, Duty Cycle < 2.0% 4. f T is defined as the freguency at which hfeextrapolates to unity
WEITRON
http://www.weitron.com.tw
MMBTA05 MMBTA06
E L E C T R IC A L C HA R A C T E R IS T IC S (T A = 25 C unles s otherwis e noted)
C harac teris tic S ymbol Min Max Unit
ON C HA R A C T E R IS T IC S
DC C urrent G ain (I C = 10 mAdc, V C E = 1.0 V dc) (I C = 100 mAdc, V C E = 1.0 V dc) C ollector- E mitter S aturation Voltage (I C = 100 mAdc, I B = 10 mAdc) B as e- E mitter On Voltage (I C = 100 mAdc, V C E = 1.0 V dc) hF E 100 100 0.25 1.2 V dc V dc
V C E (s at) V B E (on)
S MA L L - S IG NA L C HA R A C T E R IS T IC S
C urrent- G ain - B andwidth P roduct (4) (I C = 10 mA, V C E = 2.0 V, f = 100 MHz) fT 100 MHz
TURN-ON TIME -1.0 V VCC +40 V RL OUTPUT Vin 0 tr = 3.0 n s 5.0 uF 100 5.0 us tr = 3.0 ns *Total S hunt C apacitance of Tes t J ig and C onnectors F or P NP Tes t C ircuits , R evers e All Voltage P olarities RB * CS - 6.0 pF
-
TURN-OFF TIME +VBB VCC +40 V 100 Vin 5.0 uF 100 RB * CS - 6.0 pF
-
5.0 u s +10 V
100
RL OUTPUT
F IG 1. S witc hing Time Tes t C irc uits
f T , CURRENT-GAIN - BANDWIDTH PRODUCT(MHz)
300 200 VCE = 2.0 V TJ = 25 C
100 70 50 30 2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
IC, COLLECTOR CURRENT (mA)
F IG 2. C urrent-G ain B andwidth P roduc t
WEITRON
http://www.weitron.com.tw
MMBTA05 MMBTA06
80 60 40 C, CAPACITANCE (pF) t, TIME (ns) Cibo 20 TJ = 25 C 1.0 k 700 500 300 200 100 70 50 30 Cobo 0.2 0.5 1.0 2.0 5.0 10 20 50 100 20 VCC = 40 V IC/IB = 10 IB1 = IB2 TJ = 25 C
ts
tf tr td @ V BE(off) = 0.5 V 20 30 50 70 100 200 300 500
10 8.0 6.0 4.0 0.1
10 5.0 7.0 10
VR , REVERSE VOL TAGE (VOLTS)
IC, COLLECTOR CURRENT (mA)
F IG 3. C apac itanc e
1.0 TJ = 125 C VCE = 1.0 V hFE , DC CURRENT GAIN 200 25 C -55 C 100 80 60 40 0.5 V, VOLTAGE (VOLTS)
F IG 4. S witc hing Time
400
TJ = 25 C VBE(sat) @ I C/IB = 10
0.8
0.6
VBE(on) @ V CE = 1.0 V
0.4 0.2 VCE(sat) @ I C/IB = 10 0 0.5
1.0
2.0 3.0 5.0
10
20 30 50
100 200 300 500
1.0
2.0
5.0
10
20
50
100 200
500
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
F IG 5.
DC C urrent G ain
F IG 6. "ON " Voltages
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
TJ = 25 C 0.8 IC = 50 mA IC = 100 mA IC = 250 mA IC = 500 mA
R VB , TEMPERATURE COEFFICIENT (mV/ C)
1.0
-0.8
-1.2
0.6
-1.6 -2.0 R VB for VBE
0.4 0.2 0 IC = 10 mA
-2.4 -2.8
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
0.5
1.0
2.0
5.0
10
20
50
100 200
500
IB, BASE CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
F IG 7. C ollec tor S aturation R egion
F IG 8. B as e-E mitter Temperature C oeffic ient
WEITRON
http://www.weitron.com.tw
MMBTA05 MMBTA06
SOT-23 Package Outline Dimensions
Unit:mm
A
T OP V IE W
B
C
E
G H
D
K J L M
Dim Min Max A 0.35 0.51 B 1.19 1.80 C 2.10 3.00 D 0.85 1.05 E 0.46 1.00 G 1.70 2.10 H 2.70 3.10 J 0.01 0.13 K 0.89 1.60 L 0.30 0.61 M 0.076 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of MMBTA06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X