Part Number Hot Search : 
89C51 SB520 0K022 121AS GR40N60 U15A50 CXA1332M HD6433
Product Description
Full Text Search
 

To Download MMBT4403LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
SOT-23 Plastic-Encapsulate Transistors
SOT-23
MMBT4403LT1
TRANSISTOR (PNP)
1. BASE 2. EMITTER
TJ, Tstg: -55 to +150
0. 95
Unit: mm
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter
unless otherwise specified)
Symbol Test conditions MIN MAX UNIT
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency
V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat)
Ic=-100A , IE=0 IC= -1mA , IB=0 IE=-100A, IC=0 VCB=-35V, IE=0 VCE=-35V, IB=0 VEB=-4V, IC=0 VCE=-2V, IC= -150mA IC=-150mA, IB=-15mA IC=- 150mA, IB=-15mA VCE= -10V, IC= -20mA
-40 -40 -5 -0.1 -0.1 -0.1 100 300 -0.4 -0.95 200
0. 4
FEATURES Power dissipation 0.3 W (Tamb=25) PCM: Collector current -0.6 A ICM: Collector-base voltage -40 V V(BR)CBO: Operating and storage junction temperature range
3. COLLECTOR
1. 0
2. 4 1. 3
2. 9
1. 9
0. 95
V V V A A A
V V MHz
fT
f = 100MHz
DEVICE MARKING
MMBT4403LT1=2T


▲Up To Search▲   

 
Price & Availability of MMBT4403LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X