Part Number Hot Search : 
1E475 HPR123C ILX485DT STPS20 CT100 4SW220M HPR100C LM64P12
Product Description
Full Text Search
 

To Download MLV3225A121PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MLV3225L180PT THRU MLV3225A121PT
Features
* * * *
Monolithic Multilayer Construction with and 3225 Model Sizes Available in Tape and Reel or Bulk Pack Wide Operating Voltage Range VDC=18V to 120V Excellent Nonlinear Voltage-Current Characteristics with Low Clamping Voltage and Large Surge Current/Energy Handing Capabilities at Small Size
Normal Type Multilayer Varistor
Maximum Ratings
Reference Data
Parameter Response time Leakage current at VV x 80% Leakage current at VV x 80% (After reality Test) Operating ambient temperature Storage temperature Reflow solder profile temperature (Recommend) Other Data Body End termination Packaging Complies with Standard Procedure Marking ZnO Ag/Sn/Ni plated Reel IEC61000-4-5 Single None
Size DIM L W T INCHES MIN 0.118 0.091 --MAX 0.134 0.106 0.059 MIN 3.00 2.30 --MM MAX 3.40 2.70 1.50
Symbol Trise IVV IVVA
Value <1 <50 <200 -55 ~ +85 -55 ~ +125 225
Unit ns A A
W
T L
3225
www.mccsemi.com
Revision: 1 2005/07/20
MLV3225L180PT THRU MLV3225A121PT
Device Ratings and Specifications
Maximum Ratings (125)
MCC
Micro Commercial Components
TM
Specifications(25) Nominal Voltage at 1mA(DC) VN(DC) (V) 22.0~28.0 35.0~43.0 50.0~61.0 22.0~28.0 24.0~30.0 29.0~38.0 35.0~43.0 42.3~51.7 50.0~61.0 61.2~74.0 74.0~90.0 91.0~115.0 135.0~165.0 Typical Capacitanc e @ 1MHz C (pF) 1660 630 315 2800 2050 1480 1150 950 715 500 370 200 65
Part Number
Maximum Clamping Maximum Non- Maximum NonMaximum Voltage at Repetitive Surge Repetitive Surge Continuous Working Specified Current Energy Voltage Current @ 10A (8/20us) (10/1000 us) (8/20us) VM(AC) ITM WTM VC VM(DC) (V) (V) (A) (J) (V) 18 30 45 18 22 26 30 38 45 56 68 85 120 14 25 35 14 17 20 25 30 35 40 50 60 107 200 200 220 400 300 300 280 250 250 250 250 250 125 1.5 0.9 0.9 1.5 1.7 1.9 1.2 2.0 2.0 2.3 1.5 1.5 1.5 40 65 90 40 44 54 62 78 90 110 135 165 230
MLV3225L180PT MLV3225L300PT MLV3225L450PT MLV3225A180PT MLV3225A220PT MLV3225A260PT MLV3225A300PT MLV3225A380PT MLV3225A450PT MLV3225A560PT MLV3225A680PT MLV3225A850PT MLV3225A121PT
www.mccsemi.com
Revision: 1 2005/07/20


▲Up To Search▲   

 
Price & Availability of MLV3225A121PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X