Part Number Hot Search : 
CWP060 BZ5239 GLZJ56 RD27JSAB GLZJ56 PD2504 64V32 87C51F
Product Description
Full Text Search
 

To Download MC14578 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
MC14578 Rev 2, 05/2005
CMOS Micro-Power Comparator plus Voltage Follower
The MC14578 is an analog building block consisting of a very-high input impedance comparator. The voltage follower allows monitoring the noninverting input of the comparator without loading. Four enhancement-mode MOSFETs are also included on chip. These FETs can be externally configured as open-drain or totem-pole outputs. The drains have on-chip static-protecting diodes. Therefore, the output voltage must be maintained between VSS and VDD. The chip requires one external component. A 3.9 M 10% resistor must be connected from the Rbias pin to VDD. This circuit is designed to operate in smoke detector systems that comply with UL217 and UL268 specifications. Features * Applications: Pulse Shapers Line-Powered Smoke Detectors Threshold Detectors Liquid/Moisture Sensors Low-Battery Detectors CO Detector and Micro Interface Operating Voltage Range: 3.5 to 14 V Operating Temperature Range: -30 to 70C Input Current (IN + Pin): 1 pA @ 25C (DIP Only) Quiescent Current: 10 A @ 25C Electrostatic Discharge (ESD) Protection Circuitry on All Pins ORDERING INFORMATION
Device MC14578P Temperature Range -30 to 70C Case No. 648-08 Package Plastic Dip
MC14578
CMOS MICRO-POWER COMPARATOR PLUS VOLTAGE FOLLOWER
P SUFFIX PLASTIC DIP CASE 648-08
* * * * *
VDD Comp OUT IN A IN B OUT A OUT B IN C OUT C1
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
NC IN + NC Buff OUT IN- Rbias VSS OUT C2
Figure 1. Pin Connections
(c) Freescale Semiconductor, Inc., 2005. All rights reserved.
IN +
15
+
IN - 12
Comp
-
2
Comp OUT
IN A
3
5 Rbias 11 Bias Ckt 6
OUT A OUT B
9 IN C 7 8
OUT C2 OUT C1
+
Buff
-
13
Buff OUT
IN B
4 Pin 1 = VDD Pin 10 = VSS Pin 14, 16 = No Connection
Figure 2. Block Diagram Table 1. Maximum Ratings(1) (Voltages Referenced to VSS)
Rating DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Current, Except IN + DC Output Current, IN + DC Output Current, per Pin DC Supply Current, VDD and VSS Pins Power Dissipation, per Package Storage Temperature Lead Temperature (10-Second Soldering) Symbol VDD Vin Vout Iin Iin Iout IDD PD Tstg TL Value -0.5 to +14 -0.5 to VDD +0.5 -0.5 to VDD +0.5 10 1.0 25 50 500 -65 to + 150 260 Unit V V V mA mA mA mA mW C C
1. Maximum Ratings are those values beyond which damage to the device may occur. This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
MC14578 2 Sensors Freescale Semiconductor
Table 2. Electrical Characteristics (Voltages Referenced to VSS, Rbias = 3.9 M to VDD, TA = -30 to 70C Unless Otherwise Indicated)
Characteristic Power Supply Voltage Range Maximum Low-Level Input Voltage, MOSFETs Wired as Inverters; i.e., IN A tied to IN B, OUT A to OUT B, OUT C1 to OUT C2 Minimum High-Level Input voltage, MOSFETs Wired as Inverters; i.e., IN A tied to IN B, OUT A to OUT B, OUT C1 to OUT C2 Comparator Input Offset Voltage Symbol VDD VIL Vout = 9.0 V, IIoutI <1 A Test Condition VDD VDC -- 10.0 Guaranteed Limit 3.5 to 14.0 2.0 Unit V V
VIH
Vout = 1.0 V, IIoutI <1 A
10.0
8.0
V
VIO
TA = 25C, Over Common Mode Range TA = 0 to 50C, Over Common Mode Range
10.0 3.5 to 14.0 3.5 to 14.0
50 75 0.7 to VDD - 1.5 0.5 9.5 100 0.5 0.5 9.5 9.5 1.0 6.0 40 100 100 10
mV
Comparator Common Mode Voltage Range Maximum Low-Level Comparator Output Voltage Minimum High-Level Comparator Output Voltage Buffer Amp Output Offset Voltage Maximum Low-Level Input Voltage, MOSFETs Wired as Inverters; i.e., IN A tied to IN B, OUT A to OUT B, OUT C1 to OUT C2 Minimum High-Level Input Voltage, MOSFETs Wired as Inverters; i.e., IN A tied to IN B, OUT A to OUT B, OUT C1 to OUT C2 Maximum Input Leakage Current IN + (DIP Only) IN + (DIP Only) IN + (SOG), IN A, IN B, IN C, IN - Maximum Off-State MOSFET Leakage Current
VCM VOL VOH VOO VOL IN +: Vin = VSS, IN -: Vin = VDD, Iout = 30 A IN +: Vin = VDD, IN -: Vin= VSS, Iout = -30 A Rload = 10 M to VDD or VSS, Over Common Mode Range OUT C1, OUT C2, Iout = 1.1 mA OUT A, OUT B, Iout = 270 A VOH OUT C1, OUT C2, Iout = -1.1 mA OUT A, OUT B, Iout = 270 A Iin TA = 25C, 40% R.H., Vin = VSS or VDD TA = 50C, Vin = VSS or VDD Vin = VSS or VDD IOZ IN A, IN C: Vin = VDD, OUT A, OUT C2: Vout = VSS or VDD IN B, IN C: Vin = VSS, OUT B, OUT C1: Vout = VSS or VDD
V V V mV V V V V pA
10.0 10.0 -- 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
nA nA
Maximum Quiescent Current
IDD
TA = 25C IN A, IN B, IN C: Vin = VSS or VDD, IVIN + - VIN - I = 100 mV Iout = 0 A f = 1 kHz
A
Maximum Input Capacitance
IN + Other Inputs
Cin
-- --
5.0 15
pF
MC14578 Sensors Freescale Semiconductor 3
APPLICATIONS INFORMATION
V+ MC14578 1 VDD NC 16
V+
R1
2
COMP OUT
IN +
15
3
IN A
NC
14 R2 13 R3
4 R5 6.8 k Low-battery Indicator D2 6
IN B
BUFF OUT
5
OUT A
IN -
12
V+ R4 3.9 M
D1
OUT B
RBIAS
11
7
IN C
VSS
10
8
OUT C1
OUT C2
9 High = Battery Low Low = Battery Ok
OUTPUT NOTE: IN + and IN - have very high input impedance. Interconnect to these pins should be as short as possible.
Figure 3. Low-Battery Detector
EXAMPLE VALUES Near the switchpoint, the comparator output in the circuit of Figure 3. may chatter or oscillate. This oscillation appears on the signal labelled OUTPUT. In some cases, the oscillation in the transition region will not cause problems. For example, an MPU reading OUTPUT could sample the signal two or three times to ensure a solid level is attained. But, in a low battery detector, this probably is not necessary. To eliminate comparator chatter, hysteresis can be added as shown in Figure 4.. The circuit of Figure 4. requires slightly more operating current than the Figure 3. arrangement.
R1 470 k 820 k 1.2 M
R2 1.3 M 1.2 M 1.2 M 12 R6 15
R3 20 k 39 k 62 k
Nominal Tip Point 4.08 V 5.05 V 6.00 V
2
R7
Figure 4. Adding Hysteresis
MC14578 4 Sensors Freescale Semiconductor
PACKAGE DIMENSIONS
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL.
DIM A B C D F G H J K L M S INCHES MILLIMETERS MIN MAX MIN MAX 0.740 0.770 18.80 19.55 0.250 0.270 6.35 6.85 0.145 0.175 3.69 4.44 0.015 0.021 0.39 0.53 0.040 0.70 1.02 1.77 0.100 BSC 2.54 BSC 0.050 BSC 1.27 BSC 0.008 0.015 0.21 0.38 0.110 0.130 2.80 3.30 0.295 0.305 7.50 7.74 0 10 0 10 0.020 0.040 0.51 1.01
-A16 9
B
1 8
F S
C
L
-TH G D
16 PL
SEATING PLANE
K
J
M
0.25 (0.010)
M
TA
M STYLE 2: PIN 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. 15. 16.
STYLE 1: PIN 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. 15. 16.
CATHODE CATHODE CATHODE CATHODE CATHODE CATHODE CATHODE CATHODE ANODE ANODE ANODE ANODE ANODE ANODE ANODE ANODE
COMMON DRAIN COMMON DRAIN COMMON DRAIN COMMON DRAIN COMMON DRAIN COMMON DRAIN COMMON DRAIN COMMON DRAIN GATE SOURCE GATE SOURCE GATE SOURCE GATE SOURCE
CASE 648-08 ISSUE R 16-LEAD PLASTIC DIP
MC14578 Sensors Freescale Semiconductor 5
NOTES
MC14578 6 Sensors Freescale Semiconductor
NOTES
MC14578 Sensors Freescale Semiconductor 7
How to Reach Us:
Home Page: www.freescale.com E-mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1-800-521-6274 or +1-480-768-2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2005. All rights reserved.
MC14578 Rev. 2 05/2005


▲Up To Search▲   

 
Price & Availability of MC14578

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X